Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

60CTQ045PBF Datasheet(PDF) 6 Page - International Rectifier

Part # 60CTQ045PBF
Description  SCHOTTKY RECTIFIER 60 Amp
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

60CTQ045PBF Datasheet(HTML) 6 Page - International Rectifier

  60CTQ045PBF Datasheet HTML 1Page - International Rectifier 60CTQ045PBF Datasheet HTML 2Page - International Rectifier 60CTQ045PBF Datasheet HTML 3Page - International Rectifier 60CTQ045PBF Datasheet HTML 4Page - International Rectifier 60CTQ045PBF Datasheet HTML 5Page - International Rectifier 60CTQ045PBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
60CTQ045PbF
Bulletin PD-20856 10/04
6
www.irf.com
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 10/04
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level and Lead-Free.
Qualification Standards can be found on IR's Web site.
Ordering Information Table
60
C
T
Q 045 PbF
Device Code
1
5
2
4
3
6
1
-
Current Rating (60 = 60A)
2
-
Circuit Configuration
C = Common Cathode
3
-
Package
T = TO-220
4
-
Schottky "Q" Series
5
-
Voltage Rating (045 = 45V)
6
-
none = Standard Production
PbF = Lead-Free
Tube Standard Pack Quantity : 50 pieces


Similar Part No. - 60CTQ045PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
60CTQ045PBF VISHAY-60CTQ045PBF Datasheet
108Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 13-Aug-08
60CTQ045PBF VISHAY-60CTQ045PBF Datasheet
155Kb / 7P
   Schottky Rectifier, 2 x 30 A
Revision: 29-Aug-11
logo
Thinki Semiconductor Co...
60CTQ045PBF THINKISEMI-60CTQ045PBF Datasheet
531Kb / 2P
   60 Ampere,45 Volt Dual Common Cathode Super Schottky Barrier Rectifier
Rev.12T
More results

Similar Description - 60CTQ045PBF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SBR6090 MICROSEMI-SBR6090 Datasheet
127Kb / 2P
   60 Amp Schottky Rectifier
MS60180 MICROSEMI-MS60180 Datasheet
141Kb / 2P
   60 Amp Schottky Rectifier
SBR6030L MICROSEMI-SBR6030L Datasheet
126Kb / 2P
   60 Amp Schottky Rectifier
SBR6035PF MICROSEMI-SBR6035PF Datasheet
113Kb / 2P
   60 Amp Schottky Rectifier
SD51 MICROSEMI-SD51 Datasheet
127Kb / 2P
   60 Amp Schottky Rectifier
SBR6035 MICROSEMI-SBR6035_07 Datasheet
139Kb / 2P
   60 Amp Schottky Rectifier
logo
International Rectifier
60CPQ150PBF IRF-60CPQ150PBF Datasheet
203Kb / 6P
   SCHOTTKY RECTIFIER 60 Amp
logo
Microsemi Corporation
FST65150 MICROSEMI-FST65150 Datasheet
150Kb / 2P
   60 AMP SCHOTTKY RECTIFIER
SBR60150 MICROSEMI-SBR60150 Datasheet
138Kb / 2P
   60 AMP SCHOTTKY RECTIFIER
SBR6035PF MICROSEMI-SBR6035PF_07 Datasheet
121Kb / 2P
   60 Amp Schottky Rectifier
logo
International Rectifier
60CTQ150PBF IRF-60CTQ150PBF Datasheet
611Kb / 6P
   SCHOTTKY RECTIFIER 60 Amp
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com