Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

60CTQ045PBF Datasheet(PDF) 4 Page - International Rectifier

Part # 60CTQ045PBF
Description  SCHOTTKY RECTIFIER 60 Amp
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

60CTQ045PBF Datasheet(HTML) 4 Page - International Rectifier

  60CTQ045PBF Datasheet HTML 1Page - International Rectifier 60CTQ045PBF Datasheet HTML 2Page - International Rectifier 60CTQ045PBF Datasheet HTML 3Page - International Rectifier 60CTQ045PBF Datasheet HTML 4Page - International Rectifier 60CTQ045PBF Datasheet HTML 5Page - International Rectifier 60CTQ045PBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
60CTQ045PbF
Bulletin PD-20856 10/04
4
www.irf.com
Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
Fig. 5 - Max. Allowable Case Temperature
Vs. Average Forward Current
Fig. 6 - Forward Power Loss Charac-
teristics
Average Forward Current - I
F(AV) (A)
Average Forward Current - I
F(AV) (A)
Square Wave Pulse Duration - t
p (microsec)
100
1000
10000
10
100
1000
10000
At Any Rated Load Condition
And With Rated Vrrm Applied
Following Surge
0
5
10
15
20
25
30
0
5
10 15 20 25 30 35 40 45
DC
RMS Limit
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
DC
(2) Formula used: T
C = TJ - (Pd + PdREV) x RthJC ;
Pd = Forward Power Loss = I
F(AV) x VFM @ (IF(AV) / D) (see Fig. 6);
Pd
REV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 80% rated VR
60
70
80
90
100
110
120
130
140
150
160
0
5
10 15 20 25 30 35 40 45
DC
see note (2)
Square wave (D = 0.50)
80% Rated Vr applied


Similar Part No. - 60CTQ045PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
60CTQ045PBF VISHAY-60CTQ045PBF Datasheet
108Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 13-Aug-08
60CTQ045PBF VISHAY-60CTQ045PBF Datasheet
155Kb / 7P
   Schottky Rectifier, 2 x 30 A
Revision: 29-Aug-11
logo
Thinki Semiconductor Co...
60CTQ045PBF THINKISEMI-60CTQ045PBF Datasheet
531Kb / 2P
   60 Ampere,45 Volt Dual Common Cathode Super Schottky Barrier Rectifier
Rev.12T
More results

Similar Description - 60CTQ045PBF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SBR6090 MICROSEMI-SBR6090 Datasheet
127Kb / 2P
   60 Amp Schottky Rectifier
MS60180 MICROSEMI-MS60180 Datasheet
141Kb / 2P
   60 Amp Schottky Rectifier
SBR6030L MICROSEMI-SBR6030L Datasheet
126Kb / 2P
   60 Amp Schottky Rectifier
SBR6035PF MICROSEMI-SBR6035PF Datasheet
113Kb / 2P
   60 Amp Schottky Rectifier
SD51 MICROSEMI-SD51 Datasheet
127Kb / 2P
   60 Amp Schottky Rectifier
SBR6035 MICROSEMI-SBR6035_07 Datasheet
139Kb / 2P
   60 Amp Schottky Rectifier
logo
International Rectifier
60CPQ150PBF IRF-60CPQ150PBF Datasheet
203Kb / 6P
   SCHOTTKY RECTIFIER 60 Amp
logo
Microsemi Corporation
FST65150 MICROSEMI-FST65150 Datasheet
150Kb / 2P
   60 AMP SCHOTTKY RECTIFIER
SBR60150 MICROSEMI-SBR60150 Datasheet
138Kb / 2P
   60 AMP SCHOTTKY RECTIFIER
SBR6035PF MICROSEMI-SBR6035PF_07 Datasheet
121Kb / 2P
   60 Amp Schottky Rectifier
logo
International Rectifier
60CTQ150PBF IRF-60CTQ150PBF Datasheet
611Kb / 6P
   SCHOTTKY RECTIFIER 60 Amp
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com