Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NEV1M50 Datasheet(PDF) 1 Page - NTE Electronics

Part # NEV1M50
Description  ALUMINUM ELECTROLYTIC 6.3V to 100V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NEV1M50 Datasheet(HTML) 1 Page - NTE Electronics

  NEV1M50 Datasheet HTML 1Page - NTE Electronics NEV1M50 Datasheet HTML 2Page - NTE Electronics NEV1M50 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NEV, NEH SERIES
ALUMINUM ELECTROLYTIC 6.3V to 100V
2
NTE Electronics, Inc.
D Voice (800) 631-1250 (973) 748-5089 D FAX (973) 748-6224 D http://www.nteinc.com
SUBMINIATURE
(NEV: Radial Lead, NEH: Axial Leads)
The NEV and NEH series subminiature aluminum electrolytic ca-
pacitors are especially suitable for applications requiring high ca-
pacitance, low cost, and very small size. In fact, you’ll find these
capacitors in some of the most demanding applications, from
precision medical electronics and automobiles to the newest
personal computers and disk drives.
They operate over a broad temperature range and are available
in either blister pack or bulk.
RATINGS
Capacitance Range: 0.1
µf to 22,000µf
Tolerance:
±20%
Voltage Range: 6.3V to 100V
PERFORMANCE SPECIFICATIONS
Operating Temperature Range:
-40
°C to +85°C (-40°F to +185°F)
Leakage Current: I
≤ 0.01CV + 3µA (measured after
3 minutes of applied voltage)
I = Leakage Current (
µA)
C = Nominal Capacitance (
µf)
V = Rated Voltage (V)
Capacitance Tolerance (M):
±20%
measured at +20
°C (+68°F), 120HZ
Dissipation Factor: measured at +20
°C (+68°F),120HZ
Rated Voltage
6.3
10
16
25
35
50 - 80
100
0.1
µf to 1000µf
0.24
0.2
0.17
0.15
0.12
0.10
0.08
1000
µf to 22,000µf
Values above plus 0.02 for each 1000
µf
Impedance Ratio at Low Temperature: 120HZ
Comparison Z WV
6.3
10
16
25
35
50 - 100
Z @ - 25
°C (-13°F)/
Z @ +20
°C (+68°F)
4
3
2
2
2
2
Z @ - 40
°C (-40°F)/
Z @ +20
°C (+68°F)
8
6
4
4
4
4
Surge Voltage:
DC Rated Voltage
6.3
10
16
25
35
50
63
100
Surge Voltage
8
13
20
32
44
63
79
125
Load Life: 1000
±12Hrs @ +85°C (+185°F),
at rated voltage
Leakage Current: Within values specified above
Dissipation Factor: Within
±150% of specified value
Capacitance Change Max: See Table
Rated Voltage
Capacitance Change Max
6.3V to 16V
Within
±30% of the initial value
25V to 100V
Within
±20% of the initial value
Shelf Life: 1000 Hrs @ +85
°C (+185°F),
no voltage applied
Leakage Current: Within
±200% of specified value
Dissipation Factor: Within
±150% of specified value
Capacitance Change Max: Within
±20% of initial value
MECHANICAL SPECIFICATIONS
Lead Solderability:
Meets the requirements of MIL - STD 202, Method 208
Marking:
Consists of series type, nominal capacitance, rated
voltage, temperature range, anode and/or cathode
identification, vendor identification.
Recommended Cleaning Solvents:
Methanol, isopropanol ethanol, isobutanol, petroleum
ether, propanol and/or commercial detergents. Halo-
genated hydrocarbon cleaning agents such as Freon
(MF, TF, or TC), trichloroethylene, trichloroethane, or
methylchloride are not recommended as they may
damage the capacitor.
CASE SIZE AND DIMENSIONS:
D’ Ø = D Ø + 0.5 Max
L’ = L + 1.0 Max at D Ø
≤ 8.0
L’ = L + 2.0 Max at D Ø
≥ 10.0
D’ Ø = D Ø + 0.5 Max
L’ = L + 1.0 Max at D Ø
≤ 8.0
L’ = L + 2.0 Max at D Ø
≥ 10.0
NEV SERIES
NEH SERIES (Insulating Bar = Negative)
Insulating
Sleeve
L
35.0 Min
35.0 Min
L’
2.3 Max
d Ø
D Ø
D’ Ø
D Ø
D’ Ø
Insulating
Sleeve
d Ø
L
L’
5.0 Min
18.0 Min
A
±0.5


ORDERING INFORMATION
NEV
47
M
50
Series
Capacitance
Tolerance
Voltage


Similar Part No. - NEV1M50

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NEVH1.0M160 NTE-NEVH1.0M160 Datasheet
23Kb / 2P
   ALUMINUM ELECTROLYTIC 160V to 450V
NEVH1.0M250 NTE-NEVH1.0M250 Datasheet
23Kb / 2P
   ALUMINUM ELECTROLYTIC 160V to 450V
NEVH1.0M350 NTE-NEVH1.0M350 Datasheet
23Kb / 2P
   ALUMINUM ELECTROLYTIC 160V to 450V
NEVH1.0M450 NTE-NEVH1.0M450 Datasheet
23Kb / 2P
   ALUMINUM ELECTROLYTIC 160V to 450V
NEVH100M160 NTE-NEVH100M160 Datasheet
23Kb / 2P
   ALUMINUM ELECTROLYTIC 160V to 450V
More results

Similar Description - NEV1M50

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NEVH47M160 NTE-NEVH47M160 Datasheet
23Kb / 2P
   ALUMINUM ELECTROLYTIC 160V to 450V
logo
Cornell Dubilier Electr...
MLSG_S CDE-MLSG_S Datasheet
333Kb / 7P
   Aluminum Electrolytic
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com