Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

10ETF12PBF Datasheet(PDF) 5 Page - International Rectifier

Part No. 10ETF12PBF
Description  FAST SOFT RECOVERY RECTIFIER DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10ETF12PBF Datasheet(HTML) 5 Page - International Rectifier

  10ETF12PBF Datasheet HTML 1Page - International Rectifier 10ETF12PBF Datasheet HTML 2Page - International Rectifier 10ETF12PBF Datasheet HTML 3Page - International Rectifier 10ETF12PBF Datasheet HTML 4Page - International Rectifier 10ETF12PBF Datasheet HTML 5Page - International Rectifier 10ETF12PBF Datasheet HTML 6Page - International Rectifier 10ETF12PBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
10ETF12PbF QUIET
IR Series
Bulletin I2188 12/04
www.irf.com
Fig. 14 - Thermal Impedance ZthJC Characteristics
Fig. 12 - Recovery Current Characteristics, T
J = 25°C
Fig. 13 - Recovery Current Characteristics, T
J = 150°C
Fig. 10 - Recovery Charge Characteristics, T
J = 25°C
Fig. 11 - Recovery Charge Characteristics, T
J = 150°C
0
0.4
0.8
1.2
1.6
2
0
40
80
120
160
200
Rate Of Fall Of Forward Current - di/ dt (A/ µs)
1 A
5 A
I
= 10 A
FM
2 A
8 A
10ETF.. Series
T = 25 °C
J
0
1
2
3
4
5
0
40
80
120
160
200
Rate Of Fall Of Forward Current - di/ dt (A/ µs)
1 A
5 A
I
= 10 A
FM
2 A
8 A
10ETF.. Series
T = 150 °C
J
0
4
8
12
16
20
0
40
80
120
160
200
Rate Of Fall Of Forward Current - di/ dt (A/ µs)
1 A
5 A
8 A
2 A
I
= 10 A
FM
10ETF.. Series
T = 25 °C
J
0
5
10
15
20
25
0
40
80
120
160
200
Rate Of Fall Of Forward Current - di/ dt (A/ µs)
1 A
5 A
I
= 10 A
FM
8 A
2 A
10ETF.. Series
T = 150 °C
J
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
Steady State Value
(DC Operation)
Single Pulse
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08
10ETF.. Series


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
10ETF06PBF FAST SOFT RECOVERY RECTIFIER DIODE Lead-Free 1  2  3  4  5  More International Rectifier
10ETF10FP FAST SOFT RECOVERY RECTIFIER DIODE 1  2  3  4  5  More International Rectifier
20ETF12SPBF FAST SOFT RECOVERY RECTIFIER DIODE Lead-Free PbF suffix 1  2  3  4  5  More International Rectifier
IRG4PC50UDPBF INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1  2  3  4  5  More International Rectifier
PR1001_1 1.0A FAST RECOVERY RECTIFIER 1  2  3  Diodes Incorporated
HFA140NH60 Ultrafast Soft Recovery Diode 1  2  3  4  5  International Rectifier
DSEP2X31-03A HiPerFRED TM Epitaxial Diode with soft recovery 1  2  IXYS Corporation
BY223-600 FAST RECOVERY RECTIFIER DIODES 1  2  3  4  5  STMicroelectronics
PR2001_1 2.0A FAST RECOVERY RECTIFIER 1  2  3  Diodes Incorporated
1S1834 FAST RECOVERY RECTIFIER 1  2  List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn