Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

10ETF06PBF Datasheet(PDF) 2 Page - International Rectifier

Part No. 10ETF06PBF
Description  FAST SOFT RECOVERY RECTIFIER DIODE Lead-Free
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

10ETF06PBF Datasheet(HTML) 2 Page - International Rectifier

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
10ETF06PbF QUIET
IR Series
Bulletin I2187 12/04
www.irf.com
I
F(AV) Max. Average Forward Current
10
A
@ T
C = 128° C, 180° conduction half sine wave
I
FSM
Max. Peak One Cycle Non-Repetitive
150
10ms Sine pulse, rated VRRMapplied
Surge Current
160
10ms Sine pulse, no voltage reapplied
I2t
Max. I2t for fusing
112.5
10ms Sine pulse, rated VRRMapplied
160
10ms Sine pulse, no voltage reapplied
I2√t
Max. I2√t for fusing
1600
A2√s
t = 0.1 to 10ms, no voltage reapplied
Part Number
V
RRM , maximum
V
RSM , maximum non repetitive
I
RRM
peak reverse voltage
peak reverse voltage
150°C
VV
mA
10ETF06PbF
600
700
2
Voltage Ratings
Absolute Maximum Ratings
Electrical Specifications
Recovery Characteristics
Parameters
10ETF..
Units
Conditions
A
A2s
V
FM
Max. Forward Voltage Drop
1.2
V
@ 10A, T
J = 25°C
r
t
Forward slope resistance
23.5
mΩ
T
J =
150°C
VF(TO) Threshold voltage
0.85
V
I
RM
Max. Reverse Leakage Current
0.1
T
J =
25 °C
3.0
TJ = 150 °C
Parameters
10ETF..
Units
Conditions
V
R = rated VRRM
mA
t
rr
Reverse Recovery Time
145
ns
I
F @ 10Apk
I
rr
Reverse Recovery Current
2.75
A
@ 25A/ µs
Qrr
Reverse Recovery Charge
0.32
µC
@ 25°C
S
Snap Factor
0.6
Parameters
10ETF..
Units
Conditions


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn