Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL4544IGZ Datasheet(PDF) 22 Page - Intersil Corporation

Part # EL4544IGZ
Description  Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4544IGZ Datasheet(HTML) 22 Page - Intersil Corporation

Back Button EL4544IGZ Datasheet HTML 18Page - Intersil Corporation EL4544IGZ Datasheet HTML 19Page - Intersil Corporation EL4544IGZ Datasheet HTML 20Page - Intersil Corporation EL4544IGZ Datasheet HTML 21Page - Intersil Corporation EL4544IGZ Datasheet HTML 22Page - Intersil Corporation EL4544IGZ Datasheet HTML 23Page - Intersil Corporation EL4544IGZ Datasheet HTML 24Page - Intersil Corporation EL4544IGZ Datasheet HTML 25Page - Intersil Corporation EL4544IGZ Datasheet HTML 26Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
22
FN7362.3
April 3, 2007
FIGURE 37. ANALOG CURRENT vs DIGITAL SUPPLY
VOLTAGE
FIGURE 38. SUPPLY CURRENT VERSUS SUPPLY VOLTAGE
BASE LINE IDLE - ALL INPUTS AND OUTPUTS
DISABLED
FIGURE 39. THIRD-ORDER INTERCEPT POINT vs
FREQUENCY GREEN CHANNEL
FIGURE 40. THIRD-ORDER INTERCEPT POINT vs
FREQUENCY BLUE CHANNEL
FIGURE 41. THIRD-ORDER INTERCEPT POINT vs
FREQUENCY RED CHANNEL
FIGURE 42. IP3 AVTOTAL = 4 BLUE CHANNEL
Typical Performance Curves (Continued)
0
50
100
150
200
250
300
350
400
450
500
0
0.5
1
1.5
2
2.5
3
DIGITAL SUPPLY VOLTAGE (V)
0
20
40
60
80
100
120
22.5
3
3.5
44.5
55.5
SUPPLY VOLTAGE (V)
MAIN VOLTAGE SUPPLY (Va)
Vd=3.0V RefOL=1.5V
0
5
10
15
20
25
30
35
40
1.0
10.0
100.0
FREQUENCY (MHz)
AVIN=1
AVIN=2
AVTOTAL=4
0
5
10
15
20
25
30
35
40
1.0
10.0
100.0
FREQUENCY (MHz)
AVTOTAL=4
AVIN=2
AVIN=1
0
5
10
15
20
25
30
35
40
1.0
10.0
100.0
FREQUENCY (MHz)
AVTOTAL=4
AVIN=2
AVIN=1
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
9.995 9.997 9.999 10.001 10.003 10.005 10.007 10.009
FREQUENCY (MHz)
IP3= 36.2
AVTOTAL=4
f1=10MHz
f2=10.004MHz
f2
f1
2f1-f2
2f2-f1
EL4544


Similar Part No. - EL4544IGZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4544IGZ INTERSIL-EL4544IGZ Datasheet
870Kb / 26P
   Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
EL4544IGZ INTERSIL-EL4544IGZ Datasheet
816Kb / 26P
   Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
EL4544IGZ INTERSIL-EL4544IGZ Datasheet
1Mb / 26P
   Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
February 23, 2012
logo
Renesas Technology Corp
EL4544IGZ RENESAS-EL4544IGZ Datasheet
1Mb / 26P
   Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
More results

Similar Description - EL4544IGZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4544 INTERSIL-EL4544 Datasheet
870Kb / 26P
   Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
logo
Renesas Technology Corp
EL4544 RENESAS-EL4544 Datasheet
1Mb / 26P
   Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
logo
Intersil Corporation
EL4544IGZ INTERSIL-EL4544IGZ Datasheet
1Mb / 26P
   Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
February 23, 2012
EL4544_0712 INTERSIL-EL4544_0712 Datasheet
816Kb / 26P
   Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
logo
Maxim Integrated Produc...
MAX9830AEVKIT MAXIM-MAX9830AEVKIT Datasheet
905Kb / 4P
   Differential or Single-Ended Input
Rev 0; 8/09
logo
Texas Instruments
DEM-ADS807E TI1-DEM-ADS807E_14 Datasheet
328Kb / 9P
[Old version datasheet]   SINGLE-ENDED OR DIFFERENTIAL INPUT CONFIGURATION
logo
Analog Devices
ADUCM320I AD-ADUCM320I Datasheet
490Kb / 27P
   Fully differential and single-ended modes
ADUCM320 AD-ADUCM320 Datasheet
520Kb / 31P
   Fully differential and single-ended modes
logo
Maxim Integrated Produc...
MAX1181EVKIT MAXIM-MAX1181EVKIT Datasheet
497Kb / 9P
   Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 7/02
MAX1211EVKIT MAXIM-MAX1211EVKIT Datasheet
544Kb / 13P
   Fully Differential or Single-Ended Signal Input Configuration
Rev 1; 6/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com