Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL1516 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL1516
Description  Dual Ultra Low Noise Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1516 Datasheet(HTML) 1 Page - Intersil Corporation

  EL1516_06 Datasheet HTML 1Page - Intersil Corporation EL1516_06 Datasheet HTML 2Page - Intersil Corporation EL1516_06 Datasheet HTML 3Page - Intersil Corporation EL1516_06 Datasheet HTML 4Page - Intersil Corporation EL1516_06 Datasheet HTML 5Page - Intersil Corporation EL1516_06 Datasheet HTML 6Page - Intersil Corporation EL1516_06 Datasheet HTML 7Page - Intersil Corporation EL1516_06 Datasheet HTML 8Page - Intersil Corporation EL1516_06 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
®
FN7328.1
EL1516, EL1516A
Dual Ultra Low Noise Amplifier
The EL1516 is a dual, ultra low noise amplifier, ideally suited
to line receiving applications in ADSL, VDSL, and home
PNA designs. With low noise specification of just 1.3nV/
√Hz
and 1.5pA/
√Hz, the EL1516 is perfect for the detection of
very low amplitude signals.
The EL1516 features a -3dB bandwidth of 350MHz @ AV =-1
and is gain-of-2 stable. The EL1516 also affords minimal
power dissipation with a supply current of just 5.5mA per
amplifier. The amplifier can be powered from supplies ranging
from 5V to 12V.
The EL1516A incorporates an enable and disable function to
reduce the supply current to 5nA typical per amplifier,
allowing the EN pins to float or apply a low logic level will
enable the amplifiers.
The EL1516 is available in space-saving 8 Ld MSOP and
industry-standard 8 Ld SOIC packages and the EL1516A is
available in a 10 Ld MSOP package. All are specified for
operation over the -40°C to +85°C temperature range.
Pinouts
EL1516
(8 LD SOIC, 8 LD MSOP)
TOP VIEW
Features
• EL2227 upgrade replacement
• Voltage noise of only 1.3nV/
√Hz
• Current noise of only 1.5pA/
√Hz
• Bandwidth (-3dB) of 350MHz @ AV = -1
• Bandwidth (-3dB) of 250MHz @ AV = +2
• Gain-of-2 stable
• Just 5.5mA per amplifier
•100mA IOUT
• Fast enable/disable (EL1516A only)
• 5V to 12V operation
• Pb-free plus anneal available (RoHS compliant)
Applications
• ADSL receivers
• VDSL receivers
• Home PNA receivers
• Ultrasound input amplifiers
• Wideband instrumentation
• Communications equipment
• AGC and PLL active filters
• Wideband sensors
VINB+
VINA-
VS-
ENA
VINA+
VOUTA
VS+
VINB-
VS-
VS+
VINA+
VINA-
VOUTA
VOUTB
VINB-
VINB+
1
2
3
4
8
7
6
5
-
+
-
+
ENB
VOUTB
EL1516A
(10 LD MSOP)
TOP VIEW
1
2
3
4
10
9
8
7
5
6
Data Sheet
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2005, 2006. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
October 19, 2006


Similar Part No. - EL1516_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1516 INTERSIL-EL1516_07 Datasheet
361Kb / 17P
   Dual Ultra Low Noise Amplifier
More results

Similar Description - EL1516_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1516 INTERSIL-EL1516_07 Datasheet
361Kb / 17P
   Dual Ultra Low Noise Amplifier
EL1516 INTERSIL-EL1516 Datasheet
596Kb / 16P
   Dual Ultra Low Noise Amplifier
logo
Renesas Technology Corp
EL1516 RENESAS-EL1516 Datasheet
972Kb / 17P
   Dual Ultra Low Noise Amplifier
logo
New Japan Radio
NJM2122 NJRC-NJM2122 Datasheet
271Kb / 6P
   ULTRA LOW NOISE DUAL OPERATIONAL AMPLIFIER
logo
NEC
UPC4570 NEC-UPC4570 Datasheet
342Kb / 12P
   DUAL ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
logo
Exar Corporation
CLC1002 EXAR-CLC1002 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
Cadeka Microcircuits LL...
CLC1002 CADEKA-CLC1002 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
Exar Corporation
CLC1001 EXAR-CLC1001 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
Cadeka Microcircuits LL...
CLC1001 CADEKA-CLC1001 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
National Semiconductor ...
LMH6624 NSC-LMH6624_05 Datasheet
1Mb / 19P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com