Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EL5170 Datasheet(PDF) 2 Page - Intersil Corporation

Part No. EL5170
Description  100MHz Differential Twisted-Pair Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

EL5170 Datasheet(HTML) 2 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
FN7309.6
April 24, 2006
Ordering Information
PART NUMBER
PART MARKING
TAPE & REEL
PACKAGE
PKG. DWG. #
EL5170IS
5170IS
-
8 Ld SO
MDP0027
EL5170IS-T7
5170IS
7”
8 Ld SO
MDP0027
EL5170IS-T13
5170IS
13”
8 Ld SO
MDP0027
EL5170ISZ (See Note)
5170ISZ
-
8 Ld SO (Pb-Free)
MDP0027
EL5170ISZ-T7 (See Note)
5170ISZ
7”
8 Ld SO (Pb-Free)
MDP0027
EL5170ISZ-T13 (See Note)
5170ISZ
13”
8 Ld SO (Pb-Free)
MDP0027
EL5170IY
g
-
8 Ld MSOP
MDP0043
EL5170IY-T7
g
7”
8 Ld MSOP
MDP0043
EL5170IY-T13
g
13”
8 Ld MSOP
MDP0043
EL5170IYZ (See Note)
BAAVA
-
8 Ld MSOP (Pb-Free)
MDP0043
EL5170IYZ-T7 (See Note)
BAAVA
7”
8 Ld MSOP (Pb-Free)
MDP0043
EL5170IYZ-T13 (See Note)
BAAVA
13”
8 Ld MSOP (Pb-Free)
MDP0043
EL5370IU
EL5370IU
-
24 Ld QSOP
MDP0040
EL5370IU-T7
EL5370IU
7”
24 Ld QSOP
MDP0040
EL5370IU-T13
EL5370IU
13”
24 Ld QSOP
MDP0040
EL5370IUZ (See Note)
EL5370IUZ
-
24 Ld QSOP (Pb-Free)
MDP0040
EL5370IUZ-T7 (See Note)
EL5370IUZ
7”
24 Ld QSOP (Pb-Free)
MDP0040
EL5370IUZ-T13 (See Note)
EL5370IUZ
13”
24 Ld QSOP (Pb-Free)
MDP0040
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
EL5170, EL5370


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn