Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EL5170 Datasheet(PDF) 1 Page - Intersil Corporation

Part No. EL5170
Description  100MHz Differential Twisted-Pair Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

EL5170 Datasheet(HTML) 1 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
®
FN7309.6
EL5170, EL5370
100MHz Differential Twisted-Pair Drivers
The EL5170 and EL5370 are single and triple high
bandwidth amplifiers with a fixed gain of 2. They are
primarily targeted for applications such as driving twisted-
pair lines in component video applications. The inputs signal
can be in either single-ended or differential form but the
outputs are always in differential form.
The output common mode level for each channel is set by
the associated VREF pin, which have a -3dB bandwidth of
over 70MHz. Generally, these pins are grounded but can be
tied to any voltage reference.
All outputs are short circuit protected to withstand temporary
overload condition.
The EL5170 and EL5370 are specified for operation over the
full -40°C to +85°C temperature range.
Features
• Fully differential inputs and outputs
• Differential input range ±2.3V typ.
• 100MHz 3dB bandwidth at fixed gain of 2
• 1100V/µs slew rate
• Single 5V or dual ±5V supplies
• 50mA maximum output current
• Low power - 7.4mA per channel
• Pb-free plus anneal available (RoHS compliant)
Applications
• Twisted-pair drivers
• Differential line drivers
• VGA over twisted-pairs
• ADSL/HDSL drivers
• Single ended to differential amplification
• Transmission of analog signals in a noisy environment
Pinouts
EL5170
(8 LD SO, MSOP)
TOP VIEW
EL5370
(24 LD QSOP)
TOP VIEW
1
2
3
4
8
7
6
5
-
+
IN+
EN
IN-
REF
OUT+
VS-
VS+
OUT-
1
2
3
4
16
15
14
13
5
6
7
12
11
9
8
10
20
19
18
17
24
23
22
21
-
+
EN
INP1
INN1
REF1
NC
INP2
INN2
REF2
NC
INP3
INN3
REF3
OUT1
OUT1B
NC
VSP
VSN
NC
OUT2
OUT2B
NC
OUT3
OUT3B
NC
-
+
-
+
Data Sheet
April 24, 2006
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002-2004, 2006. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn