Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EL5170 Datasheet(PDF) 8 Page - Intersil Corporation

Part No. EL5170
Description  100MHz Differential Twisted-Pair Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

EL5170 Datasheet(HTML) 8 Page - Intersil Corporation

Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
FN7309.6
April 24, 2006
FIGURE 13. VCOM TRANSIENT RESPONSE
FIGURE 14. LARGE SIGNAL TRANSIENT RESPONSE
FIGURE 15. SMALL SIGNAL TRANSIENT RESPONSE
FIGURE 16. DISABLED RESPONSE
FIGURE 17. ENABLED RESPONSE
FIGURE 18. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
40ns/DIV
0.5V/DIV
20ns/DIV
500mV/DIV
20ns/DIV
100mV/DIV
486mW
θJA=206°C/W
MSOP8
870mW
θJA=115°C/W
QSOP24
1.2
1
0.8
0.6
0.4
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.2
625mW
θJA=160°C/W
SO8
EL5170, EL5370


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn