Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EL5170 Datasheet(PDF) 7 Page - Intersil Corporation

Part No. EL5170
Description  100MHz Differential Twisted-Pair Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

EL5170 Datasheet(HTML) 7 Page - Intersil Corporation

Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
FN7309.6
April 24, 2006
FIGURE 7. DIFFERENTIAL MODE OUTPUT BALANCE
ERROR vs FREQUENCY
FIGURE 8. INPUT VOLTAGE NOISE vs FREQUENCY
FIGURE 9. CHANNEL ISOLATION vs FREQUENCY
FIGURE 10. BANDWIDTH vs SUPPLY VOLTAGE
FIGURE 11. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 12. HARMONIC DISTORTION vs FREQUENCY
Typical Performance Curves (Continued)
100K
1M
10M
100M
FREQUENCY (Hz)
0
-10
-20
-30
-40
-50
-60
VIN
-
+
VCM
VODM
100
100
RT
R
VOCM/VODM
10
100
1000
10
100
1K
10K
100K
1M
10M
FREQENCY (Hz)
-110
-70
100K
1M
10M
100M
FREQENCY (Hz)
-100
-90
-80
-60
-50
-40
CH1<=>CH3
CH3<=>CH1
CH1<=>CH2
CH2<=>CH3
CH2<=>CH1
CH3<=>CH2
80
85
90
95
105
110
46
8
9
12
VS (V)
100
57
10
RLD = 200Ω
11
7.58
7.62
7.68
7.76
7.78
46
8
9
11
VS (V)
7.72
7.64
57
10
7.74
7.7
7.66
7.6
IS+
IS-
-50
-30
02
6
10
12
18
20
FREQUENCY (MHz)
414
-40
-70
-60
-90
-80
VS = ±5V, RLD = 200Ω, VOP-P = 2V
8
16
HD3
HD2
EL5170, EL5370


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn