Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EL5170 Datasheet(PDF) 3 Page - Intersil Corporation

Part No. EL5170
Description  100MHz Differential Twisted-Pair Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

EL5170 Datasheet(HTML) 3 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
FN7309.6
April 24, 2006
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage (VS+ to VS-) . . . . . . . . . . . . . . . . . . . . . . . . . . 12.6V
Maximum Output Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . ±60mA
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +135°C
Recommended Operating Temperature . . . . . . . . . .-40°C to +85°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
VS+ = +5V, VS- = -5V, TA = 25°C, VIN = 0V, AV = 2, RLD = 200Ω, CLD = 1pF, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
BW
-3dB Bandwidth
100
MHz
BW
± 0.1dB Bandwidth
12
MHz
SR
Slew Rate
VOUT = 2VP-P, 20% to 80%
800
1100
V/µs
TSTL
Settling Time to 0.1%
VOUT = 2VP-P
20
ns
TOVR
Output Overdrive Recovery time
40
ns
VREFBW (-3dB) VREF -3dB Bandwidth
AV =1, CLD = 2.7pF
70
MHz
VREFSR+
VREF Slew Rate - Rise
VOUT = 2VP-P, 20% to 80%
125
V/µs
VREFSR-
VREF Slew Rate - Fall
VOUT = 2VP-P, 20% to 80%
65
V/µs
VN
Input Voltage Noise
f = 10kHz
28
nV/
√Hz
HD2
Second Harmonic Distortion
VOUT = 2VP-P, 1MHz
-79
dBc
HD2
Second Harmonic Distortion
VOUT = 2VP-P, 10MHz
-65
dBc
HD3
Third Harmonic Distortion
VOUT = 2VP-P, 1MHz
-62
dBc
HD3
Third Harmonic Distortion
VOUT = 2VP-P, 10MHz
-43
dBc
dG
Differential Gain at 3.58MHz
RLD = 300Ω, AV = 2
0.14
%
d
θ
Differential Phase at 3.58MHz
RLD = 300Ω, AV = 2
0.38
°
eS
Channel Separation - For EL5370 only
at f = 1MHz
85
dB
INPUT CHARACTERISTICS
VOS
Input Referred Offset Voltage
±6
±25
mV
IIN
Input Bias Current (VIN, VINB)
-10
-6
-2
µA
IREF
Input Bias Current at REF Pin
VREF = +3.2V
0.5
1.25
3
µA
VREF = -3.2V
-1
0
+1
µA
Gain
Gain Accuracy
VIN = ±1V
1.98
2
2.02
V
RIN
Differential Input Resistance
300
k
CIN
Differential Input Capacitance
1pF
DMIR
Differential Mode Input Range
±2.1
±2.3
V
CMIR+
Common Mode Positive Input Range at
VIN+, VIN-
3.2
3.4
V
CMIR-
Common Mode Negative Input Range at
VIN+, VIN-
-4.5
-4.2
V
VREFIN
Reference Input Voltage Range - Positive VIN+ = VIN- = 0V
3.4
3.8
V
Reference Input Voltage Range -
Negative
-3.3
-3
V
VREFOS
Output Offset Relative to VREF
-140
60
+140
mV
EL5170, EL5370


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn