Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM5721 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # OM5721
Description  STB5660 Set-Top Box STB concept
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM5721 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button OM5721 Datasheet HTML 2Page - NXP Semiconductors OM5721 Datasheet HTML 3Page - NXP Semiconductors OM5721 Datasheet HTML 4Page - NXP Semiconductors OM5721 Datasheet HTML 5Page - NXP Semiconductors OM5721 Datasheet HTML 6Page - NXP Semiconductors OM5721 Datasheet HTML 7Page - NXP Semiconductors OM5721 Datasheet HTML 8Page - NXP Semiconductors OM5721 Datasheet HTML 9Page - NXP Semiconductors OM5721 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
1999 May 05
6
Philips Semiconductors
Product specification
STB5660 (Set-Top Box) STB concept
OM5721
2.2
Reference design goal
The Philips STB concept STB5660 is a reference design
of a complete hardware and software solution intended for
the digital satellite receiver Set-Top Box market. This
reference design addresses the potential customer base
who is targeting the new world of digital media
broadcasting. The reference platform for a Set-Top Box
combines the key ICs, the SAA7214 transport MPEG
source decoder and the SAA7215 AVG decoder/video
encoder, and the software to run a Set-Top Box.
As in many cases a platform is a stepping stone from
which evolution and specification enhancements can be
launched. The first reference design of the platform
contains the necessary functions which demonstrate the
performance and capabilities of the system.
Enhancements in the ICs as well as for SW modules will
be released during the lifetime of the platform.
The convention which has been used is that backwards
compatibility is guaranteed within the platform (STB5000
range).
The main objectives are:
• Firstly providing this complete system, greatly reduces
the required investments needed in scarce design
resources, and helps customers focus on building a
position and responding quickly to the market demand
• Secondly, an advantage of the reference design
approach is that the system consisting of complex
functions realized in silicon and software can be
validated in tangible results
• Thirdly, to create a stable platform from which
customized solutions can be derived faster.
It is expected that in the coming years the market will grow
in all segments, satellite, cable and terrestrial; and that the
captive broadcasters gradually open up their system,
focusing more on the services rather then the contents of
the box. Their service role at the beginning is to create the
market by having box content, then it will change towards
the real core service activities bringing content and new
services to the home.
This changing behaviour of the service providers calls for
the semiconductor providers to offer competitive solutions,
enabling the future dreams of the service providers. This
implies that in order to plan the evolution of the Set-Top
Box functionality, one must be positioned and in control of
the whole system.
2.3
Benefits
2.3.1
KEY SYSTEM BENEFITS
• STB5660 offers a good compromise between flexibility,
performance and integration of functions which leads to
a very attractive price/performance offer
• The SAA7214 performs the descrambling,
demultiplexing and control of the STB while the
SAA7215 performs the media processing functions such
as MPEG2 audio video and graphics processing.
The communication between the two ICs as well as the
memory partitioning and management have been
designed so that a true unified memory concept can be
implemented with no performance degradation.
• Within the STB family of products, HW and SW
footprints will be maintained to ensure the maximum
possible reuse of resources
• Philips offering the most comprehensive portfolio of ICs
combined with our well known technological capabilities
brings the best on a complete system level. This in
combination with our local technical support centres
gives the customer a fast and secure inroad to the new
field of emerging technology.
2.3.2
KEY IC BENEFITS
• SAA7214 incorporates a low cost high performance
32 bits MIPS processor with 4 kbytes instruction cache
and 1-kbyte data cache. In addition a 4-kbyte
second-level cache, designed for SW optimization but
can also be used for ‘last minute’ CPU intensive
software patches is offered to software developers,
boosting application performance.
• A flexible hardware/software partitioning and
optimization for DVB TS demultiplexing has been
designed targeted to Canal+ specification. This
partitioning makes parsing of incoming stream in
hardware, in order to off-load the processor and makes
most of the processing from system memory by the
MIPS processor, which leaves to software developers
the freedom to allocate the right priority at the
application level for MPEG system data handling.
• All required DVB/MPEG2 system services are covered
by SAA7214, such as full DVB descrambling, section
filtering with 32 PIDs handled in hardware and more if
required in software, TS/PES filter for maximum
flexibility in the service handling and edition (time base
discontinuity)


Similar Part No. - OM5721

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM5730 PHILIPS-OM5730 Datasheet
80Kb / 20P
   STB5860 Set-Top Box STB concept
1999 Aug 25
More results

Similar Description - OM5721

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM5730 PHILIPS-OM5730 Datasheet
80Kb / 20P
   STB5860 Set-Top Box STB concept
1999 Aug 25
logo
STMicroelectronics
EVL6566B-40WSTB STMICROELECTRONICS-EVL6566B-40WSTB Datasheet
288Kb / 5P
   Set-top box
logo
Faraday Technology
AH1013 FARADAY-AH1013 Datasheet
72Kb / 2P
   SET-TOP BOX FILTERS
logo
List of Unclassifed Man...
ES4227 ETC-ES4227 Datasheet
94Kb / 8P
   Internet Set-Top Box Solution
logo
Analog Devices
AD9877 AD-AD9877_17 Datasheet
491Kb / 37P
   Set-Top Box, Cable Modem
logo
FSP TECHNOLOGY INC.
FSP040-DGAA3 FSP-FSP040-DGAA3 Datasheet
109Kb / 1P
   IPC systems, Set top box
logo
Integrated Circuit Syst...
ICS615 ICST-ICS615 Datasheet
57Kb / 4P
   Set-Top Box Clock Source
logo
STMicroelectronics
STI5517 STMICROELECTRONICS-STI5517 Datasheet
95Kb / 3P
   Low-cost set-top box decoder
logo
Shanghai Leiditech Elec...
SD12C LEIDITECH-SD12C Datasheet
125Kb / 3P
   Set-top box and digital TV
logo
Skyworks Solutions Inc.
SI2144 SKYWORKS-SI2144 Datasheet
195Kb / 2P
   Worldwide Digital Set-Top Box Tuner
August 22, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com