Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RX1700-2.5 Datasheet(PDF) 5 Page - NTE Electronics

Part No. RX1700-2.5
Description  ECG Smoke Detector Tester
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

RX1700-2.5 Datasheet(HTML) 5 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
OSHA: NOT listed
MUTAGENCITY: Collective data indicate non-mutagenic.
TERATOGENIC EFFECTS: NOEL (rat and rabbit) – 40,000 ppm.
12. ECOLOGICAL INFORMATION
ENVIRONMENTAL DATA: Degradability (BOD): This material is a gas at room temperature; therefore, it is
unlikely to remain in water.
DISTRIBUTION: Octanol Water Partition Coefficient: Log P=1.06
13. DISPOSAL CONSIDERATIONS
DISPOSAL METHOD: Federal, State, and Local laws governing disposal of materials can differ. Ensure
compliance with proper authorities before disposal.
GENERAL COMMENTS: 1,1,1,2 – tetrafluoroethane is subject to U.S. Environmental Protection Agency Clean
Air Act Regulations, Section 608 in 40 CFR Part 82 regarding refrigerant recycling.
14. TRANSPORATION INFORMATION
DOT (DEPARTMENT OF TRANSPORATON)
PROPER SHIPPING NAME: CONSUMER COMMODITY ORM-D
TECHNICAL NAME: 1,1,1,2-Tetrafluoroethane
PRIMARY HAZARD CLASS/DIVISION: No classification
UN/NA NUMBER: NA
PACKING CODE GROUP: N/A
OTHER SHIPPING INFORMATION: Must have a copy of the DOT-E-10232 with each shipment.
AIR (ICAO/IATA)
PROPER SHIPPING NAME: CONSUMER COMMODITY ID8000
PRIMARY HAZARD CLASS/DIVISION: 9
UN/NA NUMBER: ID8000
PACKING CODE GROUP: N/A
IATA NOTE: Domestic shipments only. When shipping International contact TechSpray shipping department.
VESSEL (IMO/IMDG)
PROPER SHIPPING NAME: AEROSOLS IN LIMITED QUANTITES OF CLASS 2
PRIMARY HAZARD CLASS/DIVISION: 2.2
UN/NA NUMBER: UN1950
PACKING GROUP: N/A
IMDG NOTE: Page 2102
15. REGULATORY INFORMATION
UNITED STATES
SARA TITLE III (SUPERFUND AMENDMENTS AND REAUTHORIZATION ACT)
311/312 HAZARD CATEGORIES: IMMEDIATE / PRESSURE
PRESSURE GENERATING: YES
ACUTE: YES


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC145010Photoelectric Smoke Detector IC with I/O 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MC14568Low-Power CMOS Ionization Smoke Detector with Interconnect and Timer 1 2 3 4 5 MoreFreescale Semiconductor, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn