Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RX1700-2.5 Datasheet(PDF) 4 Page - NTE Electronics

Part No. RX1700-2.5
Description  ECG Smoke Detector Tester
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

RX1700-2.5 Datasheet(HTML) 4 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SKIN: Skin contact with liquid may cause frostbite. General work clothing and gloves (leather) should provide
adequate protection. If prolonged contact with the liquid or gas is anticipated, insulated gloves constructed of
PVA, neoprene or butyl rubber should be used. Any contaminated clothing should be promptly removed and
washed before reuse.
RESPIRATORY: A respiratory protection program that meets OSHA 1910.134 and ANSI Z88.2 requirements
must be followed whenever workplace conditions warrant a respirator’s use.
9. PHYSICAL AND CHEMICAL PROPERTIES
PHYICAL STATE: Gas
ORDOR: Faint ethereal order
pH: Neutral
PERCENT VOLATILE: 100 at 20˚C (68˚F)
VAPOR PRESSURE: 85.8 psi at 21.1˚C (70˚F)
VAPOR DENSITY: 3.0 (Air=1)
BOILING POINT: -16˚c (-27˚F)
SOLUBILITY IN WATER: Negligible
EVAPORATION RATE: >1 (H2O=1)
SPECIFIC GRAVITY: 1.22 (water=1) AT 20˚c (68˚F)
(VOC): 20 g/L (non exempt VOC)
10. STABILITY AND REACTIVITY
CONDITIONS TO AVOID: Stable. However, may decompose if heated.
STABILITY: Stable.
POLYMERIZATION: Will not occur.
HAZARDOUS DECPMPOSITION PRODUCTS: May form hydrochloric and hydrofluoric acids – possibly
carbonyl halides, when exposed to high temperatures.
INCOMPATIBLE MATERIALS: Chemically active metals: potassium, calcium, powdered aluminum, magnesium
and zinc.
11. TOXICOLOGICAL INFORMATION
ACUTE
INHALATION LC50: >500000 ppm, 4-hour
SENSITIZATION: Cardiac sensitization threshold (dog) 80,000 ppm. NOEL – 50,000 ppm.
SUBCHRONIC:
Subchronic inhalation (rat) NOEL – 50,000 ppm
Chronic NOEL – 10,000 ppm
CARCINOGENICITY:
IARC: NOT listed
NTP: NOT listed


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC145010Photoelectric Smoke Detector IC with I/O 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MC14568Low-Power CMOS Ionization Smoke Detector with Interconnect and Timer 1 2 3 4 5 MoreFreescale Semiconductor, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn