Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RX500-12 Datasheet(PDF) 6 Page - NTE Electronics

Part # RX500-12
Description  ECG Cleaner/Lubricant
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

RX500-12 Datasheet(HTML) 6 Page - NTE Electronics

  RX500-12 Datasheet HTML 1Page - NTE Electronics RX500-12 Datasheet HTML 2Page - NTE Electronics RX500-12 Datasheet HTML 3Page - NTE Electronics RX500-12 Datasheet HTML 4Page - NTE Electronics RX500-12 Datasheet HTML 5Page - NTE Electronics RX500-12 Datasheet HTML 6Page - NTE Electronics RX500-12 Datasheet HTML 7Page - NTE Electronics RX500-12 Datasheet HTML 8Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ECG Cleaner/Lubricant
Fumes/liquid -- Irritant
EYE EFFECTS: Mixture is a moderate eye irritant.
SKIN EFFECTS: Causes irritation to skin.
CARCINOGENICITY:
CARCINOGENICITY COMMENTS: Not listed as a carcinogen.
MUTAGENICITY: Collective data indicate non-mutagenic.
NEUROTOXICITY: Exposure to high concentrations may effect the nervous system.
TERATOGENIC EFFECTS: Information for Methanol: In an inhalation developmental toxicity study, rats were
exposed 6hrs./day to 5000 - 20000 ppm vapors. A significant teratogenic response was seen at 20000 ppm.
Fetotoxicity was noted at 10000 ppm, but not at 5000 ppm.
12. ECOLOGICAL INFORMATION
ENVIRONMENTAL DATA: There is limited information available on the environmental fate and effects of this
material. The primary environmental concern for release is the impact on aquatic and terrestrial species. Due care
should be taken to avoid the accidental release of this material into the environment.
ECOTOXICOLOGICAL INFORMATION: Daphnia and Fish - 31.2 mg/L - 125 mg/L, Moderately toxic.
Algae - Not toxic up to 44 mg/L
13. DISPOSAL CONSIDERATIONS
DISPOSAL METHOD: Federal, State, and Local laws governing disposal of materials can differ. Ensure
compliance with proper authorities before disposal.
GENERAL COMMENTS: Dispose of in a manner consistent with federal, state, and local regulations.
14. TRANSPORT INFORMATION
DOT (DEPARTMENT OF TRANSPORTATION)
PROPER SHIPPING NAME: CONSUMER COMMODITY ORM-D
UN/NA NUMBER: NA
PACKING GROUP: NA
AIR (ICAO/IATA)
PROPER SHIPPING NAME: CONSUMER COMMODITY ID8000
PRIMARY HAZARD CLASS/DIVISION: 9
UN/NA NUMBER: ID8000
PACKING GROUP: NA
IATA NOTE: Domestic shipments only. When shipping International contact TechSpray shipping department.
VESSEL (IMO/IMDG)
file:///N|/MSDS/5115ij4j.htm (6 of 8)1/13/2004 12:13:36 PM


Similar Part No. - RX500-12

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
RX500 CAMDENBOSS-RX500 Datasheet
290Kb / 1P
   500 series small flanged ABS boxes
logo
RF Monolithics, Inc
RX5000 RFM-RX5000 Datasheet
103Kb / 11P
   433.92 MHz Hybrid Receiver
logo
Murata Manufacturing Co...
RX5000 MURATA-RX5000 Datasheet
239Kb / 10P
   RFM products are now Murata products
logo
RF Monolithics, Inc
RX5001 RFM-RX5001 Datasheet
77Kb / 10P
   315.00 MHz Hybrid Receiver
RX5002 RFM-RX5002 Datasheet
77Kb / 10P
   418.00 MHz Hybrid Receiver
More results

Similar Description - RX500-12

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
RX1500-16 NTE-RX1500-16 Datasheet
46Kb / 7P
   ECG Isopropanol
logo
Rosenberger Hochfrequen...
98W005-000 ROSENBERGER-98W005-000 Datasheet
133Kb / 1P
   Click Cleaner
logo
3M Electronics
WL-QT 3M-WL-QT Datasheet
71Kb / 2P
   WL Wire Pulling Lubricant
2000
logo
NTE Electronics
RX2200-14 NTE-RX2200-14 Datasheet
38Kb / 6P
   ECG Silicon Lube
RX100-10 NTE-RX100-10 Datasheet
47Kb / 8P
   ECG Electronics Freezer
RX3200-12 NTE-RX3200-12 Datasheet
38Kb / 8P
   ECG Electronics Wash
RX200-20 NTE-RX200-20 Datasheet
45Kb / 7P
   ECG Electronics Degreaser
logo
List of Unclassifed Man...
521F ETC-521F Datasheet
115Kb / 1P
   SOLDER PASTES/CLEANER
logo
NTE Electronics
RX2100-48 NTE-RX2100-48 Datasheet
40Kb / 7P
   ECG Techclean Wiper
RX1700-2.5 NTE-RX1700-2.5 Datasheet
120Kb / 7P
   ECG Smoke Detector Tester
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com