Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RX100-10 Datasheet(PDF) 5 Page - NTE Electronics

Part # RX100-10
Description  ECG Electronics Freezer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

RX100-10 Datasheet(HTML) 5 Page - NTE Electronics

  RX100-10 Datasheet HTML 1Page - NTE Electronics RX100-10 Datasheet HTML 2Page - NTE Electronics RX100-10 Datasheet HTML 3Page - NTE Electronics RX100-10 Datasheet HTML 4Page - NTE Electronics RX100-10 Datasheet HTML 5Page - NTE Electronics RX100-10 Datasheet HTML 6Page - NTE Electronics RX100-10 Datasheet HTML 7Page - NTE Electronics RX100-10 Datasheet HTML 8Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ECG Electronics Freezer
CONDITIONS TO AVOID: Stable. However, may decompose if heated.
STABILITY: Stable.
POLYMERIZATION: Will not occur.
HAZARDOUS DECOMPOSITION PRODUCTS: May form hydrochloric and hydrofluoric acids - possibly
carbonyl halides, when exposed to high temperatures.
INCOMPATIBLE MATERIALS: Chemically active metals: potassium, calcium, powdered aluminum,
magnesium and zinc.
11. TOXICOLOGICAL INFORMATION
ACUTE
EYES: Moderately to severely irritating
DERMAL LD
50
: Mildly to moderately irritating.
ORAL LD
50
: Oral Rat LD50: 5628 mg/kg for methanol.
INHALATION LC
50
: >500000 ppm, 4-hour
Inhalaton Rat LC50: 64000 ppm/4H for methanol.
EYE EFFECTS: High vapor concentrations may cause moderate to severe eye irritation.
SUBCHRONIC:
Subchronic inhalation (rat) NOEL - 50,000 ppm
Chronic NOEL - 10,000 ppm
CARCINOGENICITY:
IARC: NOT listed
OSHA: NOT listed
MUTAGENICITY: Collective data indicate non-mutagenic.
REPRODUCTIVE EFFECTS: Not Established
TERATOGENIC EFFECTS: Teratogenic NOEL (rat and rabbit) - 40,000 ppm
12. ECOLOGICAL INFORMATION
ENVIRONMENTAL DATA: Degradability (BOD): This material is a gas at room temperature; therefore, it is
unlikely to remain in water.
DISTRIBUTION: Octanol Water Partition Coefficient: Log P=1.06
file:///N|/MSDS/0404j87i.htm (5 of 8)1/13/2004 12:06:26 PM


Similar Part No. - RX100-10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX100 RENESAS-RX100 Datasheet
1Mb / 71P
   Flash memory programming software
More results

Similar Description - RX100-10

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
RX3200-12 NTE-RX3200-12 Datasheet
38Kb / 8P
   ECG Electronics Wash
RX200-20 NTE-RX200-20 Datasheet
45Kb / 7P
   ECG Electronics Degreaser
RX201-16 NTE-RX201-16 Datasheet
120Kb / 7P
   ECG Electronics Degreaser & Wash
RX1401-16 NTE-RX1401-16 Datasheet
121Kb / 7P
   ECG Electronics HD Cleaning Solvent
RX1500-16 NTE-RX1500-16 Datasheet
46Kb / 7P
   ECG Isopropanol
RX2200-14 NTE-RX2200-14 Datasheet
38Kb / 6P
   ECG Silicon Lube
RX500-6 NTE-RX500-6 Datasheet
47Kb / 8P
   ECG Cleaner/Lubricant
RX2100-48 NTE-RX2100-48 Datasheet
40Kb / 7P
   ECG Techclean Wiper
RX1700-2.5 NTE-RX1700-2.5 Datasheet
120Kb / 7P
   ECG Smoke Detector Tester
RX2600-P NTE-RX2600-P Datasheet
38Kb / 6P
   ECG Label & Adhesive Remover Pen
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com