Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE30088 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE30088
Description  Light Emitting Diode (LED) SOT−23 Surface Mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE30088 Datasheet(HTML) 1 Page - NTE Electronics

  NTE30088 Datasheet HTML 1Page - NTE Electronics NTE30088 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE30088 & NTE30089
Light Emitting Diode (LED)
SOT−23 Surface Mount
Features:
D Available in 2 Different Colors:
NTE30088 (Super Red, GaAlAs/GaAs)
NTE30089 (Yellow, GaAsP/GaP)
D 3.0mm x 1.6mm SOT−23 SMT LED, 1.0mm Thickness
D Single Color
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
DC Forward Current, IF
NTE30088
30mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE30089
25mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Forward Current (Note 1), IF(peak)
50mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reverse Voltage, VR
5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PD
NTE30088
110mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE30089
90mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
−30
° to +85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
−40
° to +100°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reflow Soldering (Preheat +150
° to +180°C 60sec to 120sec, 10sec max)
+260
°C
. . . . . . . . . . . . . .
Note 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Electrical/Optical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol Test Conditions
Min
Typ Max
Unit
Viewing Angle of Half Power
2
Q 1/2 IF = 20mA
140
degrees
Luminous Intensity
NTE30088
IV
IF = 20mA, Note 2
7
12
mcd
NTE30089
2
4
mcd
Forward Voltage
NTE30088
VF
IF = 20mA
1.80 2.40
V
NTE30089
2.10 2.80
V
Reverse Current
IR
VR = 5V
10
μA
Peak Emission Wave Length
NTE30088
λP
IF = 20mA
660
nm
NTE30089
589
nm
Note 2. Tolerance: 30% measured with EXELTRON 2001


Similar Part No. - NTE30088

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE30081 NTE-NTE30081 Datasheet
87Kb / 3P
   Light Emitting Diode (LED) Right Angle Surface Mount
NTE30082 NTE-NTE30082 Datasheet
87Kb / 3P
   Light Emitting Diode (LED) Right Angle Surface Mount
NTE30083 NTE-NTE30083 Datasheet
87Kb / 3P
   Light Emitting Diode (LED) Right Angle Surface Mount
NTE30084 NTE-NTE30084 Datasheet
87Kb / 3P
   Light Emitting Diode (LED) Right Angle Surface Mount
NTE30085 NTE-NTE30085 Datasheet
87Kb / 3P
   Light Emitting Diode (LED) Right Angle Surface Mount
More results

Similar Description - NTE30088

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE30092 NTE-NTE30092 Datasheet
88Kb / 2P
   Light Emitting Diode (LED) Yellow Green SOT−23 Surface Mount
NTE30090 NTE-NTE30090 Datasheet
88Kb / 2P
   Light Emitting Diode (LED)High−Efficiency Red Yellow SOT−23 Surface Mount
NTE30091 NTE-NTE30091 Datasheet
88Kb / 2P
   Light Emitting Diode (LED)High−Efficiency Red Green SOT−23 Surface Mount
NTE30002 NTE-NTE30002 Datasheet
73Kb / 2P
   Light Emitting Diode (LED) 0805 Surface Mount
NTE30074 NTE-NTE30074 Datasheet
92Kb / 3P
   Light Emitting Diode (LED) 1206 Surface Mount
NTE30018 NTE-NTE30018 Datasheet
86Kb / 2P
   Light Emitting Diode (LED) 0603 Surface Mount
NTE30022 NTE-NTE30022 Datasheet
86Kb / 2P
   Light Emitting Diode (LED) 0805 Surface Mount
NTE30026 NTE-NTE30026 Datasheet
83Kb / 2P
   Light Emitting Diode (LED) PLCC Surface Mount
NTE30005 NTE-NTE30005 Datasheet
73Kb / 2P
   Light Emitting Diode (LED) 0603 Surface Mount
NTE30011 NTE-NTE30011 Datasheet
68Kb / 2P
   Light Emitting Diode (LED) PLCC Surface Mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com