Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2450CS-T7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL2450CS-T7
Description  125MHz Single Supply Dual/Quad Op Amps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2450CS-T7 Datasheet(HTML) 1 Page - Intersil Corporation

  EL2450CS-T7 Datasheet HTML 1Page - Intersil Corporation EL2450CS-T7 Datasheet HTML 2Page - Intersil Corporation EL2450CS-T7 Datasheet HTML 3Page - Intersil Corporation EL2450CS-T7 Datasheet HTML 4Page - Intersil Corporation EL2450CS-T7 Datasheet HTML 5Page - Intersil Corporation EL2450CS-T7 Datasheet HTML 6Page - Intersil Corporation EL2450CS-T7 Datasheet HTML 7Page - Intersil Corporation EL2450CS-T7 Datasheet HTML 8Page - Intersil Corporation EL2450CS-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
®
FN7061.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002-2006. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
EL2250, EL2450
125MHz Single Supply Dual/Quad Op Amps
The EL2250/EL2450 are part of a family of the electronics
industries fastest single supply op amps available. Prior
single supply op amps have generally been limited to
bandwidths and slew rates to that of the EL2250/EL2450.
The 125MHz bandwidth, 275V/µs slew rate, and
0.05%/0.05° differential gain/differential phase makes this
part ideal for single or dual supply video speed applications.
With its voltage feedback architecture, this amplifier can
accept reactive feedback networks, allowing them to be
used in analog filtering applications. The inputs can sense
signals below the bottom supply rail and as high as 1.2V
below the top rail. Connecting the load resistor to ground
and operating from a single supply, the outputs swing
completely to ground without saturating. The outputs can
also drive to within 1.2V of the top rail. The EL2250/EL2450
will output ±100mA and will operate with single supply
voltages as low as 2.7V, making them ideal for portable, low
power applications.
The EL2250/EL2450 are available in PDIP and SO
packages in industry standard pin outs. Both parts operate
over the industrial temperature range of -40°C to +85°C, and
are part of a family of single supply op amps. For single
amplifier applications, see the EL2150/EL2157. For dual and
triple amplifiers with power down and output voltage clamps,
see the EL2257/EL2357.
Features
• Specified for +3V, +5V, or ±5V applications
• Large input common mode range
0V < VCM < VS -1.2V
• Output swings to ground without saturating
• -3dB bandwidth = 125MHz
• ±0.1dB bandwidth = 30MHz
• Low supply current = 5mA (per amplifier)
• Slew rate = 275V/µs
• Low offset voltage = 4mV max
• Output current = ±100mA
• High open loop gain = 80dB
• Differential gain = 0.05%
• Differential phase = 0.05°
• Pb-free plus anneal available (RoHS compliant)
Applications
• Video amplifiers
• PCMCIA applications
•A/D drivers
• Line drivers
• Portable computers
• High speed communications
• RGB printers, FAX, scanners
• Broadcast equipment
• Active filtering
Ordering Information
PART NUMBER
PART
MARKING
TAPE &
REEL
PACKAGE
PKG.
DWG. #
EL2250CN
EL2250CN
-
8 Ld PDIP
MDP0031
EL2250CS
2250CS
-
8 Ld SO
MDP0027
EL2250CS-T7
2250CS
7”
8 Ld SO
MDP0027
EL2250CS-T13
2250CS
13”
8 Ld SO
MDP0027
EL2250CSZ
(Note)
2250CSZ
-
8 Ld SO
(Pb-free)
MDP0027
EL2250CSZ-T7
(Note)
2250CSZ
7”
8 Ld SO
(Pb-free)
MDP0027
EL2250CSZ-T13
(Note)
2250CSZ
13”
8 Ld SO
(Pb-free)
MDP0027
EL2450CN
EL2450CN
-
14 Ld PDIP MDP0031
EL2450CS
2450CS
-
14 Ld SO
MDP0027
EL2450CS-T7
2450CS
7”
14 Ld SO
MDP0027
EL2450CS-T13
2450CS
13”
14 Ld SO
MDP0027
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
Data Sheet
May 19, 2006


Similar Part No. - EL2450CS-T7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2450CS-T7 ELANTEC-EL2450CS-T7 Datasheet
595Kb / 17P
   125MHz Single Supply Dual/Quad Op Amps
logo
Intersil Corporation
EL2450CS-T7 INTERSIL-EL2450CS-T7 Datasheet
419Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Renesas Technology Corp
EL2450CS-T7 RENESAS-EL2450CS-T7 Datasheet
952Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
More results

Similar Description - EL2450CS-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2450 INTERSIL-EL2450 Datasheet
419Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Elantec Semiconductor
EL2250C ELANTEC-EL2250C Datasheet
595Kb / 17P
   125MHz Single Supply Dual/Quad Op Amps
logo
Renesas Technology Corp
EL2250 RENESAS-EL2250 Datasheet
952Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Intersil Corporation
EL2150 INTERSIL-EL2150 Datasheet
620Kb / 19P
   125MHz Single Supply, Clamping Op Amps
logo
Maxim Integrated Produc...
MAX406 MAXIM-MAX406_09 Datasheet
7Mb / 16P
   Single/Dual/Quad, Single-Supply Op Amps
Rev 4; 4/09
MAX473 MAXIM-MAX473 Datasheet
144Kb / 12P
   Single/Dual/Quad, 10MHz Single-Supply Op Amps
Rev 1; 3/95
MAX406 MAXIM-MAX406_08 Datasheet
6Mb / 17P
   1.2μA Max, Single/Dual/Quad, Single-Supply Op Amps
Rev 3; 10/08
MAX44241 MAXIM-MAX44241 Datasheet
961Kb / 13P
   Single/Quad/Dual Op Amps
Rev 5; 1/14
logo
Linear Technology
LT1078 LINER-LT1078 Datasheet
514Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Dimensions Semic...
LT2079CS LINEAR_DIMENSIONS-LT2079CS Datasheet
345Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com