Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL1511CLZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL1511CLZ
Description  Medium Power Differential Line Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1511CLZ Datasheet(HTML) 1 Page - Intersil Corporation

  EL1511CLZ Datasheet HTML 1Page - Intersil Corporation EL1511CLZ Datasheet HTML 2Page - Intersil Corporation EL1511CLZ Datasheet HTML 3Page - Intersil Corporation EL1511CLZ Datasheet HTML 4Page - Intersil Corporation EL1511CLZ Datasheet HTML 5Page - Intersil Corporation EL1511CLZ Datasheet HTML 6Page - Intersil Corporation EL1511CLZ Datasheet HTML 7Page - Intersil Corporation EL1511CLZ Datasheet HTML 8Page - Intersil Corporation EL1511CLZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
®
FN7016.2
EL1511
Medium Power Differential Line Driver
The EL1511 is a dual operational amplifier designed for
customer premise line driving in DMT ADSL solutions. This
device features a high drive capability of 360mA while
consuming only 7.5mA of supply current per amplifier and
operating from a single 5V to 15V supply. This driver
achieves a typical distortion of less than -85dBc, at 150kHz
into a 25
Ω load. The EL1511 is available in the thermally-
enhanced 16 Ld SOIC (0.150") and a 16 Ld QFN (4x4mm)
packages. The EL1511 is specified for operation over the full
-40°C to +85°C temperature range. Electrical characteristics
are given for typical 15V supply operation.
The EL1511 has two control pins, C0 and C1, which allow
the selection of full IS power, 3/4-IS, 1/2-IS, and power-down
modes.
The EL1511 is ideal for ADSL, SDSL, and HDSL2 line
driving applications for single power supply, high voltage
swing, and low power.
The EL1511 maintains excellent distortion and load driving
capabilities even in the lowest power settings.
Features
• Drives up to 360mA from a +15V supply
•24VP-P differential output drive into 25Ω and 26VP-P
differential output drive into 100
Ω
• -85dBc typical driver output distortion at full output at
150kHz
• Low quiescent current of 3.5mA per amplifier at 1/2-IS
current mode
• Disable down to 1.5mA
• Pb-free plus anneal available (RoHS compliant)
Applications
• ADSL CSA line driving
• ADSL full rate CPE line driving
• G.SHDSL, HDSL2 line driver
• Video distribution amplifier
• Video twisted-pair line driver
Pinouts
EL1511
[16 LD SO (0.150”)]
TOP VIEW
EL1511
(16 LD QFN)
TOP VIEW
NC
VOUTA
VIN-A
GND*
VIN+A
GND
VS-
VS+
VOUTB
VIN-B
GND*
GND*
VIN+B
C1
C0
GND*
POWER
CONTROL
LOGIC
NOTE: * These GND pins are heat spreaders
1
2
3
4
16
15
14
13
5
6
7
12
11
10
8
9
-
+
-
+
12
11
10
9
1
2
3
4
NC
INB-
INB+
C1
NC
INA-
INA+
GND
-
+
-
+
AMP
A
AMP
B
POWER
CONTROL
LOGIC
Data Sheet
April 10, 2007
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2003, 2005, 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - EL1511CLZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1511CLZ INTERSIL-EL1511CLZ Datasheet
73Kb / 2P
   Medium Power Differential Line Driver
logo
Renesas Technology Corp
EL1511CLZ RENESAS-EL1511CLZ Datasheet
914Kb / 18P
   Medium Power Differential Line Driver
April 10, 2007
logo
Intersil Corporation
EL1511CLZ-T13 INTERSIL-EL1511CLZ-T13 Datasheet
73Kb / 2P
   Medium Power Differential Line Driver
logo
Renesas Technology Corp
EL1511CLZ-T13 RENESAS-EL1511CLZ-T13 Datasheet
914Kb / 18P
   Medium Power Differential Line Driver
April 10, 2007
logo
Intersil Corporation
EL1511CLZ-T7 INTERSIL-EL1511CLZ-T7 Datasheet
73Kb / 2P
   Medium Power Differential Line Driver
More results

Similar Description - EL1511CLZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1507 INTERSIL-EL1507_07 Datasheet
410Kb / 16P
   Medium Power Differential Line Driver
EL1506 INTERSIL-EL1506_05 Datasheet
47Kb / 2P
   Medium Power Differential Line Driver
EL1509 INTERSIL-EL1509 Datasheet
59Kb / 2P
   Medium Power Differential Line Driver
EL1511 INTERSIL-EL1511 Datasheet
73Kb / 2P
   Medium Power Differential Line Driver
EL1510 INTERSIL-EL1510 Datasheet
227Kb / 10P
   Medium Power Differential Line Driver
logo
Elantec Semiconductor
EL1507C ELANTEC-EL1507C Datasheet
151Kb / 2P
   Medium Power Differential Line Driver
EL1509C ELANTEC-EL1509C Datasheet
149Kb / 2P
   Medium Power Differential Line Driver
logo
Intersil Corporation
EL1519 INTERSIL-EL1519 Datasheet
98Kb / 2P
   Medium Power Differential Line Driver
logo
Renesas Technology Corp
EL1509 RENESAS-EL1509 Datasheet
525Kb / 10P
   Medium Power Differential Line Driver
March 26, 2007
logo
Elantec Semiconductor
EL1511C ELANTEC-EL1511C Datasheet
139Kb / 2P
   Medium Power Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com