Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM4085T Datasheet(PDF) 9 Page - NXP Semiconductors

Part # OM4085T
Description  Universal LCD driver for low multiplex rates
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM4085T Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button OM4085T Datasheet HTML 5Page - NXP Semiconductors OM4085T Datasheet HTML 6Page - NXP Semiconductors OM4085T Datasheet HTML 7Page - NXP Semiconductors OM4085T Datasheet HTML 8Page - NXP Semiconductors OM4085T Datasheet HTML 9Page - NXP Semiconductors OM4085T Datasheet HTML 10Page - NXP Semiconductors OM4085T Datasheet HTML 11Page - NXP Semiconductors OM4085T Datasheet HTML 12Page - NXP Semiconductors OM4085T Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
1997 Feb 25
9
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex
rates
OM4085
Fig.6 Waveforms for 1 : 2 multiplex drive mode with 1
3 bias: Vop =VDD − VLCD.
handbook, full pagewidth
MGG393
state 1
0
BP0
(a) waveforms at driver
(b) resultant waveforms
at LCD segment
LCD segments
state 2
BP1
state 1
state 2
0
VDD
VDD − Vop/3
VDD − 2Vop/3
VLCD
VDD
VDD − Vop/3
VDD − 2Vop/3
VLCD
VDD
VDD − Vop/3
VDD − 2Vop/3
VLCD
VDD
VDD − Vop/3
VDD − 2Vop/3
VLCD
Vop
−Vop
2Vop/3
−2Vop/3
Vop/3
−Vop/3
Vop
−Vop
2Vop/3
−2Vop/3
Vop/3
−Vop/3
Sn + 1
Sn
Tframe
At any instant (t):
Vstate 1(t) = VSn(t) − VBP0(t)
Von(rms) =
Vop√5 = 0.745V
op
3
Vstate 2(t) = VSn(t) − VBP1(t)
Voff(rms) =
Vop
= 0.333Vop
3


Similar Part No. - OM4085T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM4001ST ETC-OM4001ST Datasheet
15Kb / 2P
   15 AMP SCHOTTKY RECTIFIER IN SMALL HERMETIC PACKAGE
logo
International Rectifier
OM4001ST IRF-OM4001ST Datasheet
32Kb / 2P
   Available Screened To MIL-S-19500, TX, TXV And S Levels
OM4001ST IRF-OM4001ST_15 Datasheet
32Kb / 2P
   Available Screened To MIL-S-19500, TX, TXV And S Levels
logo
List of Unclassifed Man...
OM4002ST ETC-OM4002ST Datasheet
15Kb / 2P
   15 AMP SCHOTTKY RECTIFIER IN SMALL HERMETIC PACKAGE
OM4003 ETC-OM4003 Datasheet
15Kb / 2P
   10 AMP SCHOTTKY RECTIFIER IN SMALL HERMETIC PACKAGE
More results

Similar Description - OM4085T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8566 NXP-PCF8566 Datasheet
247Kb / 48P
   Universal LCD driver for low multiplex rates
Rev. 07-25 February 2009
PCF8534A NXP-PCF8534A Datasheet
834Kb / 41P
   Universal LCD driver for low multiplex rates
Rev.00.90-4 February 2008
PCF8562 NXP-PCF8562 Datasheet
183Kb / 36P
   Universal LCD driver for low multiplex rates
Rev. 3-2 December 2008
PCF8576D NXP-PCF8576D Datasheet
267Kb / 52P
   Universal LCD driver for low multiplex rates
Rev. 1-18 February 2011
PCA85133 NXP-PCA85133 Datasheet
221Kb / 44P
   Universal LCD driver for low multiplex rates
Rev. 1-23 October 2009
PCF8566 PHILIPS-PCF8566 Datasheet
243Kb / 40P
   Universal LCD driver for low multiplex rates
1998 May 04
PCF85134 NXP-PCF85134 Datasheet
215Kb / 40P
   Universal LCD driver for low multiplex rates
Rev. 01-17 December 2009
PCF85176 NXP-PCF85176 Datasheet
339Kb / 43P
   Universal LCD driver for low multiplex rates
Rev. 01-14 April 2010
PCA8576C NXP-PCA8576C Datasheet
343Kb / 44P
   Universal LCD driver for low multiplex rates
Rev. 1-22 July 2010
PCF8576DU NXP-PCF8576DU Datasheet
371Kb / 57P
   Universal LCD driver for low multiplex rates
Rev. 14-10 June 2013
PCF85133 NXP-PCF85133 Datasheet
210Kb / 41P
   Universal LCD driver for low multiplex rates
Rev. 1-17 February 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com