Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM4085T Datasheet(PDF) 6 Page - NXP Semiconductors

Part # OM4085T
Description  Universal LCD driver for low multiplex rates
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM4085T Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button OM4085T Datasheet HTML 2Page - NXP Semiconductors OM4085T Datasheet HTML 3Page - NXP Semiconductors OM4085T Datasheet HTML 4Page - NXP Semiconductors OM4085T Datasheet HTML 5Page - NXP Semiconductors OM4085T Datasheet HTML 6Page - NXP Semiconductors OM4085T Datasheet HTML 7Page - NXP Semiconductors OM4085T Datasheet HTML 8Page - NXP Semiconductors OM4085T Datasheet HTML 9Page - NXP Semiconductors OM4085T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
1997 Feb 25
6
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex
rates
OM4085
Power-on reset
At power-on the OM4085 resets to a defined starting
condition as follows:
1. All backplane outputs are set to VDD
2. All segment outputs are set to VDD
3. The drive mode ‘1 : 4 multiplex with 1
3bias’ is selected
4. Blinking is switched off
5. Input and output bank selectors are reset (as defined
in Table 5)
6. The I2C-bus interface is initialized
7. The data pointer and the subaddress counter are
cleared.
Data transfers on the I2C-bus should be avoided for 1 ms
following power-on to allow completion of the reset action.
LCD bias generator
The full-scale LCD voltage (Vop) is obtained from
VDD − VLCD. The LCD voltage may be temperature
compensated externally through the VLCD supply to pin 12.
Fractional LCD biasing voltages are obtained from an
internal voltage divider of three series resistors connected
between VDD and VLCD. The centre resistor can be
switched out of circuit to provide a 1
2bias voltage level for
the 1 : 2 multiplex configuration.
LCD voltage selector
The LCD voltage selector coordinates the multiplexing of
the LCD according to the selected LCD drive
configuration. The operation of the voltage selector is
controlled by MODE SET commands from the command
decoder. The biasing configurations that apply to the
preferred modes of operation, together with the biasing
characteristics as functions of Vop =VDD − VLCD and the
resulting discrimination ratios (D), are given in Table 2.
A practical value of Vop is determined by equating Voff(rms)
with a defined LCD threshold voltage (Vth), typically when
the LCD exhibits approximately 10% contrast. In the static
drive mode a suitable choice is Vop ≥ 3Vth. Multiplex drive
ratios of 1 : 3 and 1 : 4 with 1
2 bias are possible but the
discrimination and hence the contrast ratios are smaller
(
for 1 : 3 multiplex or
for
1 : 4 multiplex). The advantage of these modes is a
reduction of the LCD full scale voltage Vop as follows:
1 : 3 multiplex (1
2bias):
1 : 4 multiplex (1
2bias):
These compare with Vop =3Voff(rms) when 13bias is used.
3
1.732
=
21 3
1.528
=
V
op
6V
op(mrs)
2.449V
off rms
()
=
=
V
op
3
4
3
⁄ V
off rms
()
2.309V
off rms
()
==
Table 2
Preferred LCD drive modes: summary of characteristics
LCD DRIVE MODE
LCD BIAS
CONFIGURATION
Static (1 BP)
static (2 levels)
0
1
1 : 2 MUX (2 BP)
1
2 (3 levels)
1 : 2 MUX (2 BP)
1
3 (4 levels)
1
3 = 0.333
1 : 3 MUX (3 BP)
1
3 (4 levels)
1
3 = 0.333
1 : 4 MUX (4 BP)
1
3 (4 levels)
1
3 = 0.333
V
off rms
()
V
op
-----------------------
V
on rms
()
V
op
-----------------------
D
V
on rms
()
V
off rms
()
-----------------------
=
2 4
0.354
=
10 4
0.791
=
52.236
=
53
0.745
=
52.236
=
33 9
0.638
=
33 3
1.915
=
33
0.577
=
31.732
=


Similar Part No. - OM4085T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM4001ST ETC-OM4001ST Datasheet
15Kb / 2P
   15 AMP SCHOTTKY RECTIFIER IN SMALL HERMETIC PACKAGE
logo
International Rectifier
OM4001ST IRF-OM4001ST Datasheet
32Kb / 2P
   Available Screened To MIL-S-19500, TX, TXV And S Levels
OM4001ST IRF-OM4001ST_15 Datasheet
32Kb / 2P
   Available Screened To MIL-S-19500, TX, TXV And S Levels
logo
List of Unclassifed Man...
OM4002ST ETC-OM4002ST Datasheet
15Kb / 2P
   15 AMP SCHOTTKY RECTIFIER IN SMALL HERMETIC PACKAGE
OM4003 ETC-OM4003 Datasheet
15Kb / 2P
   10 AMP SCHOTTKY RECTIFIER IN SMALL HERMETIC PACKAGE
More results

Similar Description - OM4085T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8566 NXP-PCF8566 Datasheet
247Kb / 48P
   Universal LCD driver for low multiplex rates
Rev. 07-25 February 2009
PCF8534A NXP-PCF8534A Datasheet
834Kb / 41P
   Universal LCD driver for low multiplex rates
Rev.00.90-4 February 2008
PCF8562 NXP-PCF8562 Datasheet
183Kb / 36P
   Universal LCD driver for low multiplex rates
Rev. 3-2 December 2008
PCF8576D NXP-PCF8576D Datasheet
267Kb / 52P
   Universal LCD driver for low multiplex rates
Rev. 1-18 February 2011
PCA85133 NXP-PCA85133 Datasheet
221Kb / 44P
   Universal LCD driver for low multiplex rates
Rev. 1-23 October 2009
PCF8566 PHILIPS-PCF8566 Datasheet
243Kb / 40P
   Universal LCD driver for low multiplex rates
1998 May 04
PCF85134 NXP-PCF85134 Datasheet
215Kb / 40P
   Universal LCD driver for low multiplex rates
Rev. 01-17 December 2009
PCF85176 NXP-PCF85176 Datasheet
339Kb / 43P
   Universal LCD driver for low multiplex rates
Rev. 01-14 April 2010
PCA8576C NXP-PCA8576C Datasheet
343Kb / 44P
   Universal LCD driver for low multiplex rates
Rev. 1-22 July 2010
PCF8576DU NXP-PCF8576DU Datasheet
371Kb / 57P
   Universal LCD driver for low multiplex rates
Rev. 14-10 June 2013
PCF85133 NXP-PCF85133 Datasheet
210Kb / 41P
   Universal LCD driver for low multiplex rates
Rev. 1-17 February 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com