Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL1509CL Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL1509CL
Description  Medium Power Differential Line Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1509CL Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL1509CL Datasheet HTML 2Page - Intersil Corporation EL1509CL Datasheet HTML 3Page - Intersil Corporation EL1509CL Datasheet HTML 4Page - Intersil Corporation EL1509CL Datasheet HTML 5Page - Intersil Corporation EL1509CL Datasheet HTML 6Page - Intersil Corporation EL1509CL Datasheet HTML 7Page - Intersil Corporation EL1509CL Datasheet HTML 8Page - Intersil Corporation EL1509CL Datasheet HTML 9Page - Intersil Corporation EL1509CL Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN7015.2
March 26, 2007
EL1509
Dual Flat No-Lead Package Family (DFN)
2X
0.075
C
b
0.10
C A B
M
D
DETAIL X
PLANE
SEATING
(N LEADS
SEE DETAIL "X"
1
& EXPOSED PAD)
PIN #1 I.D.
PIN #1
I.D.
0.10
(N LEADS)
(D2)
(E2)
BOTTOM VIEW
TOP VIEW
L1
A1
(c)
2
N
N-1
NN-1
1
2
A
E
2X
0.075
C
B
e
L
5
3
4
C
0.08
C
A
C
C
2
MDP0047
DUAL FLAT NO-LEAD PACKAGE FAMILY (JEDEC REG: MO-229)
SYMBOL
MILLIMETERS
TOLERANCE
DFN8
DFN10
A
0.85
0.90
±0.10
A1
0.02
0.02
+0.03/-0.02
b
0.30
0.25
±0.05
c
0.20
0.20
Reference
D
4.00
3.00
Basic
D2
3.00
2.25
Reference
E
4.00
3.00
Basic
E2
2.20
1.50
Reference
e
0.80
0.50
Basic
L
0.50
0.50
±0.10
L1
0.10
0
Maximum
Rev. 2 2/07
NOTES:
1. Dimensioning and tolerancing per ASME Y14.5M-1994.
2. Exposed lead at side of package is a non-functional feature.
3. Bottom-side pin #1 I.D. may be a diepad chamfer, an extended
tiebar tab, or a small square as shown.
4. Exposed leads may extend to the edge of the package or be
pulled back. See dimension “L1”.
5. Inward end of lead may be square or circular in shape with radius
(b/2) as shown.
6. N is the total number of leads on the device.


Similar Part No. - EL1509CL

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL1509CL ELANTEC-EL1509CL Datasheet
149Kb / 2P
   Medium Power Differential Line Driver
logo
Intersil Corporation
EL1509CL INTERSIL-EL1509CL Datasheet
59Kb / 2P
   Medium Power Differential Line Driver
logo
Renesas Technology Corp
EL1509CL RENESAS-EL1509CL Datasheet
525Kb / 10P
   Medium Power Differential Line Driver
March 26, 2007
logo
Intersil Corporation
EL1509CL-T13 INTERSIL-EL1509CL-T13 Datasheet
59Kb / 2P
   Medium Power Differential Line Driver
logo
Renesas Technology Corp
EL1509CL-T13 RENESAS-EL1509CL-T13 Datasheet
525Kb / 10P
   Medium Power Differential Line Driver
March 26, 2007
More results

Similar Description - EL1509CL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1507 INTERSIL-EL1507_07 Datasheet
410Kb / 16P
   Medium Power Differential Line Driver
EL1506 INTERSIL-EL1506_05 Datasheet
47Kb / 2P
   Medium Power Differential Line Driver
EL1511 INTERSIL-EL1511_07 Datasheet
442Kb / 18P
   Medium Power Differential Line Driver
EL1509 INTERSIL-EL1509 Datasheet
59Kb / 2P
   Medium Power Differential Line Driver
EL1511 INTERSIL-EL1511 Datasheet
73Kb / 2P
   Medium Power Differential Line Driver
EL1510 INTERSIL-EL1510 Datasheet
227Kb / 10P
   Medium Power Differential Line Driver
logo
Elantec Semiconductor
EL1507C ELANTEC-EL1507C Datasheet
151Kb / 2P
   Medium Power Differential Line Driver
EL1509C ELANTEC-EL1509C Datasheet
149Kb / 2P
   Medium Power Differential Line Driver
logo
Intersil Corporation
EL1519 INTERSIL-EL1519 Datasheet
98Kb / 2P
   Medium Power Differential Line Driver
logo
Renesas Technology Corp
EL1509 RENESAS-EL1509 Datasheet
525Kb / 10P
   Medium Power Differential Line Driver
March 26, 2007
logo
Elantec Semiconductor
EL1511C ELANTEC-EL1511C Datasheet
139Kb / 2P
   Medium Power Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com