Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL1507CL-T7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL1507CL-T7
Description  Medium Power Differential Line Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1507CL-T7 Datasheet(HTML) 4 Page - Intersil Corporation

  EL1507CL-T7 Datasheet HTML 1Page - Intersil Corporation EL1507CL-T7 Datasheet HTML 2Page - Intersil Corporation EL1507CL-T7 Datasheet HTML 3Page - Intersil Corporation EL1507CL-T7 Datasheet HTML 4Page - Intersil Corporation EL1507CL-T7 Datasheet HTML 5Page - Intersil Corporation EL1507CL-T7 Datasheet HTML 6Page - Intersil Corporation EL1507CL-T7 Datasheet HTML 7Page - Intersil Corporation EL1507CL-T7 Datasheet HTML 8Page - Intersil Corporation EL1507CL-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
FN7013.3
March 26, 2007
IS- (Full Power)
Negative Supply Current per Amplifier
All outputs at 0V, C0 = C1 = 0V
-7
-8.5
mA
IS+ (3/4 Power)
Positive Supply Current per Amplifier
All outputs at 0V, C0 = 5V, C1 = 0V
6
7.5
mA
IS- (3/4 Power)
Negative Supply Current per Amplifier
All outputs at 0V, C0 = 5V, C1 = 0V
-5.5
-7
mA
IS+ (1/2 Power)
Positive Supply Current per Amplifier
All outputs at 0V, C0 = 0V, C1 = 5V
3.9
5.1
mA
IS- (1/2 Power)
Negative Supply Current per Amplifier
All outputs at 0V, C0 = 0V, C1 = 5V
-3.3
-4.6
mA
IS+ (Power Down)
Positive Supply Current per Amplifier
All outputs at 0V, C0 = C1 = 5V
0.6
1
mA
IS- (Power Down)
Negative Supply Current per Amplifier
All outputs at 0V, C0 = C1 = 5V
0
0.75
mA
IGND
GND Supply Current per Amplifier
All outputs at 0V
0.6
1
mA
Electrical Specifications
VS = ±12V, RF= 1.5kΩ, RL= 75Ω to GND, TA = +25°C. unless otherwise specified. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Typical Performance Curves
FIGURE 1. DIFFERENTIAL FREQUENCY RESPONSE vs RF
(EL1507CS - FULL POWER MODE)
FIGURE 2. DIFFERENTIAL FREQUENCY RESPONSE vs RF
(EL1507CS - FULL POWER MODE)
FIGURE 3. DIFFERENTIAL FREQUENCY RESPONSE vs RF
(EL1507CS - 3/4 POWER MODE)
FIGURE 4. DIFFERENTIAL FREQUENCY RESPONSE vs RF
(EL1507CS - 3/4 POWER MODE)
28
24
20
16
12
8
100K
1M
10M
100M
FREQUENCY (Hz)
2k
Ω
1k
Ω
1.5k
Ω
VS=±12V
AV=10
RL=100Ω
22
18
14
10
6
2
100K
1M
10M
100M
FREQUENCY (Hz)
2k
Ω
1k
Ω
1.5k
Ω
VS=±12V
AV=5
RL=100Ω
2k
Ω
1k
Ω
1.5k
Ω
28
24
20
16
12
8
100K
1M
10M
100M
FREQUENCY (Hz)
VS=±12V
AV=10
RL=100Ω
22
18
14
10
6
2
100K
1M
10M
100M
FREQUENCY (Hz)
2k
Ω
1k
Ω
1.5k
Ω
VS=±12V
AV=5
RL=100Ω
EL1507


Similar Part No. - EL1507CL-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1507CL-T7 INTERSIL-EL1507CL-T7 Datasheet
75Kb / 2P
   Medium Power Differential Line Driver
logo
Renesas Technology Corp
EL1507CL-T7 RENESAS-EL1507CL-T7 Datasheet
830Kb / 16P
   Medium Power Differential Line Driver
March 26, 2007
More results

Similar Description - EL1507CL-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1506 INTERSIL-EL1506_05 Datasheet
47Kb / 2P
   Medium Power Differential Line Driver
EL1511 INTERSIL-EL1511_07 Datasheet
442Kb / 18P
   Medium Power Differential Line Driver
EL1509 INTERSIL-EL1509 Datasheet
59Kb / 2P
   Medium Power Differential Line Driver
EL1511 INTERSIL-EL1511 Datasheet
73Kb / 2P
   Medium Power Differential Line Driver
EL1510 INTERSIL-EL1510 Datasheet
227Kb / 10P
   Medium Power Differential Line Driver
logo
Elantec Semiconductor
EL1507C ELANTEC-EL1507C Datasheet
151Kb / 2P
   Medium Power Differential Line Driver
EL1509C ELANTEC-EL1509C Datasheet
149Kb / 2P
   Medium Power Differential Line Driver
logo
Intersil Corporation
EL1519 INTERSIL-EL1519 Datasheet
98Kb / 2P
   Medium Power Differential Line Driver
logo
Renesas Technology Corp
EL1509 RENESAS-EL1509 Datasheet
525Kb / 10P
   Medium Power Differential Line Driver
March 26, 2007
logo
Elantec Semiconductor
EL1511C ELANTEC-EL1511C Datasheet
139Kb / 2P
   Medium Power Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com