Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2250 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL2250
Description  125MHz Single Supply Dual/Quad Op Amps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2250 Datasheet(HTML) 5 Page - Intersil Corporation

  EL2250_06 Datasheet HTML 1Page - Intersil Corporation EL2250_06 Datasheet HTML 2Page - Intersil Corporation EL2250_06 Datasheet HTML 3Page - Intersil Corporation EL2250_06 Datasheet HTML 4Page - Intersil Corporation EL2250_06 Datasheet HTML 5Page - Intersil Corporation EL2250_06 Datasheet HTML 6Page - Intersil Corporation EL2250_06 Datasheet HTML 7Page - Intersil Corporation EL2250_06 Datasheet HTML 8Page - Intersil Corporation EL2250_06 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
FN7061.3
May 19, 2006
Typical Performance Curves
Non-Inverting Frequency
Response (Gain)
Non-Inverting Frequency
Response (Phase)
3dB Bandwidth vs Temperature for
Non-Inverting Gains
3dB Bandwidth vs Temperature for
Inverting Gains
Inverting Frequency Response
(Phase)
Inverting Frequency Response
(Gain)
Frequency Response for Various RL
Frequency Response for Various CL
Non-Inverting Frequency
Response vs Common Mode
Voltage
EL2250, EL2450


Similar Part No. - EL2250_06

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2250C ELANTEC-EL2250C Datasheet
595Kb / 17P
   125MHz Single Supply Dual/Quad Op Amps
EL2250CN ELANTEC-EL2250CN Datasheet
595Kb / 17P
   125MHz Single Supply Dual/Quad Op Amps
logo
Intersil Corporation
EL2250CN INTERSIL-EL2250CN Datasheet
419Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Renesas Technology Corp
EL2250CN RENESAS-EL2250CN Datasheet
952Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Elantec Semiconductor
EL2250CS ELANTEC-EL2250CS Datasheet
595Kb / 17P
   125MHz Single Supply Dual/Quad Op Amps
More results

Similar Description - EL2250_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2450 INTERSIL-EL2450 Datasheet
419Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Elantec Semiconductor
EL2250C ELANTEC-EL2250C Datasheet
595Kb / 17P
   125MHz Single Supply Dual/Quad Op Amps
logo
Renesas Technology Corp
EL2250 RENESAS-EL2250 Datasheet
952Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Intersil Corporation
EL2150 INTERSIL-EL2150 Datasheet
620Kb / 19P
   125MHz Single Supply, Clamping Op Amps
logo
Maxim Integrated Produc...
MAX406 MAXIM-MAX406_09 Datasheet
7Mb / 16P
   Single/Dual/Quad, Single-Supply Op Amps
Rev 4; 4/09
MAX473 MAXIM-MAX473 Datasheet
144Kb / 12P
   Single/Dual/Quad, 10MHz Single-Supply Op Amps
Rev 1; 3/95
MAX406 MAXIM-MAX406_08 Datasheet
6Mb / 17P
   1.2μA Max, Single/Dual/Quad, Single-Supply Op Amps
Rev 3; 10/08
MAX44241 MAXIM-MAX44241 Datasheet
961Kb / 13P
   Single/Quad/Dual Op Amps
Rev 5; 1/14
logo
Linear Technology
LT1078 LINER-LT1078 Datasheet
514Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Dimensions Semic...
LT2079CS LINEAR_DIMENSIONS-LT2079CS Datasheet
345Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com