Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL1503ACM Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL1503ACM
Description  High Power Differential Line Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1503ACM Datasheet(HTML) 1 Page - Intersil Corporation

  EL1503ACM Datasheet HTML 1Page - Intersil Corporation EL1503ACM Datasheet HTML 2Page - Intersil Corporation EL1503ACM Datasheet HTML 3Page - Intersil Corporation EL1503ACM Datasheet HTML 4Page - Intersil Corporation EL1503ACM Datasheet HTML 5Page - Intersil Corporation EL1503ACM Datasheet HTML 6Page - Intersil Corporation EL1503ACM Datasheet HTML 7Page - Intersil Corporation EL1503ACM Datasheet HTML 8Page - Intersil Corporation EL1503ACM Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
®
FN7039.2
EL1503A
High Power Differential Line Driver
The EL1503A ADSL Line Driver contains two wideband
high-voltage drivers which are ideally suited for both ADSL
and HDSL2 applications. They can supply a 39.2VP-P signal
into a 22
Ω load while exhibiting very low distortion. The
EL1503A also has a number of power saving features. The
IADJ pin can be used to set the maximum supply current and
the C0 and C1 pins can be used to digitally vary the supply
current to one of four modes. These modes include full
power, low power, terminate only and power down.
The EL1503A uses current-feedback type amplifiers, which
achieve a high slew rate while consuming moderate power.
They retain their frequency response over a wide range of
externally set gains. The EL1503A operates on ±5V to ±12V
supplies and consumes only 12.5mA per amplifier.
The device is supplied in a thermally-enhanced 20 Ld SOIC
(0.300”) and the small footprint (4x5mm) 24 Ld QFN
packages. Center pins on each side of the 20 Ld and 16 Ld
packages are used as ground connections and heat
spreaders. The QFN package has the potential for a low θJA
(<40°C/W) and dissipates heat by means of a thermal pad
that is soldered onto the PCB. All package options are
specified for operation over the full -40°C to +85°C
temperature range.
Features
• High power ADSL driver
•39.2VP-P differential output drive into 22Ω
•42.4VP-P differential output drive into 65Ω
• Driver 2nd/3rd harmonics of
-66dBc/-72dBc at 2VP-P into 100Ω differential
• Supply current of 12.5mA per amplifier
• Supply current control
• Power saving modes
• Standard surface-mount packages
• Ultra-small QFN package
• Pb-free plus anneal available (RoHS compliant)
Applications
• ADSL line drivers
• HDSL2 line drivers
• Video distribution amplifiers
Pinouts
EL1503A
(24 LD QFN)
TOP VIEW
EL1503A
[20 LD SOIC (0.300”)]
TOP VIEW
*GND pins are heat spreaders
19
18
17
16
15
14
13
1
2
3
4
5
6
7
THERMAL
PAD
NC
NC
VS-
NC
NC
NC
GND
NC
NC
VS+
NC
NC
NC
GND
1
2
3
4
16
15
14
13
5
6
7
12
11
9
8
10
20
19
18
17
POWER
CONTROL
LOGIC
A
B
VIN-A
VOUTA
VS-
GND*
GND*
GND*
GND*
VIN+A
C1
C0
VIN-B
VS+
GND*
GND*
IADJ
VOUTB
GND*
GND*
VIN+B
NC
Data Sheet
March 26, 2007
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2002, 2003, 2005, 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - EL1503ACM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1503ACM INTERSIL-EL1503ACM Datasheet
49Kb / 2P
   High Power Differential Line Driver
logo
Renesas Technology Corp
EL1503ACM RENESAS-EL1503ACM Datasheet
1Mb / 17P
   High Power Differential Line Driver
March 26, 2007
logo
Intersil Corporation
EL1503ACM-T13 INTERSIL-EL1503ACM-T13 Datasheet
49Kb / 2P
   High Power Differential Line Driver
logo
Renesas Technology Corp
EL1503ACM-T13 RENESAS-EL1503ACM-T13 Datasheet
1Mb / 17P
   High Power Differential Line Driver
March 26, 2007
EL1503ACMZ RENESAS-EL1503ACMZ Datasheet
1Mb / 17P
   High Power Differential Line Driver
March 26, 2007
More results

Similar Description - EL1503ACM

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV1101 BURR-BROWN-DRV1101 Datasheet
81Kb / 8P
   HIGH POWER DIFFERENTIAL LINE DRIVER
logo
Intersil Corporation
EL1503A INTERSIL-EL1503A Datasheet
49Kb / 2P
   High Power Differential Line Driver
logo
Renesas Technology Corp
EL1503 RENESAS-EL1503 Datasheet
909Kb / 16P
   High Power Differential Line Driver
July 17, 2001
logo
Texas Instruments
DRV1101 TI1-DRV1101_13 Datasheet
86Kb / 8P
[Old version datasheet]   HIGH POWER DIFFERENTIAL LINE DRIVER
logo
Renesas Technology Corp
EL1503A RENESAS-EL1503A Datasheet
1Mb / 17P
   High Power Differential Line Driver
March 26, 2007
logo
Elantec Semiconductor
EL1503C ELANTEC-EL1503C Datasheet
156Kb / 2P
   High Power Differential Line Driver
EL1502C ELANTEC-EL1502C Datasheet
160Kb / 2P
   High Power Differential Line Driver/Receiver
logo
Intersil Corporation
EL1511 INTERSIL-EL1511_07 Datasheet
442Kb / 18P
   Medium Power Differential Line Driver
EL1509 INTERSIL-EL1509 Datasheet
59Kb / 2P
   Medium Power Differential Line Driver
EL1507 INTERSIL-EL1507_07 Datasheet
410Kb / 16P
   Medium Power Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com