Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL1503ACM Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL1503ACM
Description  High Power Differential Line Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1503ACM Datasheet(HTML) 4 Page - Intersil Corporation

  EL1503ACM Datasheet HTML 1Page - Intersil Corporation EL1503ACM Datasheet HTML 2Page - Intersil Corporation EL1503ACM Datasheet HTML 3Page - Intersil Corporation EL1503ACM Datasheet HTML 4Page - Intersil Corporation EL1503ACM Datasheet HTML 5Page - Intersil Corporation EL1503ACM Datasheet HTML 6Page - Intersil Corporation EL1503ACM Datasheet HTML 7Page - Intersil Corporation EL1503ACM Datasheet HTML 8Page - Intersil Corporation EL1503ACM Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
FN7039.2
March 26, 2007
DYNAMIC PERFORMANCE
BW
-3dB Bandwidth
AV = +5
80
MHz
HD2
2nd Harmonic Distortion
fC = 1MHz, RL = 100Ω, VOUT = 2VP-P
-76
dBc
fC = 1MHz, RL = 25Ω, VOUT = 2VP-P
-72
dBc
HD3
3rd Harmonic Distortion
fC = 1MHz, RL = 100Ω, VOUT = 2VP-P
-76
dBc
fC = 1MHz, RL = 25Ω, VOUT = 2VP-P
-72
dBc
SR
Slewrate
VOUT from -8V to +8V Measured at ±4V
700
1100
V/µs
Electrical Specifications
VS = ±12V, RF = 1.5kΩ, RL= 65Ω, IADJ = C0 = C1 = 0V, TA = +25°C. Amplifiers tested separately. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Typical Performance Curves
FIGURE 1. DRIVER DIFFERENTIAL FREQUENCY
RESPONSE vs RF (FULL POWER MODE)
FIGURE 2. DRIVER DIFFERENTIAL FREQUENCY
RESPONSE vs RF (FULL POWER MODE)
FIGURE 3. DRIVER DIFFERENTIAL FREQUENCY
RESPONSE vs RF (2/3 POWER MODE)
FIGURE 4. DRIVER DIFFERENTIAL FREQUENCY
RESPONSE vs RF (2/3 POWER MODE)
1M
100M
20
FREQUENCY (Hz)
15
10M
25
100K
VS=±12V
AV=10
RL=100Ω
RF=2.0kΩ
RF=2.43kΩ
RF=2.74kΩ
RF=1.82kΩ
RF=1.5kΩ
RF=1.3kΩ
1M
100M
20
FREQUENCY (Hz)
15
10M
25
100K
RF=2.0kΩ
RF=2.4kΩ
RF=2.74kΩ
VS=±5V
AV=10
RL=100Ω
RF=1.3kΩ
RF=1.82kΩ
RF=1.5kΩ
1M
100M
20
FREQUENCY (Hz)
15
10M
25
100K
VS=±12V
AV=10
RL=100Ω
RF=1.5kΩ
RF=2.43kΩ
RF=2.74kΩ
RF=2.0kΩ
RF=1.82kΩ
RF=1.3kΩ
1M
100M
20
FREQUENCY (Hz)
15
10M
25
100K
RF=1.82kΩ
RF=1.3kΩ
RF=2.0kΩ
RF=2.4kΩ
RF=1.5kΩ
RF=2.74kΩ
VS=±5V
AV=10
RL=100Ω
EL1503A


Similar Part No. - EL1503ACM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1503ACM INTERSIL-EL1503ACM Datasheet
49Kb / 2P
   High Power Differential Line Driver
logo
Renesas Technology Corp
EL1503ACM RENESAS-EL1503ACM Datasheet
1Mb / 17P
   High Power Differential Line Driver
March 26, 2007
logo
Intersil Corporation
EL1503ACM-T13 INTERSIL-EL1503ACM-T13 Datasheet
49Kb / 2P
   High Power Differential Line Driver
logo
Renesas Technology Corp
EL1503ACM-T13 RENESAS-EL1503ACM-T13 Datasheet
1Mb / 17P
   High Power Differential Line Driver
March 26, 2007
EL1503ACMZ RENESAS-EL1503ACMZ Datasheet
1Mb / 17P
   High Power Differential Line Driver
March 26, 2007
More results

Similar Description - EL1503ACM

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV1101 BURR-BROWN-DRV1101 Datasheet
81Kb / 8P
   HIGH POWER DIFFERENTIAL LINE DRIVER
logo
Intersil Corporation
EL1503A INTERSIL-EL1503A Datasheet
49Kb / 2P
   High Power Differential Line Driver
logo
Renesas Technology Corp
EL1503 RENESAS-EL1503 Datasheet
909Kb / 16P
   High Power Differential Line Driver
July 17, 2001
logo
Texas Instruments
DRV1101 TI1-DRV1101_13 Datasheet
86Kb / 8P
[Old version datasheet]   HIGH POWER DIFFERENTIAL LINE DRIVER
logo
Renesas Technology Corp
EL1503A RENESAS-EL1503A Datasheet
1Mb / 17P
   High Power Differential Line Driver
March 26, 2007
logo
Elantec Semiconductor
EL1503C ELANTEC-EL1503C Datasheet
156Kb / 2P
   High Power Differential Line Driver
EL1502C ELANTEC-EL1502C Datasheet
160Kb / 2P
   High Power Differential Line Driver/Receiver
logo
Intersil Corporation
EL1511 INTERSIL-EL1511_07 Datasheet
442Kb / 18P
   Medium Power Differential Line Driver
EL1509 INTERSIL-EL1509 Datasheet
59Kb / 2P
   Medium Power Differential Line Driver
EL1507 INTERSIL-EL1507_07 Datasheet
410Kb / 16P
   Medium Power Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com