Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL1509CS-T7 Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL1509CS-T7
Description  Medium Power Differential Line Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1509CS-T7 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL1509CS-T7 Datasheet HTML 2Page - Intersil Corporation EL1509CS-T7 Datasheet HTML 3Page - Intersil Corporation EL1509CS-T7 Datasheet HTML 4Page - Intersil Corporation EL1509CS-T7 Datasheet HTML 5Page - Intersil Corporation EL1509CS-T7 Datasheet HTML 6Page - Intersil Corporation EL1509CS-T7 Datasheet HTML 7Page - Intersil Corporation EL1509CS-T7 Datasheet HTML 8Page - Intersil Corporation EL1509CS-T7 Datasheet HTML 9Page - Intersil Corporation EL1509CS-T7 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
FN7015.2
March 26, 2007
Capacitance at the Inverting Input
Due to the topology of the current feedback amplifier, stray
capacitance at the inverting input will affect the AC and
transient performance of the EL1509 when operating in the
non-inverting configuration.
In the inverting gain mode, added capacitance at the
inverting input has little effect since this point is at a virtual
ground and stray capacitance is therefore not “seen” by the
amplifier.
Feedback Resistor Values
The EL1509 has been designed and specified with RF =
1.5k
Ω for AV = +5. This value of feedback resistor yields
extremely flat frequency response with little to no peaking
out to 50MHz. As is the case with all current feedback
amplifiers, wider bandwidth, at the expense of slight
peaking, can be obtained by reducing the value of the
feedback resistor. Inversely, larger values of feedback
resistor will cause rolloff to occur at a lower frequency. See
the curves in the Typical Performance Curves section which
show 3dB bandwidth and peaking vs. frequency for various
feedback resistors and various supply voltages.
Bandwidth vs Temperature
Whereas many amplifier's supply current and consequently
3dB bandwidth drop off at high temperature, the EL1509 was
designed to have little supply current variations with
temperature. An immediate benefit from this is that the 3dB
bandwidth does not drop off drastically with temperature.
Supply Voltage Range
The EL1509 has been designed to operate with supply
voltages from ±2.5V to ±6V. Optimum bandwidth, slew rate,
and video characteristics are obtained at higher supply
voltages. However, at ±2.5V supplies, the 3dB bandwidth at
AV = +2 is a respectable 40MHz.
Single Supply Operation
If a single supply is desired, values from +5V to +12V can be
used as long as the input common mode range is not
exceeded. When using a single supply, be sure to either 1)
DC bias the inputs at an appropriate common mode voltage
and AC couple the signal, or 2) ensure the driving signal is
within the common mode range of the EL1509.
ADSL CPE Applications
The EL1509 is designed as a line driver for ADSL CPE
modems. It is capable of outputting 250mA of output current
with a typical supply voltage headroom of 1.3V. It can
achieve -85dBc of distortion at low 7.1mA of supply current
per amplifier.
The average line power requirement for the ADSL CPE
application is 13dBm (20mW) into a 100
Ω line. The average
line voltage is 1.41VRMS. The ADSL DMT peak to average
ratio (crest factor) of 5.3 implies peak voltage of 7.5V into the
line. Using a differential drive configuration and transformer
coupling with standard back termination, a transformer ratio
of 1:2 is selected. The circuit configuration is as shown
below.
-
+
-
+
TX1
1:2
12.5
12.5
1.5k
1.5k
464
Ω
AFE
100
EL1509


Similar Part No. - EL1509CS-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1509CS-T7 INTERSIL-EL1509CS-T7 Datasheet
59Kb / 2P
   Medium Power Differential Line Driver
logo
Renesas Technology Corp
EL1509CS-T7 RENESAS-EL1509CS-T7 Datasheet
525Kb / 10P
   Medium Power Differential Line Driver
March 26, 2007
More results

Similar Description - EL1509CS-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1507 INTERSIL-EL1507_07 Datasheet
410Kb / 16P
   Medium Power Differential Line Driver
EL1506 INTERSIL-EL1506_05 Datasheet
47Kb / 2P
   Medium Power Differential Line Driver
EL1511 INTERSIL-EL1511_07 Datasheet
442Kb / 18P
   Medium Power Differential Line Driver
EL1509 INTERSIL-EL1509 Datasheet
59Kb / 2P
   Medium Power Differential Line Driver
EL1511 INTERSIL-EL1511 Datasheet
73Kb / 2P
   Medium Power Differential Line Driver
EL1510 INTERSIL-EL1510 Datasheet
227Kb / 10P
   Medium Power Differential Line Driver
logo
Elantec Semiconductor
EL1507C ELANTEC-EL1507C Datasheet
151Kb / 2P
   Medium Power Differential Line Driver
EL1509C ELANTEC-EL1509C Datasheet
149Kb / 2P
   Medium Power Differential Line Driver
logo
Intersil Corporation
EL1519 INTERSIL-EL1519 Datasheet
98Kb / 2P
   Medium Power Differential Line Driver
logo
Renesas Technology Corp
EL1509 RENESAS-EL1509 Datasheet
525Kb / 10P
   Medium Power Differential Line Driver
March 26, 2007
logo
Elantec Semiconductor
EL1511C ELANTEC-EL1511C Datasheet
139Kb / 2P
   Medium Power Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com