Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL1511 Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL1511
Description  Medium Power Differential Line Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1511 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL1511_07 Datasheet HTML 5Page - Intersil Corporation EL1511_07 Datasheet HTML 6Page - Intersil Corporation EL1511_07 Datasheet HTML 7Page - Intersil Corporation EL1511_07 Datasheet HTML 8Page - Intersil Corporation EL1511_07 Datasheet HTML 9Page - Intersil Corporation EL1511_07 Datasheet HTML 10Page - Intersil Corporation EL1511_07 Datasheet HTML 11Page - Intersil Corporation EL1511_07 Datasheet HTML 12Page - Intersil Corporation EL1511_07 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
FN7016.2
April 10, 2007
FIGURE 25. DIFFERENTIAL HARMONIC DISTORTION vs
DIFFERENTIAL OUTPUT VOLTAGE
(FULL POWER MODE)
FIGURE 26. DIFFERENTIAL HARMONIC DISTORTION vs
DIFFERENTIAL OUTPUT VOLTAGE
(FULL POWER MODE)
FIGURE 27. DIFFERENTIAL HARMONIC DISTORTION vs
DIFFERENTIAL OUTPUT VOLTAGE
(3/4 POWER MODE)
FIGURE 28. DIFFERENTIAL HARMONIC DISTORTION vs
DIFFERENTIAL OUTPUT VOLTAGE
(3/4 POWER MODE)
FIGURE 29. DIFFERENTIAL HARMONIC DISTORTION vs
DIFFERENTIAL OUTPUT VOLTAGE
(1/2 POWER MODE)
FIGURE 30. DIFFERENTIAL HARMONIC DISTORTION vs
DIFFERENTIAL OUTPUT VOLTAGE
(1/2 POWER MODE)
Typical Performance Curves (Continued)
-45
-50
-55
-60
-65
-70
-75
-80
-85
-90
12.5
VOP-P (V)
6
4
1.5
5
3
25.5
3.5
4.5
HD3
HD2
VS=±2.5V
AV=5
RF=2kΩ
RL=100Ω
f=1MHz
-45
-50
-55
-60
-65
-70
-75
-80
-85
VOP-P (V)
210
20
412
614
816
18
HD3
HD2
VS=±6V
AV=5
RF=1.5kΩ
RL=100Ω
f=1MHz
-45
-50
-55
-60
-65
-70
-75
-80
-85
-90
13.5
VOP-P (V)
6
1.5
4
24.5
2.5
5
35.5
HD3
HD2
VS=±2.5V
AV=5
RF=2kΩ
RL=100Ω
f=1MHz
-45
-50
-55
-60
-65
-70
-75
-80
-85
VOP-P (V)
HD2
HD3
VS=±6V
AV=5
RF=1.5kΩ
RL=100Ω
f=1MHz
210
20
412
614
816
18
-50
-55
-60
-65
-70
-75
-80
-85
VOP-P (V)
13.5
6
1.5
4
24.5
2.5
5
35.5
HD3
HD2
VS=±2.5V
AV=5
RF=2kΩ
RL=100Ω
f=1MHz
-45
-50
-55
-60
-65
-70
-75
-80
-85
2
VOP-P (V)
20
10
16
618
814
412
HD3
HD2
VS=±6V
AV=5
RF=1.5kΩ
RL=100Ω
f=1MHz
EL1511


Similar Part No. - EL1511_07

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL1511C ELANTEC-EL1511C Datasheet
139Kb / 2P
   Medium Power Differential Line Driver
EL1511CL ELANTEC-EL1511CL Datasheet
139Kb / 2P
   Medium Power Differential Line Driver
logo
Intersil Corporation
EL1511CL INTERSIL-EL1511CL Datasheet
73Kb / 2P
   Medium Power Differential Line Driver
logo
Renesas Technology Corp
EL1511CL RENESAS-EL1511CL Datasheet
914Kb / 18P
   Medium Power Differential Line Driver
April 10, 2007
logo
Elantec Semiconductor
EL1511CL-T13 ELANTEC-EL1511CL-T13 Datasheet
139Kb / 2P
   Medium Power Differential Line Driver
More results

Similar Description - EL1511_07

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1507 INTERSIL-EL1507_07 Datasheet
410Kb / 16P
   Medium Power Differential Line Driver
EL1506 INTERSIL-EL1506_05 Datasheet
47Kb / 2P
   Medium Power Differential Line Driver
EL1509 INTERSIL-EL1509 Datasheet
59Kb / 2P
   Medium Power Differential Line Driver
EL1511 INTERSIL-EL1511 Datasheet
73Kb / 2P
   Medium Power Differential Line Driver
EL1510 INTERSIL-EL1510 Datasheet
227Kb / 10P
   Medium Power Differential Line Driver
logo
Elantec Semiconductor
EL1507C ELANTEC-EL1507C Datasheet
151Kb / 2P
   Medium Power Differential Line Driver
EL1509C ELANTEC-EL1509C Datasheet
149Kb / 2P
   Medium Power Differential Line Driver
logo
Intersil Corporation
EL1519 INTERSIL-EL1519 Datasheet
98Kb / 2P
   Medium Power Differential Line Driver
logo
Renesas Technology Corp
EL1509 RENESAS-EL1509 Datasheet
525Kb / 10P
   Medium Power Differential Line Driver
March 26, 2007
logo
Elantec Semiconductor
EL1511C ELANTEC-EL1511C Datasheet
139Kb / 2P
   Medium Power Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com