Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL1509 Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL1509
Description  Medium Power Differential Line Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1509 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL1509_07 Datasheet HTML 2Page - Intersil Corporation EL1509_07 Datasheet HTML 3Page - Intersil Corporation EL1509_07 Datasheet HTML 4Page - Intersil Corporation EL1509_07 Datasheet HTML 5Page - Intersil Corporation EL1509_07 Datasheet HTML 6Page - Intersil Corporation EL1509_07 Datasheet HTML 7Page - Intersil Corporation EL1509_07 Datasheet HTML 8Page - Intersil Corporation EL1509_07 Datasheet HTML 9Page - Intersil Corporation EL1509_07 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
FN7015.2
March 26, 2007
EL1509
Small Outline Package Family (SO)
GAUGE
PLANE
A2
A1
L
L1
DETAIL X
4° ±4°
SEATING
PLANE
e
H
b
C
0.010
B
M
CA
0.004 C
0.010
B
M
CA
B
D
(N/2)
1
E1
E
N
N
(N/2)+1
A
PIN #1
I.D. MARK
h X 45°
A
SEE DETAIL “X”
c
0.010
MDP0027
SMALL OUTLINE PACKAGE FAMILY (SO)
SYMBOL
INCHES
TOLERANCE
NOTES
SO-8
SO-14
SO16
(0.150”)
SO16 (0.300”)
(SOL-16)
SO20
(SOL-20)
SO24
(SOL-24)
SO28
(SOL-28)
A
0.068
0.068
0.068
0.104
0.104
0.104
0.104
MAX
-
A1
0.006
0.006
0.006
0.007
0.007
0.007
0.007
±0.003
-
A2
0.057
0.057
0.057
0.092
0.092
0.092
0.092
±0.002
-
b
0.017
0.017
0.017
0.017
0.017
0.017
0.017
±0.003
-
c
0.009
0.009
0.009
0.011
0.011
0.011
0.011
±0.001
-
D
0.193
0.341
0.390
0.406
0.504
0.606
0.704
±0.004
1, 3
E
0.236
0.236
0.236
0.406
0.406
0.406
0.406
±0.008
-
E1
0.154
0.154
0.154
0.295
0.295
0.295
0.295
±0.004
2, 3
e
0.050
0.050
0.050
0.050
0.050
0.050
0.050
Basic
-
L
0.025
0.025
0.025
0.030
0.030
0.030
0.030
±0.009
-
L1
0.041
0.041
0.041
0.056
0.056
0.056
0.056
Basic
-
h
0.013
0.013
0.013
0.020
0.020
0.020
0.020
Reference
-
N
8
14
16
16
20
24
28
Reference
-
Rev. M 2/07
NOTES:
1. Plastic or metal protrusions of 0.006” maximum per side are not included.
2. Plastic interlead protrusions of 0.010” maximum per side are not included.
3. Dimensions “D” and “E1” are measured at Datum Plane “H”.
4. Dimensioning and tolerancing per ASME Y14.5M-1994


Similar Part No. - EL1509_07

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL1509C ELANTEC-EL1509C Datasheet
149Kb / 2P
   Medium Power Differential Line Driver
EL1509CL ELANTEC-EL1509CL Datasheet
149Kb / 2P
   Medium Power Differential Line Driver
logo
Intersil Corporation
EL1509CL INTERSIL-EL1509CL Datasheet
59Kb / 2P
   Medium Power Differential Line Driver
logo
Renesas Technology Corp
EL1509CL RENESAS-EL1509CL Datasheet
525Kb / 10P
   Medium Power Differential Line Driver
March 26, 2007
logo
Intersil Corporation
EL1509CL-T13 INTERSIL-EL1509CL-T13 Datasheet
59Kb / 2P
   Medium Power Differential Line Driver
More results

Similar Description - EL1509_07

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1507 INTERSIL-EL1507_07 Datasheet
410Kb / 16P
   Medium Power Differential Line Driver
EL1506 INTERSIL-EL1506_05 Datasheet
47Kb / 2P
   Medium Power Differential Line Driver
EL1511 INTERSIL-EL1511_07 Datasheet
442Kb / 18P
   Medium Power Differential Line Driver
EL1509 INTERSIL-EL1509 Datasheet
59Kb / 2P
   Medium Power Differential Line Driver
EL1511 INTERSIL-EL1511 Datasheet
73Kb / 2P
   Medium Power Differential Line Driver
EL1510 INTERSIL-EL1510 Datasheet
227Kb / 10P
   Medium Power Differential Line Driver
logo
Elantec Semiconductor
EL1507C ELANTEC-EL1507C Datasheet
151Kb / 2P
   Medium Power Differential Line Driver
EL1509C ELANTEC-EL1509C Datasheet
149Kb / 2P
   Medium Power Differential Line Driver
logo
Intersil Corporation
EL1519 INTERSIL-EL1519 Datasheet
98Kb / 2P
   Medium Power Differential Line Driver
logo
Renesas Technology Corp
EL1509 RENESAS-EL1509 Datasheet
525Kb / 10P
   Medium Power Differential Line Driver
March 26, 2007
logo
Elantec Semiconductor
EL1511C ELANTEC-EL1511C Datasheet
139Kb / 2P
   Medium Power Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com