Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL7535 Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL7535
Description  Monolithic 350mA Step-Down Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7535 Datasheet(HTML) 2 Page - Intersil Corporation

  EL7535_06 Datasheet HTML 1Page - Intersil Corporation EL7535_06 Datasheet HTML 2Page - Intersil Corporation EL7535_06 Datasheet HTML 3Page - Intersil Corporation EL7535_06 Datasheet HTML 4Page - Intersil Corporation EL7535_06 Datasheet HTML 5Page - Intersil Corporation EL7535_06 Datasheet HTML 6Page - Intersil Corporation EL7535_06 Datasheet HTML 7Page - Intersil Corporation EL7535_06 Datasheet HTML 8Page - Intersil Corporation EL7535_06 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
FN7003.5
July 13, 2006
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = 25°C)
VIN, VDD, POR to SGND . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6.5V
LX to PGND . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to (VIN + +0.3V)
RSI, EN, VO, FB to SGND . . . . . . . . . . . . . . . -0.3V to (VIN + +0.3V)
PGND to SGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +0.3V
Peak Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500mA
Operating Ambient Temperature . . . . . . . . . . . . . . . . -40°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +125°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
VDD = VIN = VEN = 3.3V, C1 = C2 = 10µF, L = 1.8µH, VO = 1.8V, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
DC CHARACTERISTICS
VFB
Feedback Input Voltage
790
800
810
mV
IFB
Feedback Input Current
250
nA
VIN, VDD
Input Voltage
2.5
6
V
VIN,OFF
Minimum Voltage for Shutdown
VIN falling
2
2.2
V
VIN,ON
Maximum Voltage for Startup
VIN rising
2.2
2.4
V
IDD
Supply Current
PWM, VIN = VDD = 5V
400
500
µA
EN = 0, VIN = VDD = 5V
0.1
1
µA
RDS(ON)-PMOS PMOS FET Resistance
VDD = 5V, wafer test only
70
100
m
RDS(ON)-NMOS NMOS FET Resistance
VDD = 5V, wafer test only
45
75
m
ILMAX
Current Limit
1.5
A
TOT,OFF
Over-temperature Threshold
T rising
145
°C
TOT,ON
Over-temperature Hysteresis
T falling
130
°C
IEN, IRSI
EN, RSI Current
VEN, VRSI = 0V and 3.3V
-1
1
µA
VEN1, VRSI1
EN, RSI Rising Threshold
VDD = 3.3V
2.4
V
VEN2, VRSI2
EN, RSI Falling Threshold
VDD = 3.3V
0.8
V
VPOR
Minimum VFB for POR, WRT Targeted
VFB Value
VFB rising
95
%
VFB falling
86
%
VOLPOR
POR Voltage Drop
ISINK = 5mA
35
70
mV
AC CHARACTERISTICS
FPWM
PWM Switching Frequency
1.25
1.4
1.55
MHz
tRSI
Minimum RSI Pulse Width
Guaranteed by design
25
50
ns
tSS
Soft-start Time
650
µs
tPOR
Power On Reset Delay Time
80
100
120
ms
EL7535


Similar Part No. - EL7535_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7535IY INTERSIL-EL7535IY Datasheet
317Kb / 8P
   Monolithic 350mA Step-Down Regulator
EL7535IY-T13 INTERSIL-EL7535IY-T13 Datasheet
317Kb / 8P
   Monolithic 350mA Step-Down Regulator
EL7535IY-T7 INTERSIL-EL7535IY-T7 Datasheet
317Kb / 8P
   Monolithic 350mA Step-Down Regulator
EL7535IYZ INTERSIL-EL7535IYZ Datasheet
317Kb / 8P
   Monolithic 350mA Step-Down Regulator
logo
Renesas Technology Corp
EL7535IYZ RENESAS-EL7535IYZ Datasheet
505Kb / 10P
   Monolithic 350mA Step-Down Regulator
More results

Similar Description - EL7535_06

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7535 RENESAS-EL7535 Datasheet
505Kb / 10P
   Monolithic 350mA Step-Down Regulator
logo
Intersil Corporation
EL7535 INTERSIL-EL7535 Datasheet
317Kb / 8P
   Monolithic 350mA Step-Down Regulator
EL7536 INTERSIL-EL7536 Datasheet
430Kb / 8P
   Monolithic 1A Step-Down Regulator
EL7536 INTERSIL-EL7536_06 Datasheet
186Kb / 9P
   Monolithic 1A Step-Down Regulator
logo
Renesas Technology Corp
EL7532 RENESAS-EL7532 Datasheet
506Kb / 9P
   Monolithic 2A Step-Down Regulator
logo
Intersil Corporation
EL7534 INTERSIL-EL7534 Datasheet
351Kb / 8P
   Monolithic 600mA Step-Down Regulator
EL7532 INTERSIL-EL7532 Datasheet
226Kb / 8P
   Monolithic 2A Step-Down Regulator
logo
Renesas Technology Corp
EL7536 RENESAS-EL7536 Datasheet
488Kb / 9P
   Monolithic 1A Step-Down Regulator
logo
Intersil Corporation
EL7534 INTERSIL-EL7534_06 Datasheet
193Kb / 9P
   Monolithic 600mA Step-Down Regulator
EL7532 INTERSIL-EL7532_06 Datasheet
212Kb / 8P
   Monolithic 2A Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com