Electronic Components Datasheet Search |
|
5962-0721301QHC Datasheet(PDF) 5 Page - Intersil Corporation |
|
5962-0721301QHC Datasheet(HTML) 5 Page - Intersil Corporation |
5 / 6 page 5 FN6478.0 March 30, 2007 5962-0721301QHC, 5962-0721302QHC, 5962-0721302QDC Ceramic Metal Seal Flatpack Packages (Flatpack) NOTES: 1. Index area: A notch or a pin one identification mark shall be locat- ed adjacent to pin one and shall be located within the shaded area shown. The manufacturer’s identification shall not be used as a pin one identification mark. Alternately, a tab (dimension k) may be used to identify pin one. 2. If a pin one identification mark is used in addition to a tab, the lim- its of dimension k do not apply. 3. This dimension allows for off-center lid, meniscus, and glass overrun. 4. Dimensions b1 and c1 apply to lead base metal only. Dimension M applies to lead plating and finish thickness. The maximum lim- its of lead dimensions b and c or M shall be measured at the cen- troid of the finished lead surfaces, when solder dip or tin plate lead finish is applied. 5. N is the maximum number of terminal positions. 6. Measure dimension S1 at all four corners. 7. For bottom-brazed lead packages, no organic or polymeric mate- rials shall be molded to the bottom of the package to cover the leads. 8. Dimension Q shall be measured at the point of exit (beyond the meniscus) of the lead from the body. Dimension Q minimum shall be reduced by 0.0015 inch (0.038mm) maximum when sol- der dip lead finish is applied. 9. Dimensioning and tolerancing per ANSI Y14.5M - 1982. 10. Controlling dimension: INCH. -D- -C- 0.004 H A - B M D S S -A- -B- 0.036 H A - B M D S S e E A Q L A E1 SEATING AND L E2 E3 E3 BASE PLANE -H- b C S1 M c1 b1 (c) (b) SECTION A-A BASE LEAD FINISH METAL PIN NO. 1 ID AREA A M D K10.A MIL-STD-1835 CDFP3-F10 (F-4A, CONFIGURATION B) 10 LEAD CERAMIC METAL SEAL FLATPACK PACKAGE SYMBOL INCHES MILLIMETERS NOTES MIN MAX MIN MAX A 0.045 0.115 1.14 2.92 - b 0.015 0.022 0.38 0.56 - b1 0.015 0.019 0.38 0.48 - c 0.004 0.009 0.10 0.23 - c1 0.004 0.006 0.10 0.15 - D - 0.290 - 7.37 3 E 0.240 0.260 6.10 6.60 - E1 -0.280 -7.11 3 E2 0.125 - 3.18 - - E3 0.030 - 0.76 - 7 e 0.050 BSC 1.27 BSC - k 0.008 0.015 0.20 0.38 2 L 0.250 0.370 6.35 9.40 - Q 0.026 0.045 0.66 1.14 8 S1 0.005 - 0.13 - 6 M - 0.0015 - 0.04 - N10 10 - Rev. 0 3/07 |
Similar Part No. - 5962-0721301QHC |
|
Similar Description - 5962-0721301QHC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |