Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE30045 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE30045
Description  Super Bright LED Indicators, 5mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE30045 Datasheet(HTML) 2 Page - NTE Electronics

  NTE30045 Datasheet HTML 1Page - NTE Electronics NTE30045 Datasheet HTML 2Page - NTE Electronics NTE30045 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electro−Optical Characteristics (Cont’d): (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max Unit
Reverse Current
All Devices
IR
VR = 5V
10
µA
NTE30038, NTE30043, NTE30045 Only
VR = 4V
60
µA
Luminous Intensity
NTE30037
IV
IF = 20mA, Note 1
2500
mcd
NTE30038
10500
mcd
NTE30039
7000
mcd
NTE30040
2400
mcd
NTE30041
3500
mcd
NTE30042
5500
mcd
NTE30043
3500
mcd
NTE30045
16000
mcd
Peak Emission Wave Length
NTE30037
λP
IF = 20mA
575
nm
NTE30038
523
nm
NTE30039
592
nm
NTE30040
620
nm
NTE30041
660
nm
NTE30042
607
nm
NTE30043
465
nm
NTE30045
CIE Coordinates, Typ
X: 0.30; Y: 0.31
Dominate Wave Length (NTE30040 Only)
λd (HUE) IF = 20mA, Note 2
615
nm
Spectral Line Half Width
NTE30037, NTE30040, NTE30041, NTE30042
∆λ
IF = 20mA
20
nm
NTE30038
45
nm
NTE30039
25
nm
NTE30043
35
nm
Viewing Angle
All Devices
2
q1/2
IF = 20mA
12
deg.
NTE30038 Only
15
deg.
NTE30040 Only
40
deg.
NTE30045 Only
22
deg.
Terminal Capacitance (NTE30040 Only)
Ct
V = 0V, f = 1MHz
15
pF
Response Frequency (NTE30040 Only)
Fc
4
MHz
Note 1. Luminous intensity is measured with an Exeltron 2001.
Note 2. The dominate wavelength,
λd, is derived from the CIE Chromaticity Diagram and represents
the color of the device.


Similar Part No. - NTE30045

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3004 NTE-NTE3004 Datasheet
59Kb / 2P
   Light Emitting Diode (LED)
NTE30044 NTE-NTE30044 Datasheet
84Kb / 3P
   Super Bright LED Indicators, 3mm
NTE30047 NTE-NTE30047 Datasheet
56Kb / 1P
   Infrared Emitting Diode − 5mm
More results

Similar Description - NTE30045

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE30135 NTE-NTE30135 Datasheet
72Kb / 2P
   Super Bright LED Indicators 5mm, Bullet Head Type
NTE30065 NTE-NTE30065 Datasheet
95Kb / 3P
   Super Bright LED Indicators, 10mm
NTE30053 NTE-NTE30053 Datasheet
95Kb / 3P
   Super Bright LED Indicators, 8mm
NTE30030 NTE-NTE30030 Datasheet
84Kb / 3P
   Super Bright LED Indicators, 3mm
NTE30121 NTE-NTE30121 Datasheet
58Kb / 2P
   Super Bright LED Indicator Super Purple, 5mm
logo
Elektron Components Ltd...
DX0998 BULGIN-DX0998 Datasheet
68Kb / 1P
   5mm LED Indicators
DX1090 BULGIN-DX1090 Datasheet
67Kb / 1P
   5mm LED Indicators
logo
NTE Electronics
NTE30127 NTE-NTE30127 Datasheet
70Kb / 2P
   Super Bright LED Indicator Turquoise, 5mm
NTE30126 NTE-NTE30126 Datasheet
85Kb / 2P
   Super Bright LED Indicator Ultra Bright Pink, 5mm
logo
P-tec Corporation
PL16-WCR21 P-TEC-PL16-WCR21 Datasheet
30Kb / 1P
   5MM T1쩐 Super Bright Red LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com