Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL12021CVZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL12021CVZ
Description  Real Time Clock with On Chip Temp Compensation 짹5ppm
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12021CVZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL12021CVZ Datasheet HTML 7Page - Intersil Corporation ISL12021CVZ Datasheet HTML 8Page - Intersil Corporation ISL12021CVZ Datasheet HTML 9Page - Intersil Corporation ISL12021CVZ Datasheet HTML 10Page - Intersil Corporation ISL12021CVZ Datasheet HTML 11Page - Intersil Corporation ISL12021CVZ Datasheet HTML 12Page - Intersil Corporation ISL12021CVZ Datasheet HTML 13Page - Intersil Corporation ISL12021CVZ Datasheet HTML 14Page - Intersil Corporation ISL12021CVZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
FN6451.0
March 30, 2007
20h
DSTCR
DstMoFd
DSTE
D
D
DstMoFd2
0
DstMoFd1
3
DstMoFd1
2
DstMoFd1
1
DstMoFd1
0
1 to 12
00h
21h
DstDwFd DstDwEF
d
DDDD
DstDwFd1
2
DstDwFd1
1
DstDwFd1
0
0 to 6
00h
22h
DstDtFd
D
D
DstDtFd2
1
DstDtFd2
0
DstDtFd1
3
DstDtFd1
2
DstDtFd11 DstDtFd1
0
1 to 31
00h
23h
DstHrFd
D
D
DstHrFd2
1
DstHrFd2
0
DstHrFd1
3
DstHrFd1
2
DstHrFd1
1
DstHrFd1
0
0 to 23
00h
24h
DstMoRv
D
D
D
XDstMoR
v20
DstMoRv1
3
DstMoR12
v
DstMoRv1
1
DstMoRv1
0
01 to 12
00h
25h
DstDwRv DstDwER
v
DDDD
DstDwRv1
2
DstDwRv1
1
DstDwRv1
0
0 to 6
00h
26h
DstDtRv
D
D
DstDtRv2
1
DstDtRv2
0
DstDtRv1
3
DstDtRv1
2
DstDtRv1
1
DstDtRv1
0
01 to 31
00h
27h
DstHrRv
D
D
DstHrRv2
1
DstHrRv2
0
DstHrRv1
3
DstHrRv1
2
DstHrRv1
1
DstHrRv1
0
0 to 23
00h
28h
TEMP
TK0L
TK07
TK06
TK05
TK04
TK03
TK02
TK01
TK00
00 to FF
00h
29h
TK0M
0
00000
TK09
TK08
00 to 03
00h
2Ah
GPM
GPM1
GPM17
GPM16
GPM15
GPM14
GPM13
GPM12
GPM11
GPM10
00 to FF
00h
2Bh
GPM2
GPM27
GPM26
GPM25
GPM24
GPM23
GPM22
GPM21
GPM20
00 to FF
00h
2Ch
GPM3
GPM37
GPM36
GPM35
GPM34
GPM33
GPM32
GPM31
GPM30
00 to FF
00h
2Dh
GPM4
GPM47
GPM46
GPM45
GPM44
GPM43
GPM42
GPM41
GPM40
00 to FF
00h
2Eh
GPM5
GPM57
GPM56
GPM55
GPM54
GPM53
GPM52
GPM51
GPM50
00 to FF
00h
2Fh
GPM6
GPM67
GPM66
GPM65
GPM64
GPM63
GPM62
GPM61
GPM60
00 to FF
00h
TABLE 1. REGISTER MEMORY MAP (Continued)
ADDR. SECTION
REG
NAME
BIT
RANGE
DEFAULT
7
6543210
ISL12021


Similar Part No. - ISL12021CVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12020 INTERSIL-ISL12020 Datasheet
297Kb / 25P
   Low Power RTC with VDD Battery Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Day Light Saving
ISL12020CBZ INTERSIL-ISL12020CBZ Datasheet
297Kb / 25P
   Low Power RTC with VDD Battery Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Day Light Saving
ISL12020IBZ INTERSIL-ISL12020IBZ Datasheet
297Kb / 25P
   Low Power RTC with VDD Battery Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Day Light Saving
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M INTERSIL-ISL12020M Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
More results

Similar Description - ISL12021CVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12022 INTERSIL-ISL12022 Datasheet
375Kb / 28P
   Real Time Clock with On Chip 짹5ppm Temp Compensation
logo
Maxim Integrated Produc...
DS3231M MAXIM-DS3231M Datasheet
1Mb / 20P
   짹5ppm, I2C Real-Time Clock
19-5312; Rev 0; 6/10
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M Datasheet
376Kb / 27P
   Real Time Clock with Embedded Crystal, 짹5ppm Accuracy
logo
Maxim Integrated Produc...
MAX31343 MAXIM-MAX31343 Datasheet
1Mb / 40P
   짹5ppm, I2C Real-Time Clock with Integrated MEMS Oscillator
2021
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
   Real Time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com