Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL12021 Datasheet(PDF) 16 Page - Intersil Corporation

Part # ISL12021
Description  Real Time Clock with On Chip Temp Compensation 짹5ppm
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12021 Datasheet(HTML) 16 Page - Intersil Corporation

Back Button ISL12021 Datasheet HTML 12Page - Intersil Corporation ISL12021 Datasheet HTML 13Page - Intersil Corporation ISL12021 Datasheet HTML 14Page - Intersil Corporation ISL12021 Datasheet HTML 15Page - Intersil Corporation ISL12021 Datasheet HTML 16Page - Intersil Corporation ISL12021 Datasheet HTML 17Page - Intersil Corporation ISL12021 Datasheet HTML 18Page - Intersil Corporation ISL12021 Datasheet HTML 19Page - Intersil Corporation ISL12021 Datasheet HTML 20Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
FN6451.0
March 30, 2007
GAIN FACTOR OF ATR BIT (BETA)<3:0>
Beta is specified to take care of the Cm variations of the
crystal. Most crystals specify Cm around 2.2fF. For example,
if Cm > 2.2fF, the actual ATR steps may reduce from
1ppm/step to approximately 0.80ppm/step. Beta is then used
to adjust for this variation and restore the step size to
1ppm/step.
The value for BETA should only be changed while the TSE
(Temp Sense Enable) bit is “0”. The procedure for writing the
BETA register involves two steps. First, Write the new value
of BETA with TSE = 0. Then Write the same value of BETA
with TSE = 1. This will insure the next temp sense cycle will
use the new BETA value. BETA values are limited in the
range from 0100 to 1100 as shown in Table 16
.
Final Analog Trimming Register (FATR)
This register shows the final setting of ATR after temperature
correction. It is read-only, the user cannot overwrite a value
to this register. This value is accessible as a means of
monitoring the temperature compensation function. See
Table 17.
Final Digital Trimming Register (FDTR)
This Register shows the final setting of DTR after
temperature correction. It is read-only, the user cannot
overwrite a value to this register. The value is accessible as
a means of monitoring the temperature compensation
function. The corresponding clock adjustment values are
shown in Table 19. The DTR setting is only positive as it is
used to correct for the negative drift of a normal crystal over
temperature.
ALARM Registers (10h to 15h)
The alarm register bytes are set up identical to the RTC
register bytes, except that the MSB of each byte functions as
an enable bit (enable = “1”). These enable bits specify which
alarm registers (seconds, minutes, etc.) are used to make
the comparison. Note that there is no alarm byte for year.
The alarm function works as a comparison between the
alarm registers and the RTC registers. As the RTC
advances, the alarm will be triggered once a match occurs
between the alarm registers and the RTC registers. Any one
alarm register, multiple registers, or all registers can be
enabled for a match.
There are two alarm operation modes: Single Event and
periodic Interrupt Mode:
• Single Event Mode is enabled by setting the bit 7 on any
of the Alarm registers (ESCA0... EDWA0) to “1”, the IM bit
to “0”, and disabling the frequency output. This mode
permits a one-time match between the Alarm registers
and the RTC registers. Once this match occurs, the ALM
bit is set to “1” and the IRQ output will be pulled low and
will remain low until the ALM bit is reset. This can be done
manually or by using the auto-reset feature.
• Interrupt Mode is enabled by setting the bit 7 on any of
the Alarm registers (ESCA0... EDWA0) to “1”, the IM bit to
TABLE 15. FREQUENCY OF TEMPERATURE SENSING AND
CORRECTION BIT
BTSE
BTSR
TC PERIOD IN
BATTERY MODE
00
OFF
01
OFF
1
0
10 Minutes
1
1
1 Minute
TABLE 16. BETA VALUES
BETA<3:0>
ATR STEP ADJUSTMENT
0100
0.500
0101
0.625
0110
0.750
0111
0.875
1000
1.00
1001
1.125
1010
1.250
1011
1.375
1100
1.500
TABLE 17. FINAL ANALOG TRIMMING REGISTER
ADDR
7
6
5
4
3
2
1
0
0Eh
0
0
FATR5 FATR4 FATR3 FATR2 FATR1 FATR0
TABLE 18. FINAL DIGITAL TRIMMING REGISTER
ADDR
76543
2
1
0
0Fh
FDTR2
FDTR1
FDTR0
TABLE 19. CLOCK ADJUSTMENT VALUES FOR FINAL
DIGITAL TRIMMING REGISTER
DTR<2:0>
DECIMAL
ppm
ADJUSTMENT
000
0
0
001
1
32
010
2
64
011
3
96
100
4
128
101
5
160
110
6
196
111
7
-32
ISL12021


Similar Part No. - ISL12021

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12020 INTERSIL-ISL12020 Datasheet
297Kb / 25P
   Low Power RTC with VDD Battery Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Day Light Saving
ISL12020CBZ INTERSIL-ISL12020CBZ Datasheet
297Kb / 25P
   Low Power RTC with VDD Battery Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Day Light Saving
ISL12020IBZ INTERSIL-ISL12020IBZ Datasheet
297Kb / 25P
   Low Power RTC with VDD Battery Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Day Light Saving
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M INTERSIL-ISL12020M Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
More results

Similar Description - ISL12021

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12022 INTERSIL-ISL12022 Datasheet
375Kb / 28P
   Real Time Clock with On Chip 짹5ppm Temp Compensation
logo
Maxim Integrated Produc...
DS3231M MAXIM-DS3231M Datasheet
1Mb / 20P
   짹5ppm, I2C Real-Time Clock
19-5312; Rev 0; 6/10
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M Datasheet
376Kb / 27P
   Real Time Clock with Embedded Crystal, 짹5ppm Accuracy
logo
Maxim Integrated Produc...
MAX31343 MAXIM-MAX31343 Datasheet
1Mb / 40P
   짹5ppm, I2C Real-Time Clock with Integrated MEMS Oscillator
2021
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
   Real Time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com