Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPR2.2M16 Datasheet(PDF) 1 Page - NTE Electronics

Part # NPR2.2M16
Description  NON−POLAR ALUMINUM ELECTROLYTIC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NPR2.2M16 Datasheet(HTML) 1 Page - NTE Electronics

  NPR2.2M16 Datasheet HTML 1Page - NTE Electronics NPR2.2M16 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NON−POLAR ALUMINUM ELECTROLYTIC
NPR, NPA (Non−Polarized) SERIES
7
NTE Electronics, Inc.
D Voice (973) 748−5089 D FAX (973) 748−6224 D http://www.nteinc.com
SUBMINIATURE N0N−POLARIZED
(NPR: Radial Leads, NPA: Axial Leads)
The NPR and NPA Series subminiature aluminum electrolytic
capacitors are especially designed for use in circuits whose po-
larity is reversed or unknown or in crossover networks which do
not require tough characteristic requirements.
RATINGS
Capacitance Range: 0.47
μf to 1000μf
Tolerance:
±20%
Voltage Range: 16V to 100V
PERFORMANCE SPECIFICATIONS
Operating Temperature Range:
−40
°C to +85°C (−40°F to +185°F)
Leakage Current: I
≤ 0.002CV + 3μA (measured after
5 minutes of applied voltage)
I = Leakage Current (
μA)
C = Nominal Capacitance (
μf)
V = Rated Voltage (V)
Capacitance Tolerance (M):
±20%
measured at 20
°C (68°F), 120Hz
Dissipation Factor: measured at +20
°C (+68°F),120HZ
Rated Voltage
16
25
50
63
100
0.1
μf to 1000μf
0.16
0.12
0.08
0.06
0.06
Impedance Ratio at Low Temperature: 120HZ
Comparison Z WV
16
25
50
63
100
Z @ −25
°C (−13°F)/
Z @ +20
°C (+68°F)
2
1.5
1.5
2
2
Z @ −40
°C (−40°F)/
Z @ +20
°C (+68°F)
3
2
2
4
4
Surge Voltage:
DC Rated Voltage
16
25
50
63
100
Surge Voltage
20
32
63
79
125
Load Life: 1000
±12Hrs @ +85°C (+185°F),
at rated voltage
Leakage Current: Within values specified above
Dissipation Factor: Within
±150% of specified value
Capacitance Change Max:
±15% of initial value
Rated Voltage
Capacitance Change Max
160V to 450V
Within 30% of the initial value
Shelf Life: 1000 Hrs @ +85
°C (+185°F),
no voltage applied
Leakage Current: Within values specified above
Dissipation Factor: Within
±150% of specified value
Capacitance Change Max: Within
±15% of initial value
MECHANICAL SPECIFICATIONS
Lead Solderability:
Meets the requirements of MIL−STD 202, Method 208
Marking:
Consists of series type, nominal capacitance, rated
voltage, temperature range, anode and/or cathode
identification, vendor identification.
Recommended Cleaning Solvents:
Methanol, isopropanol ethanol, isobutanol, petroleum
ether, propanol and/or commercial detergents. Halo-
genated hydrocarbon cleaning agents such as Freon
(MF, TF, or TC), trichloroethylene, trichloroethane, or
methylchloride are not recommended as they may
damage the capacitor.
CASE SIZES AND DIMENSIONS:
D’ Ø = D Ø + 0.5 Max
L’ = L + 1.0 Max at D Ø
≤ 8.0
L’ = L + 2.0 Max at D Ø
≥ 10.0
D’ Ø = D Ø + 0.5 Max
L’ = L + 1.0 Max at D Ø
≤ 8.0
L’ = L + 2.0 Max at D Ø
≥ 10.0
NPR SERIES
NPA SERIES
Insulating
Sleeve
L
35.0 Min
35.0 Min
L’
2.3 Max
d Ø
D Ø
D’ Ø
D Ø
D’ Ø
Insulating
Sleeve
d Ø
L
L’
5.0 Min
18.0 Min
A
±0.5
ORDERING INFORMATION
NPR
47
M
50
Series
Capacitance
Tolerance
Voltage


Similar Part No. - NPR2.2M16

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
NPR2-T126 RIEDON-NPR2-T126 Datasheet
293Kb / 2P
   Power Film Resistors
NPR2-T220 RIEDON-NPR2-T220 Datasheet
371Kb / 3P
   Power Resistors
NPR2-T220 RIEDON-NPR2-T220 Datasheet
209Kb / 3P
   Power Resistors
NPR2-T220 RIEDON-NPR2-T220_13 Datasheet
209Kb / 3P
   Power Resistors
NPR2-T221 RIEDON-NPR2-T221 Datasheet
371Kb / 3P
   Power Resistors
More results

Similar Description - NPR2.2M16

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRESN NIC-NRESN_14 Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NSRN NIC-NSRN Datasheet
136Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NNR NIC-NNR_14 Datasheet
84Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NNR NIC-NNR Datasheet
169Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NRE-SN NIC-NRE-SN Datasheet
210Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NRESN NIC-NRESN Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
logo
Cornell Dubilier Electr...
SN330M6R3ST CDE-SN330M6R3ST_14 Datasheet
543Kb / 4P
   Radial Leaded Non-Polar Aluminum Electrolytic
SN330M6R3ST CDE-SN330M6R3ST Datasheet
419Kb / 4P
   85 쨘C Non-Polar Aluminum Electrolytic Capacitors
logo
RFE international
RN010M2ABK050110 RFE-RN010M2ABK050110 Datasheet
100Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RNG Series: Radial Non-Polar
RN010M2ABK063110 RFE-RN010M2ABK063110 Datasheet
101Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RN Series: Radial Non-Polar
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com