Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPR47M50 Datasheet(PDF) 2 Page - NTE Electronics

Part # NPR47M50
Description  NON−POLAR ALUMINUM ELECTROLYTIC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NPR47M50 Datasheet(HTML) 2 Page - NTE Electronics

  NPR47M50 Datasheet HTML 1Page - NTE Electronics NPR47M50 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
(V)
(V)
NPR, NPA (Non−Polarized) SERIES
NON−POLAR ALUMINUM ELECTROLYTIC
8
NTE Electronics, Inc.
D Voice (973) 748−5089 D FAX (973) 748−6224 D http://www.nteinc.com
NPR Series (Radial Type) Dimensions: Diameter (D Ø) x Length (L): mm
Rated Voltage
(WV)
16
25
50
63
100
Surge Voltage
20
32
63
79
125
Cap (
μf)
20
32
63
79
125
0.47
5 x 11
5 x 11
1.0
5 x 11
5 x 11
5 x 11
2.2
5 x 11
5 x 11
6 x 11
3.3
5 x 11
6 x 11
8 x 11.5
4.7
5 x 11
6 x 11
6 x 11
8 x 11.5
10
5 x 11
5 x 11
8 x 11.5
8 x 11.5
10 x 12.5
22
6 x 11
6 x 11
10 x 12.5
10 x 12.5
10 x 20
33
6 x 11
8 x 11.5
10 x 16
10 x 16
13 x 20
47
8 x 11.5
10 x 12.5
10 x 20
10 x 20
13 x 25
100
10 x 12.5
10 x 16
13 x 25
13 x 25
16 x 25
220
10 x 20
13 x 25
16 x 25
16 x 30
330
13 x 20
13 x 25
16 x 30.5
470
13 x 25
16 x 25
1000
16 x 25
16 x 30.5
* These dimensions are for reference only, please consult the factory for actual size.
NPR Series (Radial Type) Mechanical Specifications: mm
Outside Diameter (D Ø)
5
6
8
10
13
16
Lead Spacing (A)
2
2.5
3.5
5
5
7.5
Lead Diameter (d Ø)
0.5
0.6
0.6
0.6
0.6
0.8
* These dimensions are for reference only, please consult the factory for actual size.
NPA Series (Axial Type) Dimensions: Diameter (D Ø) x Length (L): mm
Rated Voltage
(WV)
16
25
50
63
100
Surge Voltage
20
32
63
79
125
Cap (
μf)
20
32
63
79
125
0.47
6 x 15
6 x 15
1.0
6 x 15
6 x 15
6 x 15
2.2
6 x 15
6 x 15
6 x 15
3.3
6 x 15
6 x 15
6 x 19
4.7
6 x 15
6 x 15
8 x 19
10
6 x 15
6 x 19
8 x 19
10 x 21
22
6 x 15
6 x 19
10 x 21
10 x 21
10 x 25
33
6 x 19
8 x 19
10 x 21
10 x 25
13 x 30
47
8 x 19
8 x 19
10 x 25
10 x 25
13 x 30
100
10 x 21
10 x 25
13 x 30
13 x 30
16 x 30
220
10 x 25
13 x 30
16 x 30
16 x 30
330
10 x 30
13 x 30
16 x 41
16 x 41
470
13 x 30
16 x 30
1000
16 x 30
* These dimensions are for reference only, please consult the factory for actual size.
NPA Series (Axial Type) Mechanical Specifications: mm
Outside Diameter (D Ø)
6
8
10
13
16
Lead Diameter (d Ø)
0.6
0.6
0.6
0.8
0.8
* These dimensions are for reference only, please consult the factory for actual size.


Similar Part No. - NPR47M50

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NPR-101 AMPHENOL-NPR-101 Datasheet
155Kb / 2P
   Harsh media compatibility
logo
DOMINANT Semiconductors
NPR-MSS DOMINANT-NPR-MSS Datasheet
492Kb / 12P
   AlInGaP : SPNovaLED-1 Watt (400mA)
NPR-MSS-AA DOMINANT-NPR-MSS-AA Datasheet
492Kb / 12P
   AlInGaP : SPNovaLED-1 Watt (400mA)
NPR-MSS-AAB-1 DOMINANT-NPR-MSS-AAB-1 Datasheet
492Kb / 12P
   AlInGaP : SPNovaLED-1 Watt (400mA)
NPR-MSS-AB DOMINANT-NPR-MSS-AB Datasheet
492Kb / 12P
   AlInGaP : SPNovaLED-1 Watt (400mA)
More results

Similar Description - NPR47M50

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRESN NIC-NRESN_14 Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NSRN NIC-NSRN Datasheet
136Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NNR NIC-NNR_14 Datasheet
84Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NNR NIC-NNR Datasheet
169Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NRE-SN NIC-NRE-SN Datasheet
210Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NRESN NIC-NRESN Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
logo
Cornell Dubilier Electr...
SN330M6R3ST CDE-SN330M6R3ST_14 Datasheet
543Kb / 4P
   Radial Leaded Non-Polar Aluminum Electrolytic
SN330M6R3ST CDE-SN330M6R3ST Datasheet
419Kb / 4P
   85 쨘C Non-Polar Aluminum Electrolytic Capacitors
logo
RFE international
RN010M2ABK050110 RFE-RN010M2ABK050110 Datasheet
100Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RNG Series: Radial Non-Polar
RN010M2ABK063110 RFE-RN010M2ABK063110 Datasheet
101Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RN Series: Radial Non-Polar
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com