Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6313 Datasheet(PDF) 24 Page - Intersil Corporation

Part # ISL6313
Description  Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6313 Datasheet(HTML) 24 Page - Intersil Corporation

Back Button ISL6313 Datasheet HTML 20Page - Intersil Corporation ISL6313 Datasheet HTML 21Page - Intersil Corporation ISL6313 Datasheet HTML 22Page - Intersil Corporation ISL6313 Datasheet HTML 23Page - Intersil Corporation ISL6313 Datasheet HTML 24Page - Intersil Corporation ISL6313 Datasheet HTML 25Page - Intersil Corporation ISL6313 Datasheet HTML 26Page - Intersil Corporation ISL6313 Datasheet HTML 27Page - Intersil Corporation ISL6313 Datasheet HTML 28Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
24
FN6448.0
March 5, 2007
pin voltage exceeds the VOCP voltage of 2.0V, the
overcurrent protection circuitry activates. Since the IOUT pin
voltage is proportional to the output current, the overcurrent
trip level, IOCP, can be set by selecting the proper value for
RIOUT, as shown in Equation 24.
Once the output current exceeds the overcurrent trip level,
VIOUT will exceed VOCP and a comparator will trigger the
converter to begin overcurrent protection procedures.
At the beginning of an overcurrent shutdown, the controller
turns off both upper and lower MOSFETs and lowers
PGOOD. The controller will then immediately attempt to soft-
start. If the overcurrent fault remains, the trip-retry cycles will
continue until either the controller is disabled or the fault is
cleared. If five overcurrent events occur without successfully
completing soft-start, the controller will latch off after the fifth
try and must be reset by toggling EN before a soft-start can
be reinitiated. Note that the energy delivered during trip-retry
cycling is much less than during full-load operation, so there
is no thermal hazard.
Individual Channel Overcurrent Limiting
The ISL6313 has the ability to limit the current in each
individual channel without shutting down the entire regulator.
This is accomplished by continuously comparing the sensed
currents of each channel with a constant 140µA OCL
reference current as shown in Figure 16. If a channel’s
individual sensed current exceeds this OCL limit, the UGATE
signal of that channel is immediately forced low, and the
LGATE signal is forced high. This turns off the upper
MOSFET(s), turns on the lower MOSFET(s), and stops the
rise of current in that channel, forcing the current in the
channel to decrease. That channel’s UGATE signal will not
be able to return high until the sensed channel current falls
back below the 140µA reference.
During VID-on-the-fly transitions the OCL trip level is
boosted to prevent false overcurrent limiting events that can
occur. Starting from the beginning of a dynamic VID
transition, the overcurrent trip level is boosted to 196µA. The
OCL level will stay at this boosted level until 50
μs after the
end of the dynamic VID transition, at which point it will return
to the typical 140µA trip level.
General Design Guide
This design guide is intended to provide a high-level
explanation of the steps necessary to create a multi-phase
power converter. It is assumed that the reader is familiar with
many of the basic skills and techniques referenced below. In
addition to this guide, Intersil provides complete reference
designs that include schematics, bills of materials, and example
board layouts for all common microprocessor applications.
Power Stages
The first step in designing a multi-phase converter is to
determine the number of phases. This determination
depends heavily on the cost analysis which in turn depends
on system constraints that differ from one design to the next.
Principally, the designer will be concerned with whether
components can be mounted on both sides of the circuit
board, whether through-hole components are permitted, the
total board space available for power-supply circuitry, and
the maximum amount of load current. Generally speaking,
the most economical solutions are those in which each
phase handles between 25A and 30A. All surface-mount
designs will tend toward the lower end of this current range.
If through-hole MOSFETs and inductors can be used, higher
per-phase currents are possible. In cases where board
space is the limiting constraint, current can be pushed as
high as 40A per phase, but these designs require heat sinks
and forced air to cool the MOSFETs, inductors and heat-
dissipating surfaces.
MOSFETS
The choice of MOSFETs depends on the current each
MOSFET will be required to conduct, the switching frequency,
the capability of the MOSFETs to dissipate heat, and the
availability and nature of heat sinking and air flow.
LOWER MOSFET POWER CALCULATION
The calculation for power loss in the lower MOSFET is
simple, since virtually all of the loss in the lower MOSFET is
due to current conducted through the channel resistance
(rDS(ON)). In Equation 25, IM is the maximum continuous
output current, IPP is the peak-to-peak inductor current (see
Equation 1), and d is the duty cycle (VOUT/VIN).
An additional term can be added to the lower-MOSFET loss
equation to account for additional loss accrued during the dead
time when inductor current is flowing through the lower-
I
OCP
6R
SET N
⋅⋅
DCR R
IOUT 400
⋅⋅
---------------------------------------------------
=
(EQ. 24)
0A
0V
OUTPUT CURRENT, 50A/DIV
FIGURE 17. OVERCURRENT BEHAVIOR IN HICCUP MODE
OUTPUT VOLTAGE,
500mV/DIV
(EQ. 25)
P
LOW 1
()
r
DS ON
()
I
M
N
------
⎝⎠
⎜⎟
⎛⎞ 2
1d
()
I
LPP
()
2
1d
()
12
--------------------------------------
+
=
ISL6313


Similar Part No. - ISL6313

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6313 RENESAS-ISL6313 Datasheet
1Mb / 34P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Intersil Corporation
ISL6313 INTERSIL-ISL6313 Datasheet
632Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
September 2, 2008
ISL6313B INTERSIL-ISL6313B Datasheet
628Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Renesas Technology Corp
ISL6313B RENESAS-ISL6313B Datasheet
1Mb / 34P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Intersil Corporation
ISL6313B INTERSIL-ISL6313B Datasheet
630Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
November 6, 2008
More results

Similar Description - ISL6313

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6313 RENESAS-ISL6313 Datasheet
1Mb / 34P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Intersil Corporation
ISL6313BCRZ INTERSIL-ISL6313BCRZ Datasheet
630Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
November 6, 2008
ISL6313B INTERSIL-ISL6313B Datasheet
628Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6313CRZ INTERSIL-ISL6313CRZ Datasheet
632Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
September 2, 2008
logo
Renesas Technology Corp
ISL6313B RENESAS-ISL6313B Datasheet
1Mb / 34P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Intersil Corporation
ISL6314 INTERSIL-ISL6314 Datasheet
820Kb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Renesas Technology Corp
ISL6314 RENESAS-ISL6314 Datasheet
1Mb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Intersil Corporation
ISL6314CRZ-T INTERSIL-ISL6314CRZ-T Datasheet
820Kb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6314CRZ INTERSIL-ISL6314CRZ Datasheet
823Kb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
October 8, 2009
ISL6312 INTERSIL-ISL6312 Datasheet
736Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com