Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6313 Datasheet(PDF) 18 Page - Intersil Corporation

Part # ISL6313
Description  Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6313 Datasheet(HTML) 18 Page - Intersil Corporation

Back Button ISL6313 Datasheet HTML 14Page - Intersil Corporation ISL6313 Datasheet HTML 15Page - Intersil Corporation ISL6313 Datasheet HTML 16Page - Intersil Corporation ISL6313 Datasheet HTML 17Page - Intersil Corporation ISL6313 Datasheet HTML 18Page - Intersil Corporation ISL6313 Datasheet HTML 19Page - Intersil Corporation ISL6313 Datasheet HTML 20Page - Intersil Corporation ISL6313 Datasheet HTML 21Page - Intersil Corporation ISL6313 Datasheet HTML 22Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
18
FN6448.0
March 5, 2007
In other cases, the designer may determine that a more
cost-effective solution can be achieved by adding droop.
Droop can help to reduce the output-voltage spike that
results from fast load-current demand changes.
The magnitude of the spike is dictated by the ESR and ESL
of the output capacitors selected. By positioning the no-load
voltage level near the upper specification limit, a larger
negative spike can be sustained without crossing the lower
limit. By adding a well controlled output impedance, the
output voltage under load can effectively be level shifted
down so that a larger positive spike can be sustained without
crossing the upper specification limit.
As shown in Figure 7, a current proportional to the average
current of all active channels, IAVG, flows from FB through a
load-line regulation resistor RFB. The resulting voltage drop
across RFB is proportional to the output current, effectively
creating an output voltage droop with a steady-state value
defined as:
The regulated output voltage is reduced by the droop voltage
VDROOP. The output voltage as a function of load current is
derived by combining Equations 6, 8, and 9.
In Equation 10, VREF is the reference voltage, VOFS is the
programmed offset voltage, IOUT is the total output current
of the converter, RISEN is the internal sense resistor
connected to the ISEN+ pin, RFB is the feedback resistor, N
is the active channel number, and DCR is the Inductor DCR
value.
Therefore the equivalent loadline impedance, i.e. droop
impedance, is equal to:
Output-Voltage Offset Programming
The ISL6313 allows the designer to accurately adjust the
offset voltage by connecting a resistor, ROFS, from the OFS
pin to VCC or GND. When ROFS is connected between OFS
and VCC, the voltage across it is regulated to 1.6V. This
causes a proportional current (IOFS) to flow into the OFS pin
and out of the FB pin, providing a negative offset. If ROFS is
connected to ground, the voltage across it is regulated to
0.3V, and IOFS flows into the FB pin and out of the OFS pin,
providing a positive offset. The offset current flowing through
the resistor between VSEN and FB will generate the desired
offset voltage which is equal to the product (IOFS x RFB).
These functions are shown in Figures 8 and 9.
Once the desired output offset voltage has been determined,
use the following formulas to set ROFS:
For Negative Offset (connect ROFS to VCC):
For Positive Offset (connect ROFS to GND):
(EQ. 9)
V
DROOP
I
AVG
R
FB
=
(EQ. 10)
V
OUT
V
REF
V
OFS
I
OUT
N
-------------
DCR
R
ISEN
------------------
R
FB
⋅⋅
⎝⎠
⎜⎟
⎛⎞
=
R
LL
R
FB
N
------------
DCR
R
ISEN
------------------
=
(EQ. 11)
(EQ. 12)
R
OFS
1.6 R
FB
V
OFFSET
--------------------------
=
(EQ. 13)
R
OFS
0.3 R
FB
V
OFFSET
--------------------------
=
E/A
FB
OFS
VCC
GND
+
-
+
-
0.3V
1.6V
GND
ROFS
RFB
VSEN
ISL6313
FIGURE 8. POSITIVE OFFSET OUTPUT VOLTAGE
PROGRAMMING
VREF
VOFS
+
-
IOFS
E/A
FB
OFS
VCC
GND
+
-
+
-
0.3V
1.6V
VCC
ROFS
RFB
VSEN
ISL6313
FIGURE 9. NEGATIVE OFFSET OUTPUT VOLTAGE
PROGRAMMING
VREF
VOFS
+
-
IOFS
ISL6313


Similar Part No. - ISL6313

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6313 RENESAS-ISL6313 Datasheet
1Mb / 34P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Intersil Corporation
ISL6313 INTERSIL-ISL6313 Datasheet
632Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
September 2, 2008
ISL6313B INTERSIL-ISL6313B Datasheet
628Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Renesas Technology Corp
ISL6313B RENESAS-ISL6313B Datasheet
1Mb / 34P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Intersil Corporation
ISL6313B INTERSIL-ISL6313B Datasheet
630Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
November 6, 2008
More results

Similar Description - ISL6313

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6313 RENESAS-ISL6313 Datasheet
1Mb / 34P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Intersil Corporation
ISL6313BCRZ INTERSIL-ISL6313BCRZ Datasheet
630Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
November 6, 2008
ISL6313B INTERSIL-ISL6313B Datasheet
628Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6313CRZ INTERSIL-ISL6313CRZ Datasheet
632Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
September 2, 2008
logo
Renesas Technology Corp
ISL6313B RENESAS-ISL6313B Datasheet
1Mb / 34P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Intersil Corporation
ISL6314 INTERSIL-ISL6314 Datasheet
820Kb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Renesas Technology Corp
ISL6314 RENESAS-ISL6314 Datasheet
1Mb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Intersil Corporation
ISL6314CRZ-T INTERSIL-ISL6314CRZ-T Datasheet
820Kb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6314CRZ INTERSIL-ISL6314CRZ Datasheet
823Kb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
October 8, 2009
ISL6312 INTERSIL-ISL6312 Datasheet
736Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com