Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL6313 Datasheet(PDF) 5 Page - Intersil Corporation

Part No. ISL6313
Description  Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
Download  33 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL6313 Datasheet(HTML) 5 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
5
FN6448.0
March 5, 2007
Typical Application - ISL6313 with NTC Thermal Compensation
VID4
VID5
PGOOD
VID3
VID2
VID1
VCC
ISL6313
VID0
FS
OFS
REF
LOAD
VID6
VID7
SS
+5V
ISEN2-
ISEN2+
ISEN1-
ISEN1+
IOUT
FB
COMP
VSEN
RGND
DVC
+12V
PHASE1
UGATE1
BOOT1
LGATE1
+12V
PHASE2
UGATE2
BOOT2
LGATE2
PVCC
APA
NTC
PLACE IN CLOSE
PROXIMITY
EN
GND
RSET
+5V VCC
ISL6313
ISL6313


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn