Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6313 Datasheet(PDF) 27 Page - Intersil Corporation

Part # ISL6313
Description  Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6313 Datasheet(HTML) 27 Page - Intersil Corporation

Back Button ISL6313 Datasheet HTML 23Page - Intersil Corporation ISL6313 Datasheet HTML 24Page - Intersil Corporation ISL6313 Datasheet HTML 25Page - Intersil Corporation ISL6313 Datasheet HTML 26Page - Intersil Corporation ISL6313 Datasheet HTML 27Page - Intersil Corporation ISL6313 Datasheet HTML 28Page - Intersil Corporation ISL6313 Datasheet HTML 29Page - Intersil Corporation ISL6313 Datasheet HTML 30Page - Intersil Corporation ISL6313 Datasheet HTML 31Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
27
FN6448.0
March 5, 2007
N is the number of phases. It is recommended that the
desired overcurrent trip level, IOCP, be chosen so that it’s
30% larger then the maximum load current expected.
Due to errors in the inductance or DCR it may be necessary
to adjust the value of R1 to match the time constants
correctly. The effects of time constant mismatch can be seen
in the form of droop overshoot or undershoot during the
initial load transient spike, as shown in Figure 21. Follow the
steps below to ensure the R-C and inductor L/DCR time
constants are matched accurately.
1. Capture a transient event with the oscilloscope set to
about L/DCR/2 (sec/div). For example, with L = 1µH and
DCR = 1m
Ω, set the oscilloscope to 500µs/div.
2. Record
ΔV1 and ΔV2 as shown in Figure 21.
3. Select new values, R1(NEW), for the time constant
resistor based on the original value, R1(OLD), using
Equation 36.
4. Replace R1 with the new value and check to see that the
error is corrected. Repeat the procedure if necessary.
Loadline Regulation Resistor
If loadline regulation is desired, the resistor on the FS pin,
RT, should be connected to Ground in order for the internal
average sense current to flow out across the loadline
regulation resistor, labeled RFB in Figure 7. This resistor’s
value sets the desired loadline required for the application.
The desired loadline, RLL, can be calculated by Equation 37
where VDROOP is the desired droop voltage at the full load
current IFL.
.
Based on the desired loadline, the loadline regulation
resistor, RFB, can be calculated from Equation 38.
In Equation 38, RLL is the loadline resistance; N is the
number of active channels; DCR is the DCR of the individual
output inductors; and RSET is the RSET pin resistor.
If no loadline regulation is required, the resistor on the FS
pin, RT, should be connected to the VCC pin. To choose the
value for RFB in this situation, please refer to “Compensation
without load-line regulation” on page 28.
IOUT Pin Resistor
A copy of the average sense current flows out of the IOUT
pin, and a resistor, RIOUT, placed from this pin to ground can
be used to set the overcurrent protection trip level. Based on
the desired overcurrent trip threshold, IOCP, the IOUT pin
resistor, RIOUT, can be calculated from Equation 39.
APA Pin Component Selection
A 100µA current flows into the APA pin and across RAPA to
set the APA trip level. A 1000pF capacitor, CAPA, should
also be placed across the RAPA resistor to help with noise
immunity. Use Equation 40 below to set RAPA to get the
desired APA trip level. An APA trip level of 500mV is
recommended for most applications.
Compensation
The two opposing goals of compensating the voltage
regulator are stability and speed. Depending on whether the
regulator employs the optional load-line regulation as
described in Load-Line Regulation, there are two distinct
methods for achieving these goals.
COMPENSATION WITH LOAD-LINE REGULATION
The load-line regulated converter behaves in a similar
manner to a peak current mode controller because the two
poles at the output filter L-C resonant frequency split with the
introduction of current information into the control loop. The
final location of these poles is determined by the system
function, the gain of the current signal, and the value of the
compensation components, RC and CC.
R
SET
DCR
100
10
6
×
----------------------------
I
OCP
N
--------------
400
3
----------
⋅⋅
=
(EQ. 35)
R
1NEW
()
R
1OLD
()
V
1
Δ
V
2
Δ
----------
=
(EQ. 36)
FIGURE 21. TIME CONSTANT MISMATCH BEHAVIOR
ΔV1
VOUT
ITRAN
ΔV
2
ΔI
R
LL
V
DROOP
I
FL
-------------------------
=
(EQ. 37)
R
FB
R
LL NRSET
⋅⋅
DCR
---------------------------------------
3
400
----------
=
(EQ. 38)
(EQ. 39)
R
IOUT
R
SET N
DCR I
OCP
--------------------------------
6
400
----------
=
R
APA
V
APA TRIP
()
100
10 6
×
---------------------------------
500mV
100
10 6
×
-----------------------------
5k
Ω
==
=
(EQ. 40)
ISL6313


Similar Part No. - ISL6313

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6313 RENESAS-ISL6313 Datasheet
1Mb / 34P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Intersil Corporation
ISL6313 INTERSIL-ISL6313 Datasheet
632Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
September 2, 2008
ISL6313B INTERSIL-ISL6313B Datasheet
628Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Renesas Technology Corp
ISL6313B RENESAS-ISL6313B Datasheet
1Mb / 34P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Intersil Corporation
ISL6313B INTERSIL-ISL6313B Datasheet
630Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
November 6, 2008
More results

Similar Description - ISL6313

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6313 RENESAS-ISL6313 Datasheet
1Mb / 34P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Intersil Corporation
ISL6313BCRZ INTERSIL-ISL6313BCRZ Datasheet
630Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
November 6, 2008
ISL6313B INTERSIL-ISL6313B Datasheet
628Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6313CRZ INTERSIL-ISL6313CRZ Datasheet
632Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
September 2, 2008
logo
Renesas Technology Corp
ISL6313B RENESAS-ISL6313B Datasheet
1Mb / 34P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Intersil Corporation
ISL6314 INTERSIL-ISL6314 Datasheet
820Kb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Renesas Technology Corp
ISL6314 RENESAS-ISL6314 Datasheet
1Mb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Intersil Corporation
ISL6314CRZ-T INTERSIL-ISL6314CRZ-T Datasheet
820Kb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6314CRZ INTERSIL-ISL6314CRZ Datasheet
823Kb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
October 8, 2009
ISL6312 INTERSIL-ISL6312 Datasheet
736Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com