Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9208 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL9208
Description  Multi-Cell Li-ion Battery Pack OCP/Analog Front End
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9208 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL9208 Datasheet HTML 2Page - Intersil Corporation ISL9208 Datasheet HTML 3Page - Intersil Corporation ISL9208 Datasheet HTML 4Page - Intersil Corporation ISL9208 Datasheet HTML 5Page - Intersil Corporation ISL9208 Datasheet HTML 6Page - Intersil Corporation ISL9208 Datasheet HTML 7Page - Intersil Corporation ISL9208 Datasheet HTML 8Page - Intersil Corporation ISL9208 Datasheet HTML 9Page - Intersil Corporation ISL9208 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
FN6446.0
February 16, 2007
ISL9208
OVERCURRENT/SHORT CIRCUIT PROTECTION SPECIFICATIONS
Overcurrent Detection Threshold
(Discharge) Voltage Relative To
DSREF
(Default in Boldface)
VOCD
VOCD = 0.10V (OCDV1, OCDV0 = 0, 0)
0.08
0.10
0.12
V
VOCD = 0.12V (OCDV1, OCDV0 = 0,1)
0.10
0.12
0.14
V
VOCD = 0.14V (OCDV1, OCDV0 = 1,0)
0.12
0.14
0.16
V
VOCD = 0.16V (OCDV1, OCDV0 = 1,1)
0.14
0.16
0.18
V
Overcurrent Detection Threshold
(Charge) Voltage Relative to DSREF
(Default in Boldface)
VOCC
VOCC = 0.10V (OCCV1, OCCV0 = 0, 0)
-0.12
-0.10
-0.07
V
VOCC = 0.12V (OCCV1, OCCV0 = 0,1)
-0.14
-0.12
-0.09
V
VOCC = 0.14V (OCCV1, OCCV0 = 1,0)
-0.16
-0.14
-0.11
V
VOCC = 0.16V (OCCV1, OCCV0 = 1,1)
-0.18
-0.16
-0.13
V
Short Current Detection Threshold
Voltage Relative to DSREF
(Default in Boldface)
VSC
VOC = 0.20V (SCDV1, SCDV0 = 0, 0)
0.15
0.20
0.25
V
VOC = 0.35V (SCDV1, SCDV0 = 0,1)
0.30
0.35
0.40
V
VOC = 0.65V (SCDV1, SCDV0 = 1, 0)
0.60
0.65
0.70
V
VOC = 1.20V (SCDV1, SCDV0 = 1,1)
1.10
1.20
1.30
V
Load Monitor Input Threshold
(Falling Edge)
VVMON LDMONEN bit = “1”
1.1
1.45
1.8
V
Load Monitor Input Threshold
(Hysteresis)
VVMONH LDMONEN bit = “1”
0.25
mV
Load Monitor Current
IVMON
20
40
60
µA
Short Circuit Time-out
tSCD
Short circuit detection delay (SCLONG
bit = ‘0’)
70
150
220
µs
Short circuit detection delay (SCLONG
bit = ‘1’)
48
12
ms
Over Discharge Current Time-out
(Default In Boldface)
tOCD
tOCD = 128ms (OCDT1, OCDT0 = 0, 0 and
DTDIV = 0)
64
128
192
ms
tOCD = 256ms (OCDT1, OCDT0 = 0, 1 and
DTDIV = 0)
128
256
384
ms
tOCD = 512ms (OCDT1, OCDT0 = 1, 0 and
DTDIV = 0)
256
512
768
ms
tOCD = 1024ms (OCDT1, OCDT0 = 1, 1 and
DTDIV = 0)
512
1024
1536
ms
tOCD = 2ms (OCDT1, OCDT0 = 0, 0 and
DTDIV = 1)
12
3
ms
tOCD = 4ms (OCDT1, OCDT0 = 0, 1 and
DTDIV = 1)
24
6
ms
tOCD = 8ms (OCDT1, OCDT0 = 1, 0 and
DTDIV = 1)
48
12
ms
tOCD = 16ms (OCDT1, OCDT0 = 1, 1 and
DTDIV = 1)
816
24
ms
Operating Specifications Over the recommended operating conditions unless otherwise specified (Continued)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT


Similar Part No. - ISL9208

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9208 INTERSIL-ISL9208 Datasheet
503Kb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front End
logo
Renesas Technology Corp
ISL9208 RENESAS-ISL9208 Datasheet
1Mb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front End
November 2, 2007
logo
Intersil Corporation
ISL9208IRZ INTERSIL-ISL9208IRZ Datasheet
503Kb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front End
logo
Renesas Technology Corp
ISL9208IRZ RENESAS-ISL9208IRZ Datasheet
1Mb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front End
November 2, 2007
logo
Intersil Corporation
ISL9208_0711 INTERSIL-ISL9208_0711 Datasheet
503Kb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front End
More results

Similar Description - ISL9208

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL94200 INTERSIL-ISL94200 Datasheet
422Kb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front-End
ISL9208_0711 INTERSIL-ISL9208_0711 Datasheet
503Kb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front End
logo
Renesas Technology Corp
ISL9208 RENESAS-ISL9208 Datasheet
1Mb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front End
November 2, 2007
ISL94200 RENESAS-ISL94200 Datasheet
1Mb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front-End
ISL94201 RENESAS-ISL94201 Datasheet
801Kb / 19P
   Multi-Cell Li-ion Battery Pack Analog Front-End
logo
Intersil Corporation
ISL94201 INTERSIL-ISL94201 Datasheet
301Kb / 19P
   Multi-Cell Li-ion Battery Pack Analog Front-End
ISL94208 INTERSIL-ISL94208_14 Datasheet
916Kb / 36P
   4- to 6-Cell Li-ion Battery Management Analog Front-End
June 21, 2013
logo
Renesas Technology Corp
ISL94208 RENESAS-ISL94208 Datasheet
1Mb / 36P
   4- to 6-Cell Li-ion Battery Management Analog Front-End
logo
Intersil Corporation
ISL94208 INTERSIL-ISL94208 Datasheet
955Kb / 37P
   4- to 6-Cell Li-ion Battery Management Analog Front-End
ISL94212 INTERSIL-ISL94212 Datasheet
151Kb / 2P
   Multi-Cell Li-Ion Battery Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com