Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDB045AN08A0 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDB045AN08A0
Description  N-Channel PowerTrench짰 MOSFET 75V, 80A, 4.5m廓
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB045AN08A0 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDB045AN08A0_06 Datasheet HTML 1Page - Fairchild Semiconductor FDB045AN08A0_06 Datasheet HTML 2Page - Fairchild Semiconductor FDB045AN08A0_06 Datasheet HTML 3Page - Fairchild Semiconductor FDB045AN08A0_06 Datasheet HTML 4Page - Fairchild Semiconductor FDB045AN08A0_06 Datasheet HTML 5Page - Fairchild Semiconductor FDB045AN08A0_06 Datasheet HTML 6Page - Fairchild Semiconductor FDB045AN08A0_06 Datasheet HTML 7Page - Fairchild Semiconductor FDB045AN08A0_06 Datasheet HTML 8Page - Fairchild Semiconductor FDB045AN08A0_06 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
tm
©2006 Fairchild Semiconductor Corporation
FDB045AN08A0 Rev. A1
May 2006
www.fairchildsemi.com
FDB045AN08A0
N-Channel PowerTrench® MOSFET
75V, 80A, 4.5m
Ω
Features
•rDS(ON) = 3.9mΩ (Typ.), VGS = 10V, ID = 80A
•Qg(tot) = 92nC (Typ.), VGS = 10V
• Low Miller Charge
• Low QRR Body Diode
• UIS Capability (Single Pulse and Repetitive Pulse)
• Qualified to AEC Q101
Formerly developmental type 82684
Applications
• 42V Automotive Load Control
• Starter / Alternator Systems
• Electronic Power Steering Systems
• Electronic Valve Train Systems
• DC-DC converters and Off-line UPS
• Distributed Power Architectures and VRMs
• Primary Switch for 24V and 48V systems
MOSFET Maximum Ratings T
C = 25°C unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain to Source Voltage
75
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current
90
A
Continuous (TC < 137oC, VGS = 10V)
Continuous (Tamb = 25oC, VGS = 10V, with RθJA = 43oC/W)
19
A
Pulsed
Figure 4
A
EAS
Single Pulse Avalanche Energy (Note 1)
600
mJ
PD
Power dissipation
310
W
Derate above 25oC
2.0
W/oC
TJ, TSTG
Operating and Storage Temperature
-55 to 175
oC
Thermal Characteristics
RθJC
Thermal Resistance Junction to Case TO-263
0.48
oC/W
RθJA
Thermal Resistance Junction to Ambient TO-263 (Note 2)
62
oC/W
RθJA
Thermal Resistance Junction to Ambient TO-263, 1in2 copper pad area
43
oC/W
This product has been designed to meet the extreme test conditions and environment demanded by the automotive industry. For a
copy of the requirements, see AEC Q101 at: http://www.aecouncil.com/
Reliability data can be found at: http://www.fairchildsemi.com/products/discrete/reliability/index.html.
All Fairchild Semiconductor products are manufactured, assembled and tested under ISO9000 and QS9000 quality systems
certification.
D
G
S
TO-263AB
FDB SERIES
GATE
SOURCE
DRAIN
(FLANGE)


Similar Part No. - FDB045AN08A0_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDB045AN08A0-F085 ONSEMI-FDB045AN08A0-F085 Datasheet
770Kb / 12P
   N-Channel PowerTrench® MOSFET 75V, 80A, 4.5m
September-2017, Rev. 1
logo
Fairchild Semiconductor
FDB045AN08A0 FAIRCHILD-FDB045AN08A0_10 Datasheet
258Kb / 11P
   N-Channel PowerTrench짰 MOSFET 75V, 80A, 4.5m
FDB045AN08A0 FAIRCHILD-FDB045AN08A0_12 Datasheet
258Kb / 11P
   N-Channel PowerTrench짰 MOSFET 75V, 80A, 4.5m
More results

Similar Description - FDB045AN08A0_06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB045AN08_F085 FAIRCHILD-FDB045AN08_F085 Datasheet
258Kb / 11P
   N-Channel PowerTrench짰 MOSFET 75V, 80A, 4.5m
FDB045AN08A0 FAIRCHILD-FDB045AN08A0_10 Datasheet
258Kb / 11P
   N-Channel PowerTrench짰 MOSFET 75V, 80A, 4.5m
FDB045AN08A0 FAIRCHILD-FDB045AN08A0 Datasheet
240Kb / 11P
   N-Channel UltraFET Trench MOSFET 75V, 80A, 4.5m?
logo
ON Semiconductor
FDB045AN08A0-F085 ONSEMI-FDB045AN08A0-F085 Datasheet
770Kb / 12P
   N-Channel PowerTrench® MOSFET 75V, 80A, 4.5m
September-2017, Rev. 1
logo
First Silicon Co., Ltd
FTK80N08 FS-FTK80N08 Datasheet
630Kb / 6P
   N-CHANNEL MOSFET (75V/80A, Rds=6.5m廓)
logo
Fairchild Semiconductor
FDA032N08 FAIRCHILD-FDA032N08 Datasheet
552Kb / 8P
   N-Channel PowerTrench짰 MOSFET 75V, 235A, 3.2m廓
FDB088N08 FAIRCHILD-FDB088N08 Datasheet
704Kb / 6P
   N-Channel PowerTrench짰 MOSFET 75V, 85A, 8.8m廓
FDP047N08 FAIRCHILD-FDP047N08 Datasheet
521Kb / 8P
   N-Channel PowerTrench짰 MOSFET 75V, 164A, 4.7m廓
FDP032N08 FAIRCHILD-FDP032N08_12 Datasheet
283Kb / 8P
   N-Channel PowerTrench짰 MOSFET 75V, 235A, 3.2m廓
logo
FOSLINK SEMICONDUCTOR C...
FSM75N75 FOSLINK-FSM75N75 Datasheet
563Kb / 9P
   N-CHANNEL 75V 0.0097廓 80A POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com