Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDB045AN08A0 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FDB045AN08A0
Description  N-Channel PowerTrench짰 MOSFET 75V, 80A, 4.5m廓
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB045AN08A0 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FDB045AN08A0_06 Datasheet HTML 3Page - Fairchild Semiconductor FDB045AN08A0_06 Datasheet HTML 4Page - Fairchild Semiconductor FDB045AN08A0_06 Datasheet HTML 5Page - Fairchild Semiconductor FDB045AN08A0_06 Datasheet HTML 6Page - Fairchild Semiconductor FDB045AN08A0_06 Datasheet HTML 7Page - Fairchild Semiconductor FDB045AN08A0_06 Datasheet HTML 8Page - Fairchild Semiconductor FDB045AN08A0_06 Datasheet HTML 9Page - Fairchild Semiconductor FDB045AN08A0_06 Datasheet HTML 10Page - Fairchild Semiconductor FDB045AN08A0_06 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
FDB045AN08A0 Rev. A1
www.fairchildsemi.com
Thermal Resistance vs. Mounting Pad Area
The maximum rated junction temperature, TJM, and the
thermal resistance of the heat dissipating path determines
the maximum allowable device power dissipation, PDM, in an
application.
Therefore
the
application’s
ambient
temperature, TA (oC), and thermal resistance RθJA (oC/W)
must be reviewed to ensure that TJM is never exceeded.
Equation 1 mathematically represents the relationship and
serves as the basis for establishing the rating of the part.
(EQ. 1)
PDM
TJM TA
()
RθJA
--------------------------
=
In using surface mount devices such as the TO-263
package, the environment in which it is applied will have a
significant influence on the part’s current and maximum
power dissipation ratings. Precise determination of PDM is
complex and influenced by many factors:
1. Mounting pad area onto which the device is attached and
whether there is copper on one side or both sides of the
board.
2. The number of copper layers and the thickness of the
board.
3. The use of external heat sinks.
4. The use of thermal vias.
5. Air flow and board orientation.
6. For non steady state applications, the pulse width, the
duty cycle and the transient thermal response of the part,
the board and the environment they are in.
Fairchild provides thermal information to assist the
designer’s preliminary application evaluation. Figure 21
defines the RθJA for the device as a function of the top
copper (component side) area. This is for a horizontally
positioned FR-4 board with 1oz copper after 1000 seconds
of steady state power with no air flow. This graph provides
the necessary information for calculation of the steady state
junction
temperature
or
power
dissipation.
Pulse
applications can be evaluated using the Fairchild device
Spice thermal model or manually utilizing the normalized
maximum transient thermal impedance curve.
Thermal resistances corresponding to other copper areas
can be obtained from Figure 21 or by calculation using
Equation 2 or 3. Equation 2 is used for copper area defined
in inches square and equation 3 is for area in centimeters
square. The area, in square inches or square centimeters is
the top copper area including the gate and source pads.
Area in Inches Squared
(EQ. 2)
RθJA 26.51
19.84
0.262
Area
+
()
---------------------------------------
+
=
(EQ. 3)
RθJA 26.51
128
1.69
Area
+
()
------------------------------------
+
=
Area in Centimeter Squared
Figure 21. Thermal Resistance vs Mounting
Pad Area
20
40
60
80
110
0.1
RθJA = 26.51+ 19.84/(0.262+Area) EQ.2
AREA, TOP COPPER AREA in2 (cm2)
(0.645)
(6.45)
(64.5)
RθJA = 26.51+ 128/(1.69+Area) EQ.3


Similar Part No. - FDB045AN08A0_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDB045AN08A0-F085 ONSEMI-FDB045AN08A0-F085 Datasheet
770Kb / 12P
   N-Channel PowerTrench® MOSFET 75V, 80A, 4.5m
September-2017, Rev. 1
logo
Fairchild Semiconductor
FDB045AN08A0 FAIRCHILD-FDB045AN08A0_10 Datasheet
258Kb / 11P
   N-Channel PowerTrench짰 MOSFET 75V, 80A, 4.5m
FDB045AN08A0 FAIRCHILD-FDB045AN08A0_12 Datasheet
258Kb / 11P
   N-Channel PowerTrench짰 MOSFET 75V, 80A, 4.5m
More results

Similar Description - FDB045AN08A0_06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB045AN08_F085 FAIRCHILD-FDB045AN08_F085 Datasheet
258Kb / 11P
   N-Channel PowerTrench짰 MOSFET 75V, 80A, 4.5m
FDB045AN08A0 FAIRCHILD-FDB045AN08A0_10 Datasheet
258Kb / 11P
   N-Channel PowerTrench짰 MOSFET 75V, 80A, 4.5m
FDB045AN08A0 FAIRCHILD-FDB045AN08A0 Datasheet
240Kb / 11P
   N-Channel UltraFET Trench MOSFET 75V, 80A, 4.5m?
logo
ON Semiconductor
FDB045AN08A0-F085 ONSEMI-FDB045AN08A0-F085 Datasheet
770Kb / 12P
   N-Channel PowerTrench® MOSFET 75V, 80A, 4.5m
September-2017, Rev. 1
logo
First Silicon Co., Ltd
FTK80N08 FS-FTK80N08 Datasheet
630Kb / 6P
   N-CHANNEL MOSFET (75V/80A, Rds=6.5m廓)
logo
Fairchild Semiconductor
FDA032N08 FAIRCHILD-FDA032N08 Datasheet
552Kb / 8P
   N-Channel PowerTrench짰 MOSFET 75V, 235A, 3.2m廓
FDB088N08 FAIRCHILD-FDB088N08 Datasheet
704Kb / 6P
   N-Channel PowerTrench짰 MOSFET 75V, 85A, 8.8m廓
FDP047N08 FAIRCHILD-FDP047N08 Datasheet
521Kb / 8P
   N-Channel PowerTrench짰 MOSFET 75V, 164A, 4.7m廓
FDP032N08 FAIRCHILD-FDP032N08_12 Datasheet
283Kb / 8P
   N-Channel PowerTrench짰 MOSFET 75V, 235A, 3.2m廓
logo
FOSLINK SEMICONDUCTOR C...
FSM75N75 FOSLINK-FSM75N75 Datasheet
563Kb / 9P
   N-CHANNEL 75V 0.0097廓 80A POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com