Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD1.0M25 Datasheet(PDF) 1 Page - NTE Electronics

Part No. HD1.0M25
Description  HIGH-FREQ ALUMINUM ELECTROLYTIC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

HD1.0M25 Datasheet(HTML) 1 Page - NTE Electronics

  HD1.0M25 Datasheet HTML 1Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HIGH–FREQ ALUMINUM ELECTROLYTIC
HD SERIES
9
NTE Electronics, Inc.
D Voice (800) 631–1250 (973) 748–5089 D FAX (973) 748–6224 D http://www.nteinc.com
SUBMINIATURE
(Radial Lead, Horizontal Deflection)
The NTE HD series of aluminum electrolytic non–polarized
capacitors are designed specifically for horizontal deflec-
tion current correction where high frequency and high ripple
current occur.
RATINGS
Capacitance Range: 1.0
µf to 10µf
Tolerance:
±20%
Voltage Range: 25 Volts and 50 Volts
PERFORMANCE SPECIFICATIONS
Operating Temperature Range:
–25
°C to +85°C (–13°F to +185°F)
Leakage Current: I
≤ 0.2CV (measured after
5 minutes of applied rated voltage)
I = Leakage Current (
µA)
C = Nominal Capacitance (
µf)
V = Rated Voltage (V)
Capacitance Tolerance:
±20% (M)
measured at +20
°C (+68°F), 1kHZ
Load Life: 1000 Hrs @ 12V DC, +70
°C (+158°F),
at specified ripple current
Leakage Current: Initial specified value or less
Dissipation Factor: < 200% of specified value
Capacitance Change: Within
±15% of initial value
Shelf Life: 500 Hrs @ +85
°C (+185°F),
no voltage applied
Leakage Current: Initial specified value or less
Dissipation Factor: < 200% of specified value
Capacitance Change: Within
±15% of initial value
ORDERING INFORMATION
HD
4.7
M
50
Series
Capacitance
Tolerance
Voltage
MECHANICAL SPECIFICATIONS
Lead Solderability:
Meets the requirements of MIL–STD 202,
Method 208
Marking:
Consists of series type, nominal capacitance,
rated voltage, temperature range, anode and/or
cathode identification, NTE identification.
Recommended Cleaning Solvents:
Methanol, isopropanol ethanol, isobutanol, petro-
leum ether, propanol and/or commercial deter-
gents.
Halogenated hydrocarbon cleaning
agents such as Freon (MF, TF, or TC), trichloroe-
thylene, trichloroethane, or methylchloride are
not recommended as they may damage the ca-
pacitor.
CASE SIZE AND DIMENSIONS:
D’ Ø
Insulating
Sleeve
d Ø
L’
5.0 Min
15.0 Min
A
±0.5
HD Series Dimensions:
Diameter (D Ø) x Length (L): mm
Capacitance
(
µf)
25V and 50V
Ripple Current*
(Ap–p)
1.0
12.5 x 20
2.0
2.2
12.5 x 25
3.0
3.3
16 x 25
4.0
4.7
16 x 31.5
5.0
5.6
16 x 31.5
6.0
6.8
16 x 35.5
7.0
8.2
18 x 35.5
8.0
10.0
18 x 40
9.0
* Allowable ripple current @ 70
°C, 12V DC, and 15.75kHZ
HD Mechanical Specs: Dimensions (mm)
Outside Diameter (D Ø)
12.5
16
18
Lead Spacing (A)
5.0
7.5
7.5
Lead Wire (d Ø)
0.6
0.8
0.8


Html Pages

1 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
EETUQ1C123HJ Aluminum Electrolytic Capacitors/ UQ Snap-in Type 1  2  3  4  5  More Panasonic Semiconductor
SMH LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS 1  2  3  List of Unclassifed Manufacturers
SMQ LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS 1  2  3  List of Unclassifed Manufacturers
NEV47M50 ALUMINUM ELECTROLYTIC 6.3V to 100V 1  2  3  NTE Electronics
NEVH47M160 ALUMINUM ELECTROLYTIC 160V to 450V 1  2  NTE Electronics
NPR47M50 NON−POLAR ALUMINUM ELECTROLYTIC 1  2  NTE Electronics
CLE230 High Power Aluminum Gallium Arsenide IREDs 1  List of Unclassifed Manufacturers
MSC125V21 MOTOR START AC ELECTROLYTIC 1  2  3  NTE Electronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn