Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6423BERZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6423BERZ
Description  Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6423BERZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6423BERZ Datasheet HTML 5Page - Intersil Corporation ISL6423BERZ Datasheet HTML 6Page - Intersil Corporation ISL6423BERZ Datasheet HTML 7Page - Intersil Corporation ISL6423BERZ Datasheet HTML 8Page - Intersil Corporation ISL6423BERZ Datasheet HTML 9Page - Intersil Corporation ISL6423BERZ Datasheet HTML 10Page - Intersil Corporation ISL6423BERZ Datasheet HTML 11Page - Intersil Corporation ISL6423BERZ Datasheet HTML 12Page - Intersil Corporation ISL6423BERZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
FN6412.1
April 10, 2007
Functional Description
The ISL6423B single output voltage regulator makes an
ideal choice for advanced satellite set-top box and personal
video recorder applications. The device utilizes built-in
DC/DC step up converters that, operates from a single
supply source ranging from 8V to 14V, and generates the
voltage needed to enable the linear post-regulator to work
with a minimum of dissipated power. An undervoltage
lockout circuit disables the device when VCC drops below a
fixed threshold (7.5V typ).
DiSEqC Encoding
The internal oscillator is factory-trimmed to provide a tone of
22kHz in accordance with DiSEqC (EUTELSAT) standards.
No further adjustment is required. The tone oscillator can be
controlled either by the I2C interface (ENT bit) or by a
dedicated pin (EXTM) that allows immediate DiSEqC data
encoding separately for each LNB. All the functions of this IC
are controlled via the I2C bus by writing to the system
registers. The same registers can be read back, and four bits
will report the diagnostic status. The internal oscillator
operates the converters at twenty times the 22k tone
frequency. The device offers full I2C compatibility, and
supports 2.5V, 3.3V or 5V logic, up to an operational speed of
400kHz.
If the Tone Enable (ENT) bit is set LOW and the MSEL bits
set LOW through I2C, then the EXTM terminal activates the
internal tone signal, modulating the DC output with a
680mVPP typical symmetrical tone waveform. The presence
of this signal usually provides the LNB with information
about the band to be received.
Burst coding of the tone can be accomplished due to the fast
response of the EXTM input and rapid tone response. This
allows implementation of the DiSEqC (EUTELSAT)
protocols.
When the ENT bit is set HIGH, a continuous 22kHz tone is
generated regardless of the EXTM pin logic status for the
regulator channel LNB-A. The ENT bit must be set LOW
when the EXTM pin is used for DiSEqC encoding.
The EXTM accepts an externally modulated tone command
when the MSEL I2C bit is set HIGH and ENT is set LOW.
DiSEqC Decoder
TDIN is the input to the tone decoder. It accepts and the tone
signal derived from the VOUT thru the 10nF decoupling
capacitor. The detector threshold can be set to 200mV max
in the Receive mode and to 400mV min in the Transmit
mode by means of the logic presented to the TXT pin. If tone
is detected the open drain pin TDOUT is asserted low. This
enables the tone diagnostics to be performed, apart from the
normal tone detection function.
Linear Regulator
The output linear regulator will sink and source current. This
feature allows full modulation capability into capacitive loads
as high as 0.75
μF. In order to minimize the power
dissipation, the output voltage of the internal step-up
converter is adjusted to allow the linear regulator to work at
minimum dropout.
When the device is put in the shutdown mode (EN = LOW),
the PWM power block is disabled. When the regulator blocks
are active (EN = HIGH and VSPEN = LOW), the output can
be controlled via I2C logic to be 13V/14V or 18V/19V
(typical) by means of the VTOP and VBOT bits (Voltage
Select) for remote controlling of non-DiSEqC LNBs.
When the regulator blocks are active (EN = HIGH and
VSPEN = HIGH), the VBOT and SELVTOP pin will control
the output between 13V and 14V and the VTOP and
SELVTOP pin will control the output between 18V and 19V.
Output Timing
The output voltage rise and fall times can be set by an the
external capacitor on the TCAP pin. The output rise and fall
times is given by the equation:
Where C is the TCAP value in nF, T is the required transition
time in ms and
ΔV is the differential transition voltage from
low output voltage range to the high output range in Volts.
The maximum recommended value for TCAP is 0.15µF. Too
large a value of TCAP prevents the output from rising to the
nominal value, within the soft-start time when the error
amplifier is released. Too small a value of the TCAP can cause
high peak currents in the boost circuit. For example, a 10V/ms
slew on a 80µF VSW capacitor with an inductor of 15µH can
cause a peak inductor current of approximately 2.3A.
Current Limiting
Dynamic current limiting block has four thresholds that can
be selected by the ISEL H and ISEL L bits of the SR. Refer
to Table 8 and Table 9 for threshold selection using these
bits. The DCL bit has to be set to low for this mode of
operation. In the dynamic overcurrent mode a fault
exceeding the selected overcurrent threshold for a period
greater than 51ms, will shutdown the output for 900ms,
during which the I2C bit OLF is set high. At the end of 900ms
the OLF bit is returned to the low state, a soft-start cycle
(~20ms long) is initiated to ramp VSW and VOUT back up. If
the fault is still present the overcurrent will be reached early
in the soft-start cycle and the 51ms shutdown timer will be
started again. If the fault is still present at the end of the
51ms, the OLF bit is again set high and the device once
again enters the 900ms OFF time. This dynamic operation
greatly reduces the power dissipation in a short circuit
condition, while still ensuring excellent power-on start-up in
most conditions.
C
327.6T
ΔV
-------------------
=
(EQ. 1)


Similar Part No. - ISL6423BERZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6423BERZ INTERSIL-ISL6423BERZ Datasheet
264Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
April 10, 2007
logo
Renesas Technology Corp
ISL6423BERZ RENESAS-ISL6423BERZ Datasheet
710Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
More results

Similar Description - ISL6423BERZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6421 INTERSIL-ISL6421 Datasheet
261Kb / 10P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
logo
Renesas Technology Corp
ISL6425 RENESAS-ISL6425 Datasheet
586Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
ISL6423B RENESAS-ISL6423B Datasheet
710Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
logo
Intersil Corporation
ISL6423B INTERSIL-ISL6423B_14 Datasheet
264Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
April 10, 2007
logo
Renesas Technology Corp
ISL6421A RENESAS-ISL6421A Datasheet
701Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
logo
Intersil Corporation
ISL6421A INTERSIL-ISL6421A Datasheet
406Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
ISL6421A INTERSIL-ISL6421A_06 Datasheet
417Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
ISL6425 INTERSIL-ISL6425 Datasheet
285Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
ISL6421AER INTERSIL-ISL6421AER Datasheet
430Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
March 9, 2006
logo
Renesas Technology Corp
ISL9492 RENESAS-ISL9492 Datasheet
1Mb / 21P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Satellite Set-Top Box Designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com