Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6423B Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6423B
Description  Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6423B Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6423B Datasheet HTML 2Page - Intersil Corporation ISL6423B Datasheet HTML 3Page - Intersil Corporation ISL6423B Datasheet HTML 4Page - Intersil Corporation ISL6423B Datasheet HTML 5Page - Intersil Corporation ISL6423B Datasheet HTML 6Page - Intersil Corporation ISL6423B Datasheet HTML 7Page - Intersil Corporation ISL6423B Datasheet HTML 8Page - Intersil Corporation ISL6423B Datasheet HTML 9Page - Intersil Corporation ISL6423B Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
FN6412.1
April 10, 2007
TONE OSCILLATOR
Tone Frequency
ftone
ENT = H
20.0
22.0
24.0
kHz
Tone Amplitude
Vtone
ENT = H, IO = 5mA
500
680
800
mV
Tone Duty Cycle
dctone
ENT = H,
40
50
60
%
Tone Rise or Fall Time
Tr, Tf
ENT = H,
5
10
14
μs
TONE DECODER
Input Amplitude
Vtdin
200
-
1000
mV
Frequency Capture Range
Ftdin
17.5
-
26.5
kHz
Input Impedance
Zdet
-
8.6
-
k
Ω
Detector Output Voltage
Vtdout_L
Tone Present, ILOAD = 3mA
-
-
0.4
V
Detector Output Leakage
Itdout_H
Tone absent, VO = 6V
-
-
10
μA
Tone Decoder Rx Threshold
VRXth
TXT = L and TTH = 0 (Note 9)
100
150
200
mV
Tone Decoder Tx Threshold
VTXth
TXT = H and TTH = 0 (Note 9)
400
450
500
mV
LINEAR REGULATOR
Drop-out Voltage
IOUT = 750mA
-
0.8
1.05
V
Output Backward Leakage Current
IBKLK
EN = 0; VOBK = 27V
-
2.0
3.0
mA
Output Backward Leakage Current
IBKLK
EN = 0; VOBK = 28V
-
3.0
17
mA
Output Backward Current Threshold
IBKTH
EN = 1; VOFAULT = 19V (Note 7)
-
140
-
mA
Output Backward Current Limit
IBKLM
EN = 1; VOFAULT = 19V (Note 7)
-
350
-
mA
Output Backward Voltage
VOBK
EN = 0
-
-
27
V
Output Under Voltage
(Asserted high during soft-start)
OUVF bit is asserted high, Measured from
the typ. output set value
-6
-
-2
%
Output Over Voltage
(Asserted high during soft-start)
OUVF bit is asserted high, Measured from
the typ. output set value
+2
-
+6
%
TXT, EXTM, SELVTOP AND ADDR 0/1 INPUT PINs (Note 8)
Asserted LOW
--
0.8
V
Asserted HIGH
1.7
-
-
V
Input Current
-25-
μA
CURRENT SENSE (CS pin)
Input Bias Current
IBIAS
-
700
-
nA
Overcurrent Threshold
VCS
Static current mode, DCL = H
325
450
500
mV
ERROR AMPLIFIER
Open Loop Voltage Gain
AOL
-93-
dB
Gain Bandwidth Product
GBP
-14-
MHz
PWM
Maximum Duty Cycle
90
93
-
%
Minimum Pulse Width
-20-
ns
Electrical Specifications
VCC = 12V, TA = -20°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C. EN = H, VTOP
VBOT = L, ENT = L, DCL = L, IOUT = 12mA, unless otherwise noted. See software description section for I
2C
access to the system. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS


Similar Part No. - ISL6423B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6423B RENESAS-ISL6423B Datasheet
710Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
logo
Intersil Corporation
ISL6423B INTERSIL-ISL6423B Datasheet
264Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
April 10, 2007
ISL6423BERZ INTERSIL-ISL6423BERZ Datasheet
264Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
April 10, 2007
logo
Renesas Technology Corp
ISL6423BERZ RENESAS-ISL6423BERZ Datasheet
710Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
logo
Intersil Corporation
ISL6423BEVEZ INTERSIL-ISL6423BEVEZ Datasheet
264Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
April 10, 2007
More results

Similar Description - ISL6423B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6421 INTERSIL-ISL6421 Datasheet
261Kb / 10P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
logo
Renesas Technology Corp
ISL6425 RENESAS-ISL6425 Datasheet
586Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
ISL6423B RENESAS-ISL6423B Datasheet
710Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
logo
Intersil Corporation
ISL6423B INTERSIL-ISL6423B_14 Datasheet
264Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
April 10, 2007
logo
Renesas Technology Corp
ISL6421A RENESAS-ISL6421A Datasheet
701Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
logo
Intersil Corporation
ISL6421A INTERSIL-ISL6421A Datasheet
406Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
ISL6421A INTERSIL-ISL6421A_06 Datasheet
417Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
ISL6425 INTERSIL-ISL6425 Datasheet
285Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
ISL6421AER INTERSIL-ISL6421AER Datasheet
430Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
March 9, 2006
logo
Renesas Technology Corp
ISL9492 RENESAS-ISL9492 Datasheet
1Mb / 21P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Satellite Set-Top Box Designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com