Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ISL6423B Datasheet(PDF) 4 Page - Intersil Corporation

Part No. ISL6423B
Description  Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL6423B Datasheet(HTML) 4 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Typical Application Schematic QFN
R13 4.7k
R22
47k
R23
10k
M6
NDS356AP
L4 220µH
1
2
C15
0.22µF
R7
15
EXTM
C16
10n
FLT BAR
TDOUT
Q2
TPC6002
D5
CMS06
D6
CMS06
RTN
R8
0.1
R9
470
R10
18
0
D7
CMS06
C18
10µF
C19
10µF
C20
10µF
0
SDA
0
0
SCL
0
SELVTOP
L5
15µH
1
2
C21
100pF
0
0
TXT
0
C22
56µF
C23
56µF
0
C24
1µF
0
L6 4.7µH
1
2
C25 47n
C26
1µF
VLNB
R11
100
R12
100
C27
0.22µF
C28
0.1µF
VIN
RTN
0
D8
1.5KE24
U2
ISL6423ER
EXTM
18
SCL
16
TDIN
14
TDOUT
15
ADDR0
3
VO
13
ADDR1
4
BYPASS
5
SGND
1
TCAP
2
PGND
6
SDA
17
0
C29
1n
R24
4.7k
NOTE : SDA and SCL require pull up to the required logic level.
Q4
2N2222A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn