Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54206IRZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL54206IRZ
Description  MP3/USB 2.0 High Speed Switch with Negative Signal Handling
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54206IRZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL54206IRZ Datasheet HTML 1Page - Intersil Corporation ISL54206IRZ Datasheet HTML 2Page - Intersil Corporation ISL54206IRZ Datasheet HTML 3Page - Intersil Corporation ISL54206IRZ Datasheet HTML 4Page - Intersil Corporation ISL54206IRZ Datasheet HTML 5Page - Intersil Corporation ISL54206IRZ Datasheet HTML 6Page - Intersil Corporation ISL54206IRZ Datasheet HTML 7Page - Intersil Corporation ISL54206IRZ Datasheet HTML 8Page - Intersil Corporation ISL54206IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
FN6409.0
December 18, 2006
Pinouts (Note 1)
ISL54206
(10 LD µTQFN)
TOP VIEW
ISL54206
(10 LD TDFN)
TOP VIEW
NOTE:
1. ISL54206 Switches shown for IN = Logic “0” and CTRL = Logic “1”.
1
3
4
D-
COM -
L
IN
2
10
5
7
8
D+
COM +
R
9
6
VDD
LOGIC
CONTROL
4M
50k
50k
2
4
5
D-
COM -
L
IN
3
7
8
D+
COM +
R
9
6
VDD
LOGIC
CONTROL
50k
50k
1
GND
10
4M
CTRL
Truth Table
ISL54206
IN
CTRL
L, R
D+, D-
00
OFF
OFF
0
1
ON
OFF
1X
OFF
ON
IN: Logic “0” when
≤0.5V, Logic “1” when ≥1.4V with 2.7V to 3.6V
supply.
CTRL: Logic “0” when
≤0.5V or Floating, Logic “1” when ≥1.4V with
2.7V to 3.6V supply.
Pin Descriptions
ISL54206
PIN NO.
NAME
FUNCTION
1
VDD
Power Supply
2
IN
Digital Control Input
3
COM-
Voice and Data Common Pin
4
COM+
Voice and Data Common Pin
5
GND
Ground Connection
6
R
Audio Right Input
7
L
Audio Left Input
8
D+
USB Differential Input
9
D-
USB Differential Input
10
CTRL
Digital Control Input (Audio Enable)
Ordering Information
PART NUMBER
(Note)
PART
MARKING
TEMP. RANGE (°C)
PACKAGE (Pb-Free)
PKG. DWG. #
ISL54206IRUZ-T
FN
-40 to +85
10 Ld 2.1x1.6mm
μTQFN Tape and Reel
L10.2.1x1.6A
ISL54206IRZ-T
061Z
-40 to +85
10 Ld 3mmx3mm TDFN Tape and Reel
L10.3x3A
ISL54206IRZ
061Z
-40 to +85
10 Ld 3mmx3mm TDFN
L10.3x3A
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
or NiPdAu termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products
are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
ISL54206


Similar Part No. - ISL54206IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54206IRZ RENESAS-ISL54206IRZ Datasheet
751Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206IRZ-T RENESAS-ISL54206IRZ-T Datasheet
751Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results

Similar Description - ISL54206IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 INTERSIL-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206 RENESAS-ISL54206 Datasheet
751Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A RENESAS-ISL54206A Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 RENESAS-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A_1010 INTERSIL-ISL54206A_1010 Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205A INTERSIL-ISL54205A Datasheet
357Kb / 14P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com