Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NE8392C Datasheet(PDF) 1 Page - NXP Semiconductors

Part No. NE8392C
Description  Coaxial transceiver interface for Ethernet/Thin Ethernet
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

NE8392C Datasheet(HTML) 1 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Philips Semiconductors
Product specification
NE8392C
Coaxial transceiver interface for Ethernet/Thin Ethernet
1
1995 May 1
853-1693 15180
DESCRIPTION
The NE8392C Coaxial Transceiver Interface (CTI) is a bipolar
coaxial line driver/receiver for Ethernet (10base5) and Thin Ethernet
(10base2) local area networks. The CTI is connected between the
coaxial cable and the Data Terminal Equipment (DTE) and consists
of a receiver, transmitter, receive-mode collision detector, heartbeat
generator and jabber timer (see Block Diagram). The transmitter
output connects directly to a doubly terminated 50
Ω cable, while the
receiver output, collision detector output and transmitter input are
connected to the DTE through isolation transformers. Isolation
between the CTI and the DTE is an IEEE 802.3 requirement that
can be met on signal lines by using a set of pulse transformers
normally available in a standard 16-pin DIP. Power isolation for the
CTI is achieved using DC-to-DC conversion through a power
transformer (see Figure 1, Connection Diagram).
During transmission the jabber timer is initiated to disable the CTI
transmitter in the event of a longer than legal length data packet.
Receive-mode collision detection circuitry monitors the signals on
the coaxial cable to determine the presence of colliding packets and
signals the DTE in the event of a collision. At the end of every
transmission the heartbeat generator creates a pseudo collision for
a short time to ensure that the collision circuitry is functioning
correctly. The heartbeat function can be disabled for repeater
applications.
The CTI is normally part of a three chip set that implements a
complete Ethernet/ Thin Ethernet network interface for a DTE (see
Figure 2, Interface Diagram). The other chips are a Serial Network
Interface (SNI) and a Network Interface Controller (NIC). The SNI
provides Manchester Encoding and Decoding while the NIC handles
the media access protocol and buffer management tasks.
FEATURES
Compatible with Ethernet II IEEE 802.3 10base5 and 10base2,
and ISO 8802/3 interface specifications
100% drop-in compatible with industry standard 8392 sockets
Integrates all transceiver electronics except signal and power
isolation
Only one external resistor required for setting coaxial signaling
current
Jabber timer function integrated on chip
Heartbeat generator can be externally disabled for operation as
IEEE 802.3 compatible repeaters
PIN CONFIGURATION
CD+
1
CD–
2
RX+
3
VEE
4
VEE
5
RX–
6
TX+
7
TX–
8
16 CDS
15 TXO
14
RXI
13 VEE
12 RR–
11 RR+
10 GND
9
HBE
N PACKAGE
1
2
3
4
5
6
7
8
9
10
11
12 13
14 15 16 17 18
19
20
21
22
23
24
25
26
27
28
V
EE
V
EE
V
EE
V
EE
V
EE
V
EE
V
EE
V
EE
V
EE
V
EE
V
EE
V
EE
V
EE
RR–
A PACKAGE
SD00283
On-chip precision voltage reference for receive mode collision
detection
Squelch circuitry on all signal inputs rejects noise
Full ESD protection
Standard 16-pin DIP and 28-pin PLCC packages
Power-on reset prevents glitches on coaxial cable during power
up.
Also available in advanced low-power BiCMOS technology. (See
selection chart and data sheets for the NE83C92, NE83Q92 or
NE83Q93 for appropriate optimal usages)
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
16-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
NE8392CN
SOT28-4
28-Pin Plastic Lead Chip Carrier (PLCC)
0 to +70
°C
NE8392CA
SOT261-3


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn